Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS11003 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS11003
Description  110MHz SAW Filter 1MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS11003 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS11003 Datasheet HTML 1Page - SIPAT Co,Ltd LBS11003 Datasheet HTML 2Page - SIPAT Co,Ltd LBS11003 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS11003
Rev. Date
2009-02-17
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
110MHz SAW Filter
1MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS11003
Typical Performance
Frequency Respond
Passband Respond
102
104
106
108
110
112
114
116
118
-88.8533
-78.8533
-68.8533
-58.8533
-48.8533
-38.8533
-28.8533
-18.8533
-8.8533
1.1467
Type Performance
Frequency(MHz)
108.5
109
109.5
110
110.5
111
111.5
-11.3533
-10.8533
-10.3533
-9.8533
-9.3533
-8.8533
-8.3533
-7.8533
-7.3533
Type Performance
Frequency(MHz)
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 0.5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±0.6MHz)
Phase Linearity(f0±0.6MHz)
109
109.5
110
110.5
111
-1500
-1000
-500
0
500
1000
1500
2000
2500
3000
3500
X: 110
Y: 888.3
Type Performance
Frequency(MHz)
X: 110.6
Y: 1459
X: 109.4
Y: 1040
109
109.5
110
110.5
111
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
X: 110.6
Y: 0.718
Type Performance
Frequency(MHz)
X: 109.4
Y: 4.841
X: 110
Y: 2.568
Horizontal: 0.5MHz/Div
Vertical: 500ns/Div
Horizontal: 0.5MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBS11003

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11003 SIPAT-LBS11003 Datasheet
137Kb / 3P
   110MHz SAW Filter 1MHz Bandwidth
More results

Similar Description - LBS11003

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11003 SIPAT-LBS11003 Datasheet
137Kb / 3P
   110MHz SAW Filter 1MHz Bandwidth
LBS11002 SIPAT-LBS11002 Datasheet
296Kb / 3P
   110MHz SAW Filter 1MHz Bandwidth
LBS11002 SIPAT-LBS11002 Datasheet
295Kb / 3P
   110MHz SAW Filter 1MHz Bandwidth
LBS11001 SIPAT-LBS11001 Datasheet
137Kb / 3P
   110MHz SAW Filter 2MHz Bandwidth
LBN11004 SIPAT-LBN11004 Datasheet
150Kb / 3P
   110MHz SAW Filter 29MHz Bandwidth
LBS11001 SIPAT-LBS11001 Datasheet
143Kb / 3P
   110MHz SAW Filter 2MHz Bandwidth
LBN11004 SIPAT-LBN11004 Datasheet
150Kb / 3P
   110MHz SAW Filter 29MHz Bandwidth
logo
Oscilent Corporation
813-IF110.0M-02A OSCILENT-813-IF110.0M-02A Datasheet
185Kb / 6P
   110MHz IF SAW Filter 2.18MHz Bandwidth
813-IF110.0M-04A OSCILENT-813-IF110.0M-04A Datasheet
184Kb / 6P
   110MHz IF SAW Filter 4.82MHz Bandwidth
logo
SIPAT Co,Ltd
LBS11508B SIPAT-LBS11508B Datasheet
137Kb / 3P
   115MHz SAW Filter 1MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com