Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS11503 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBS11503
Description  114.99MHz SAW Filter 2MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS11503 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBS11503 Datasheet HTML 1Page - SIPAT Co,Ltd LBS11503 Datasheet HTML 2Page - SIPAT Co,Ltd LBS11503 Datasheet HTML 3Page - SIPAT Co,Ltd LBS11503 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS11503
Rev. Date
2007-04-30
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
2.0
Page 2/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
114.99MHz SAW Filter
2MHz Bandwidth
Part Number: LBS11503
Package Dimension
1) ·: Pad Number 1 Index
2) SIPAT: Manufacturer name
3) LBS11503: Part Number
4) 07XX: Date Code
Input
2
Output
9
Ground
1,3,4,5,6,
7,8,10,11,12
Package: DIP2512
Unit: mm
24.6(0.96`)
17.78(0.7`)
14x2.54(0.1`)
12
0.5(
0.0
2`)
8
1.4(
0.0
5`)
0.45(0.05`)
LBS11503
SIPAT
07XX
1
2 3
4
5 6
12 11 10
9
7
8


Similar Part No. - LBS11503

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11503 SIPAT-LBS11503 Datasheet
153Kb / 4P
   114.99MHz SAW Filter 2MHz Bandwidth
LBS11503A SIPAT-LBS11503A Datasheet
32Kb / 1P
   SAW Filter Electrical Characteristic
LBS11503A SIPAT-LBS11503A Datasheet
35Kb / 1P
   SAW Filter Electrical Characteristic
More results

Similar Description - LBS11503

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11503 SIPAT-LBS11503 Datasheet
153Kb / 4P
   114.99MHz SAW Filter 2MHz Bandwidth
LBS07603 SIPAT-LBS07603 Datasheet
143Kb / 3P
   76MHz SAW Filter 2MHz Bandwidth
LBS20402 SIPAT-LBS20402 Datasheet
287Kb / 3P
   204MHz SAW Filter 2MHz Bandwidth
LBT08035 SIPAT-LBT08035 Datasheet
151Kb / 3P
   80MHz SAW Filter 2MHz Bandwidth
LBT45802 SIPAT-LBT45802 Datasheet
262Kb / 3P
   458MHz SAW Filter 2MHz Bandwidth
LBT41302 SIPAT-LBT41302 Datasheet
195Kb / 3P
   414.5MHz SAW Filter 2MHz Bandwidth
LBS09032 SIPAT-LBS09032 Datasheet
138Kb / 3P
   90.3MHz SAW Filter 2MHz Bandwidth
LBS06607 SIPAT-LBS06607 Datasheet
149Kb / 3P
   66.1MHz SAW Filter 2MHz Bandwidth
LBS14052 SIPAT-LBS14052 Datasheet
142Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
LBS12031 SIPAT-LBS12031 Datasheet
145Kb / 3P
   120MHz SAW Filter 2MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com