Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1509BIULTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SX1509BIULTRT
Description  ADVANCED COMMUNICATIONS & SENSING
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1509BIULTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SX1509BIULTRT Datasheet HTML 4Page - Semtech Corporation SX1509BIULTRT Datasheet HTML 5Page - Semtech Corporation SX1509BIULTRT Datasheet HTML 6Page - Semtech Corporation SX1509BIULTRT Datasheet HTML 7Page - Semtech Corporation SX1509BIULTRT Datasheet HTML 8Page - Semtech Corporation SX1509BIULTRT Datasheet HTML 9Page - Semtech Corporation SX1509BIULTRT Datasheet HTML 10Page - Semtech Corporation SX1509BIULTRT Datasheet HTML 11Page - Semtech Corporation SX1509BIULTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
8
www.semtech.com
SX1508B/SX1509B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
Symbol
Description
Conditions
Min
Typ
Max
Unit
tPV
Output data valid timing
Cf. Figure 8
-
-
425
ns
NINT (Output)
VOL
Low level output voltage
-
-0.4
-
0.3
V
VDDM >= 2V
-
-
8
IOLM
Low level output sink current
VDDM < 2V
-
-
4
mA
tIV
Interrupt valid timing
From input data change
-
-
4
µs
tIR
Interrupt reset timing
From RegInterruptSource
clearing
-
-
4
µs
NRESET (Input)
VDDM >= 2V
0.7*VDDM
-
VDDMmax
VIHMR
High level input voltage
VDDM < 2V
0.8*VDDM
-
VDDMmax
V
VDDM >= 2V
-0.4
-
0.3*VDDM
VILM
Low level input voltage
VDDM < 2V
-0.4
-
0.2*VDDM
V
ILEAK
Input leakage current
-
-1
-
1
µA
CI
Input capacitance
-
-
-
10
pF
VPOR
Power-On-Reset voltage
Cf. Figure 6
-
0.8
-
V
VDROPH High brown-out voltage
Cf. Figure 6
-
VDDM-1
-
V
VDROPL Low brown-out voltage
Cf. Figure 6
-
0.2
-
V
tRESET
Reset time
Cf. Figure 6
-
-
2.5
ms
tPULSE
Reset pulse from host uC
Cf. Figure 6
200
-
-
ns
ADDR0, ADDR1 (Inputs)
VDDM >= 2V
0.7*VDDM
-
VDDM+0.3
VIHMA
High level input voltage
VDDM < 2V
0.8*VDDM
-
VDDM+0.3
V
VDDM >= 2V
-0.4
-
0.3*VDDM
VILM
Low level input voltage
VDDM < 2V
-0.4
-
0.2*VDDM
V
ILEAK
Input leakage current
-
-1
-
1
µA
CI
Input capacitance
-
-
-
10
pF
OSCIO (Input/Output)
VDDM >= 2V
0.7*VDDM
-
VDDM+0.3
1.425V =< VDDM < 2V
0.8*VDDM
-
VDDM+0.3
VIHMO
High level input voltage
VDDM < 1.425V
0.9*VDDM
-
VDDM+0.3
V
VDDM >= 2V
-0.4
-
0.3*VDDM
1.425V =< VDDM < 2V
-0.4
-
0.2*VDDM
V
VILMO
Low level input voltage
VDDM < 1.425V
-0.4
-
0.1*VDDM
ILEAK
Input leakage current
-
-1
-
1
µA
CI
Input capacitance
-
-
-
10
pF
VOHM
High level output voltage
-
VDDM-0.3
-
VDDM
V
VOL
Low level output voltage
-
-0.4
-
0.3
V
VDDM >= 2V
-
-
8
IOHM
High level output source current
VDDM < 2V
-
-
2
mA
VDDM >= 2V
-
-
8
IOLM
Low level output sink current
VDDM < 2V
-
-
4
mA
SCL (Input) and SDA (Input/Output)
(3)
Interface complies with slave F/S mode I
2C interface as described by Philips I2C specification version 2.1
dated January, 2000. Please refer to that document for more detailed I
2C specifications.
VOL
Low level output voltage
-
-0.4
-
0.3
V
VDDM >= 2V
-
-
8
IOLM
Low level output sink current
VDDM < 2V
-
-
4
mA
VDDM >= 2V
0.7*VDDM
-
VDDMmax
VIHMR
High level input voltage
VDDM < 2V
0.8*VDDM
-
VDDMmax
V
VDDM >= 2V
-0.4
-
0.3*VDDM
VILM
Low level input voltage
VDDM < 2V
-0.4
-
0.2*VDDM
V


Similar Part No. - SX1509BIULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1509BIULTRT SEMTECH-SX1509BIULTRT Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
More results

Similar Description - SX1509BIULTRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF64 ETC2-RF64 Datasheet
2Mb / 76P
   ADVANCED COMMUNICATIONS & SENSING
logo
Semtech Corporation
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
SX812X SEMTECH-SX812X Datasheet
546Kb / 17P
   1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
Siemens Semiconductor G...
PEB2035 SIEMENS-PEB2035 Datasheet
521Kb / 134P
   ICs for Communications (Advanced CMOS Frame Aligner)
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Gamewell-FCI by Honeywe...
MCS-4-WARN GAMEWELL-FCI-MCS-4-WARN Datasheet
64Kb / 2P
   Advanced Multi-Criteria Detector with Four Unique Sensing Elements
logo
List of Unclassifed Man...
IQS316 ETC2-IQS316 Datasheet
985Kb / 26P
   Multi-channel Capacitive Sensing Controller with Advanced Signal Processing Functions
logo
Systemsensor advanced i...
2251-COPTIR SYSTEMSENSOR-2251-COPTIR Datasheet
777Kb / 2P
   Advanced Multi-Criteria Fire Detector with four unique sensing elements
logo
Texas Instruments
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com