Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L0806C220MDWST Datasheet(PDF) 4 Page - Kemet Corporation

Part # L0806C220MDWST
Description  Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L0806C220MDWST Datasheet(HTML) 4 Page - Kemet Corporation

  L0806C220MDWST Datasheet HTML 1Page - Kemet Corporation L0806C220MDWST Datasheet HTML 2Page - Kemet Corporation L0806C220MDWST Datasheet HTML 3Page - Kemet Corporation L0806C220MDWST Datasheet HTML 4Page - Kemet Corporation L0806C220MDWST Datasheet HTML 5Page - Kemet Corporation L0806C220MDWST Datasheet HTML 6Page - Kemet Corporation L0806C220MDWST Datasheet HTML 7Page - Kemet Corporation L0806C220MDWST Datasheet HTML 8Page - Kemet Corporation L0806C220MDWST Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
4
Features:
Operating Temperature:
• Small size wound chip inductor with low DC resistance
• - ºC to +105ºC (including self-generated heat)
• Dimension without directional influence on mountability
and characteristics
Applications:
• Digital Still Cameras (DSC), Digital Video Cameras (DVC),
PDA’s and other portable digital equipment
• Portable telephones and wireless LAN
Inductance
Examples:
3N9 = 0.0039μH
1R0 = 1.0μH
10N = 0.01μH
100 = 10μH
R10 = 0.1μH
101 = 100μH
Inductance Tolerance
K = ±10%, M = ±20%
Inductor
L
C
0805
100
M
PWS
T
E
T
W
L
Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
Part Numbering Table
Dimension Table in millimeters (inches)
Case Size (EIA)
0603
1007
0805
1207
0806
EIA
Case
Code
Metric
Dim.
Code
L
Length
(inches)
W
Width
(inches)
T
Thickness
Maximum
(inches)
E
(inches)
0603
1608
1.6 ±0.1
(0.063 ±0.004)
0.8 ±0.1
(0.031 ±0.004)
0.8 ±0.1
(0.031 ±0.004)
0.35 ±0.2
(0.014 ±0.008)
0805
2012
2.0 ±0.2
(0.079 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
0806
2016
2.0 ±0.2
(0.079 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
1007
2518
2.5 ±0.2
(0.098 ±0.008)
1.8 ±0.2
(0.072 ±0.008)
1.8 ±0.2
(0.072 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
1207
3218
3.2 ±0.2
(0.128 ±0.008)
1.8 ±0.2
(0.072 ±0.008)
1.8 ±0.2
(0.072 ±0.008)
0.6 ±0.2
(0.024 ±0.008)
Type
PWS = Standard Type
PWI = High Current Type
PWR = Low Rdc Type
PWF = Bottom Surface
Electrode (See Part
Number Table)
Specification
C = Commercial
B = Bottom Surface Electrode
R - Low Rdc Type
Packaging Code
T = Tape & Reel


Similar Part No. - L0806C220MDWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0806C220MPWIT KEMET-L0806C220MPWIT Datasheet
367Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
L0806C220MPWIT KEMET-L0806C220MPWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0806C220MPWST KEMET-L0806C220MPWST Datasheet
367Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
L0806C220MPWST KEMET-L0806C220MPWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0806C220MPWST KEMET-L0806C220MPWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
More results

Similar Description - L0806C220MDWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0805C100MPWST KEMET-L0805C100MPWST Datasheet
367Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
L0603B100KPWFT KEMET-L0603B100KPWFT Datasheet
54Kb / 1P
   KEMET, L-PWF, Power, 10 uH, 10%
logo
Weidmuller
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
logo
PHOENIX CONTACT
3210541 PHOENIX-3210541 Datasheet
115Kb / 6P
   PIT 2,5-PE/L/L
logo
Weidmuller
2668900000 WEIDMULLER-2668900000 Datasheet
523Kb / 5P
   AITB 2.5 BB L-L
logo
API Delevan
5400R API-5400R Datasheet
1Mb / 1P
   High L Filter Inductors
logo
Rhombus Industries Inc.
L-13300 RHOMBUS-IND-L-13300 Datasheet
36Kb / 1P
   High L Mini Inductors
logo
Fronter Electronics Co....
FT21M07C FRONTER-FT21M07C Datasheet
180Kb / 1P
   S-1/S-2, L-1/L-2/L-3/L-4 DIP TYPE
logo
Weidmuller
2668930000 WEIDMULLER-2668930000 Datasheet
530Kb / 5P
   AITB 2.5 BB L-L-PE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com