Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90143-0034 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90143-0034
Description  2.54mm Pitch C-Grid III??Modular Crimp Housing, Dual Row, 34 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

90143-0034 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90143-0034 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
90143-0034
Status:
Active
Overview:
C-Grid III™
Description:
2.54mm Pitch C-Grid III™ Modular Crimp Housing, Dual Row, 34 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
90143
Application
Signal, Wire-to-Board
Comments
No Buttons
Overview
C-Grid III™
Product Name
C-Grid III™
UPC
800753530041
Physical
Breakaway
No
Circuits (maximum)
34
Circuits Detail
No Voided Circuits
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Resin
PPO
Net Weight
1.935/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Polarized to Mating Part
No
Ports
1
Stackable
Yes
Temperature Range - Operating
-55°C to +105°C
Electrical
Current - Maximum per Contact
3A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-90143
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90143Series
Mates With
C-Grid III™ Header, Dual Row 90122 ,
90130 , 90131
Use With
C-Grid III™ Crimp Terminal 90119
This document was generated on 05/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 90143-0034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
90143-0034 MOLEX10-90143-0034 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 34 Circuits
More results

Similar Description - 90143-0034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0901430034 MOLEX1-0901430034_17 Datasheet
30Kb / 1P
   2.54mm Pitch C-Grid III Modular Crimp Housing, Dual Row, 34 Circuits
0901430034 MOLEX10-0901430034 Datasheet
262Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Modular Crimp Housing, Dual Row, 34 Circuits
0901600134 MOLEX1-0901600134_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 34 Circuits
0901420034 MOLEX1-0901420034_17 Datasheet
28Kb / 1P
   2.54mm Pitch C-Grid III Crimp Housing Dual Row, 34 Circuits
90142-0034 MOLEX11-90142-0034 Datasheet
35Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Dual Row, 34 Circuits
90160-0134 MOLEX11-90160-0134 Datasheet
34Kb / 1P
   2.54mm Pitch C-Grid III??Crimp Housing Dual Row, 34 Circuits
0901420034 MOLEX10-0901420034 Datasheet
154Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 34 Circuits
0901600134 MOLEX10-0901600134 Datasheet
169Kb / 2P
   2.54mm (.100) Pitch C-Grid III??Crimp Housing - Dual Row, 34 Circuits
90143-0008 MOLEX11-90143-0008 Datasheet
36Kb / 1P
   2.54mm Pitch C-Grid III??Modular Crimp Housing, Dual Row, 8 Circuits
0901430064 MOLEX1-0901430064_17 Datasheet
30Kb / 1P
   2.54mm Pitch C-Grid III Modular Crimp Housing, Dual Row, 64 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com