Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLF3010AT-6R8MR61 Datasheet(PDF) 2 Page - TDK Electronics

Part # VLF3010AT-6R8MR61
Description  SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLF3010AT-6R8MR61 Datasheet(HTML) 2 Page - TDK Electronics

  VLF3010AT-6R8MR61 Datasheet HTML 1Page - TDK Electronics VLF3010AT-6R8MR61 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(2/2)
001-06 / 20061024 / e531_vlf3010a.fm
• All specifications are subject to change without notice.
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
Q vs. FREQUENCY CHARACTERISTICS
• Test equipment: YHP4194A IMPEDANCE/GAIN-PHASE ANALYZER(10kHz to 40MHz)
TEST CIRCUIT
0
5
10
15
35
30
25
20
4.7
µH
22
µH
0
0.2
0.4
0.6
0.8
0.1
0.3
0.5
0.7
DC current (A)
0.1
1
10
100
1000
10000
40
100
1000
10000
100000
Frequency(kHz)
100000
2.2
µH
4.7
µH
10
µH
22
µH
0
80
60
40
20
70
50
30
10
40
100
1000
10000
100000
Frequency(kHz)
2.2
µH
4.7
µH
10
µH
22
µH
40
100
1000
10000
100000
Frequency(kHz)
0
50
40
30
20
10
2.2
µH
4.7
µH
10
µH
22
µH
1: LCR meter 4285A=100kHz
2: DC constant current
1
2
A
C=20,000
µF
L=0.1H
Sample


Similar Part No. - VLF3010AT-6R8MR61

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
VLF3010AT2R2-M1RD LINEAR-VLF3010AT2R2-M1RD Datasheet
278Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulaor
VLF3010AT3R3-MR87 LINEAR-VLF3010AT3R3-MR87 Datasheet
278Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulaor
VLF3010AT4R7-MR70 LINEAR-VLF3010AT4R7-MR70 Datasheet
278Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulaor
More results

Similar Description - VLF3010AT-6R8MR61

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF5020T-1R8N2R0 TDK-VLCF5020T-1R8N2R0 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF4012AT-1R5M1R6 TDK-VLF4012AT-1R5M1R6 Datasheet
45Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010A TDK-VLF3010A Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
NLFC322522T-100K-PF TDK-NLFC322522T-100K-PF Datasheet
47Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS252012T-3R3MR99 TDK-VLS252012T-3R3MR99 Datasheet
49Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-2R2N TDK-VLC6045T-2R2N Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-4R7M TDK-VLC6045T-4R7M Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com