Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL1608-FSL10NJ Datasheet(PDF) 1 Page - TOKO, Inc

Part # LL1608-FSL10NJ
Description  Multilayer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL1608-FSL10NJ Datasheet(HTML) 1 Page - TOKO, Inc

  LL1608-FSL10NJ Datasheet HTML 1Page - TOKO, Inc LL1608-FSL10NJ Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL1608-FSL
Inductance Range: 1.2~270nH (E-12 Series)
Temperature Coefficient of L: + 250ppm/°C (for reference only)
Length
L (mm)
Width
W (mm)
Thickness
T (mm)
Electrode width
A (mm)
1.6
 0.15
0.8
 0.15
0.8
 0.15
0.3
 0.2
 Marking of polarity: Marking is on the upper Surface of
the unit.
 极性标志:标志在单元上部表面。
FEATURES 特点
 Guaranteed S.R.F range (SRF tolerance: 15%)
 Dual frequency standard for inductance value
 Supports high temperature reflow soldering (260°C, 3
times)
 Surface mounting applicability (Supports both reflow and
flow soldering)
 High reliability (ceramic integrated structure, and terminals
plated)
 RoHS compliant
 保证SRF范围(SRF公差:±15%)
 电感值采用双频率标准
 支持高温回流焊接(260°C,3次)
 表面贴装实用性(同时支持回流焊接和流动焊接)
 可靠性高(陶瓷制品混合结构,以及电镀电极)
 符合RoHS指令
ELECTRICAL CHARACTERISTICS 电气特性
 Inductance Range
1.2~270nH (E-12 Series)
 Inductance Tolerance
S ;
 0.3nH (1.2~5.6nH)
J ;
 5% (6.8~270nH)
 Q (Typical)
20~54 (at 800MHz)
 Rated Current
150~1,000mA
 Inductance Temperature Coefficient + 250ppm/°C
(for reference only)
 Operating Temperature Range -55°C~+ 125°C
 Storage Temperature Range
-55°C~+ 125°C
 电感值范围
1.2~270nH (E-12系列)
 电感值公差
S級;
0.3nH (1.2~5.6nH)
J級 ;
5% (6.8~270nH)
 Q (典型)
20~54 (在800MHz情况下)
 额定电流値
150~1,000mA
 电感的感应温度系数(仅供参考)
250ppm/°C
 工作温度范围
55°C~+125°C
 储存温度范围
55°C~+125°C
EXAMPLES OF CHARACTERISTICS 特性范例
continued on next page 接下页
Multilayer Chip Inductors
叠层片式电感器


Similar Part No. - LL1608-FSL10NJ

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608-FSL10NJ TOKO-LL1608-FSL10NJ Datasheet
377Kb / 2P
   Multilayer Chip Inductors
More results

Similar Description - LL1608-FSL10NJ

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com