Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB3218T681 Datasheet(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

Part # LB3218T681
Description  Notice for TAIYO YUDEN products
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB3218T681 Datasheet(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LB3218T681 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LB3218T681 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB3218T681 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB3218T681 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB3218T681 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LB3218T681 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LB3218T681 Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LB3218T681 Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LB3218T681 Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_reli_e-E02R01
WIRE-WOUND CHIP INDUCTORS (LB SERIES),
WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES),
WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
RELIABILITY DATA
1.Operating temperature Range
Specified Value
LB, LBC, LBR, LBMF Series
-40~+105℃(Including self-generated heat)
CB, CBC, CBL, CBMF Series
LBM Series
2. Storage Temperature Range(after soldering)
Specified Value
LB, LBC, LBR, LBMF Series
-40~+85℃
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB, CB Series:
Please refer the term of "7. storage conditions" in precautions.
3.Rated Current
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
4.Inductance
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBMF・CBMF・LBM Series
Measuring equipment
:LCR Mater(HP4285A or its equivalent)
5.Q
Specified Value
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
LBM Series
Within the specified tolerance
Test Methods and
Remarks
LBM Series
Measuring equipment
: LCR Mater(HP4285A or its equivalent)
6.DC Resisitance
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Measuring equipment : DC Ohmmeter (HIOKI 3227 or its equivalent)
7.Self-Resonant Frequency
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Measuring equipment : Impedance analyzer (HP4291A or its equivalent)


Similar Part No. - LB3218T681

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB3218T681 TAIYO-YUDEN-LB3218T681 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB3218T681 TAIYO-YUDEN-LB3218T681 Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB3218T681 TAIYO-YUDEN-LB3218T681 Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB3218T681K TAIYO-YUDEN-LB3218T681K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors (LB series)
LB3218T681K TAIYO-YUDEN-LB3218T681K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results

Similar Description - LB3218T681

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com