Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB3218T102 Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # LB3218T102
Description  Notice for TAIYO YUDEN products
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB3218T102 Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LB3218T102 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB3218T102 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB3218T102 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB3218T102 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LB3218T102 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LB3218T102 Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LB3218T102 Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LB3218T102 Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc LB3218T102 Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_reli_e-E02R01
8.Temperature Characteristic
Specified Value
LBM2016
Inductance change : Within±5%
LB1608
LB2012
LBR2012
CB2012
Inductance change : Within±20%
CBL2012
LB2016
CB2016
LB2518
LBR2518
CB2518
LBC3225
CBC3225
LBMF1608
CBMF1608
LBC2016
CBC2016
Inductance change : Within±25%
LBC2518
CBC2518
LB3218
LBC2012
CBC2012
Inductance change : Within±35%
Test Methods and
Remarks
Change of maximum inductance deviation in step 1-5
Step
Temperature(℃)
LB, CB Series
1
20
2
-40
3
20(Reference temperature)
4
+85(Maximum operating temperature)
5
20
9.Rasistance to Flexure of Substrate
Specified Value
LB, LBC, LBR, LBMF Series
No damage.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Warp
: 2mm(LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF Series)
Test substrate : Board according to JIS C0051
Thickness
: 0.8mm(LB・LBMF・CBMF1608)
: 1.0mm(Others)
10.Body Strength
Specified Value
LB, LBC, LBR, LBMF Series
No damage.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM
Applied force
: 10N
Duration
: 10sec.
LB1608・LBMF1608・CBMF1608
Applied force
: 5N
Duration
: 10sec.
11.Adhesion of terminal electrode
Specified Value
LB, LBC, LBR, LBMF Series
No abnormality.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF
Applied force
: 10N to X and Y directions
Duration
: 5 sec.
Test substrate
: Printed board
LB1608・CBMF1608・LBMF1608
Applied force
: 5N to X and Y directions
Duration
: 5 sec.
Test substrate
: Printed board


Similar Part No. - LB3218T102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB3218T102 TAIYO-YUDEN-LB3218T102 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB3218T102 TAIYO-YUDEN-LB3218T102 Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB3218T102 TAIYO-YUDEN-LB3218T102 Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB3218T102K TAIYO-YUDEN-LB3218T102K Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T102K TAIYO-YUDEN-LB3218T102K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results

Similar Description - LB3218T102

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com