Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGU1V472MELZ Datasheet(PDF) 2 Page - Nichicon corporation

Part # LGU1V472MELZ
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGU1V472MELZ Datasheet(HTML) 2 Page - Nichicon corporation

  LGU1V472MELZ Datasheet HTML 1Page - Nichicon corporation LGU1V472MELZ Datasheet HTML 2Page - Nichicon corporation LGU1V472MELZ Datasheet HTML 3Page - Nichicon corporation LGU1V472MELZ Datasheet HTML 4Page - Nichicon corporation LGU1V472MELZ Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
GU
series
Dimensions
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
22
× 25
22
× 30
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 30
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 35
30
× 45
35
× 35
35
× 45
35
× 50
1610
1800
1910
1910
2140
2340
2250
2650
2610
2610
2690
2810
2740
3270
3130
3260
3540
3560
3840
4240
3960
4750
5500
1.02
1.12
1.23
1.23
1.35
1.35
1.35
1.50
1.50
1.50
1.64
1.64
1.64
1.83
1.83
1.83
2.01
2.01
2.01
2.22
2.22
2.46
2.72
LGU1E472MELZ
LGU1E562MELZ
LGU1E682MELZ
LGU1E682MELA
LGU1E822MELZ
LGU1E822MELA
LGU1E822MELB
LGU1E103MELZ
LGU1E103MELA
LGU1E103MELB
LGU1E123MELZ
LGU1E123MELA
LGU1E123MELB
LGU1E153MELA
LGU1E153MELB
LGU1E153MELC
LGU1E183MELA
LGU1E183MELB
LGU1E183MELC
LGU1E223MELB
LGU1E223MELC
LGU1E273MELC
LGU1E333MELC
25V (1E)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD×L(mm)
Cap.
(µF)
1800
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1340
1700
1700
1980
2000
2250
2280
2220
2560
2610
2580
2890
2810
2950
3370
3390
3310
3710
3660
4090
4070
4560
4770
0.90
1.10
1.10
1.21
1.21
1.32
1.32
1.32
1.45
1.45
1.45
1.58
1.58
1.58
1.74
1.74
1.74
1.92
1.92
2.12
2.12
2.32
2.59
LGU1H182MELZ
LGU1H272MELZ
LGU1H272MELA
LGU1H332MELZ
LGU1H332MELA
LGU1H392MELZ
LGU1H392MELA
LGU1H392MELB
LGU1H472MELZ
LGU1H472MELA
LGU1H472MELB
LGU1H562MELZ
LGU1H562MELA
LGU1H562MELB
LGU1H682MELA
LGU1H682MELB
LGU1H682MELC
LGU1H822MELB
LGU1H822MELC
LGU1H103MELB
LGU1H103MELC
LGU1H123MELC
LGU1H153MELC
50V (1H)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD×L(mm)
Cap.
(µF)
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
22
× 25
22
× 30
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 30
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1750
2000
2100
2050
2310
2300
2380
2680
2680
2570
2980
3160
3000
3400
3390
3250
3850
3830
3740
4300
4270
4810
4800
5530
0.98
1.08
1.20
1.20
1.31
1.31
1.31
1.46
1.46
1.46
1.60
1.60
1.60
1.77
1.77
1.77
1.97
1.97
1.97
2.17
2.17
2.36
2.36
2.60
LGU1C682MELZ
LGU1C822MELZ
LGU1C103MELZ
LGU1C103MELA
LGU1C123MELZ
LGU1C123MELA
LGU1C123MELB
LGU1C153MELZ
LGU1C153MELA
LGU1C153MELB
LGU1C183MELZ
LGU1C183MELA
LGU1C183MELB
LGU1C223MELA
LGU1C223MELB
LGU1C223MELC
LGU1C273MELA
LGU1C273MELB
LGU1C273MELC
LGU1C333MELB
LGU1C333MELC
LGU1C393MELB
LGU1C393MELC
LGU1C473MELC
16V (1C)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD×L(mm)
Cap.
(µF)
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
22
× 25
22
× 30
22
× 35
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
35
× 40
35
× 50
1450
1690
2020
1780
2130
2040
2120
2410
2310
2310
2850
2730
2750
3050
3050
3370
3280
3200
3740
3690
4370
4920
1.01
1.10
1.21
1.21
1.32
1.32
1.32
1.46
1.46
1.46
1.60
1.60
1.60
1.77
1.77
1.94
1.94
1.94
2.17
2.17
2.38
2.63
LGU1V332MELZ
LGU1V392MELZ
LGU1V472MELZ
LGU1V472MELA
LGU1V562MELZ
LGU1V562MELA
LGU1V562MELB
LGU1V682MELZ
LGU1V682MELA
LGU1V682MELB
LGU1V822MELZ
LGU1V822MELA
LGU1V822MELB
LGU1V103MELA
LGU1V103MELB
LGU1V123MELA
LGU1V123MELB
LGU1V123MELC
LGU1V153MELB
LGU1V153MELC
LGU1V183MELC
LGU1V223MELC
35V (1V)
Rated ripple
(mA)
Leakage
Current
(mA)
Code
Size
φD×L(mm)
Cap.
(µF)
Rated ripple current (mArms) at 105°C 120Hz
CAT.8100B


Similar Part No. - LGU1V472MELZ

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGU1V472MELZ NICHICON-LGU1V472MELZ Datasheet
132Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1V472MELZ NICHICON-LGU1V472MELZ Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1V472MELZ NICHICON-LGU1V472MELZ Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1V472MELZ NICHICON-LGU1V472MELZ Datasheet
74Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGU1V472MELZ NICHICON-LGU1V472MELZ Datasheet
100Kb / 6P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGU1V472MELZ

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com