Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LK16085R6-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # LK16085R6-T
Description  Notice for TAIYO YUDEN products
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LK16085R6-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  LK16085R6-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LK16085R6-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LK16085R6-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LK16085R6-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LK16085R6-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LK16085R6-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LK16085R6-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LK16085R6-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LK16085R6-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
67
MULTILAYER CHIP INDUCTORS(LK SERIES)
REFLOW
WAVE*
*Except for LK1005
i_mlci_LK_e-E02R01
MULTILAYER CHIP INDUCTORS (LK SERIES)
PARTS NUMBER
*Operating Temp. : -40~+85℃
L
K △
1
6
0
8
R
1
0
M
- T
△=Blank space
①Series name
Code
Series name
LK△
Multilayer chip inductor
②Dimensions(L×W)
Code
Type(inch)
Dimensions
(L×W)[mm]
1005
1005(0402)
1.0×0.5
1608
1608(0603)
1.6×0.8
2125
2125(0805)
2.0×1.25
③Nominal inductance
Code
(example)
Nominal inductance[μH]
47N
0.047
R10
0.1
1R0
1.0
100
10
※R=Decimal point
※N=0.0(nH type)
④Inductance tolerance
Code
Inductance tolerance
K
±10%
M
±20%
⑤Packaging
Code
Packaging
-T
Taping
⑥Internal code
Code
Internal code
Standard
STANDARD EXTERNAL DIMENSIONS / STANDARD QUANTITY
Type
L
W
T
e
Standard quantity [pcs]
Paper tape
Embossed tape
LK 1005
(0402)
1.00±0.05
(0.039±0.002)
0.50±0.05
(0.020±0.002)
0.50±0.05
(0.020±0.002)
0.25±0.10
(0.010±0.004)
10000
LK 1608
(0603)
1.6±0.15
(0.063±0.006)
0.8±0.15
(0.031±0.006)
0.8±0.15
(0.031±0.006)
0.3±0.2
(0.012±0.008)
4000
LK 2125
(0805)
2.0+0.3/-0.1
(0.079+0.012/-0.004)
1.25±0.2
(0.049±0.008)
0.85±0.2
(0.033±0.008)
0.5±0.3
(0.020±0.012)
4000
2.0+0.3/-0.1
(0.079+0.012/-0.004)
1.25±0.2
(0.049±0.008)
1.25±0.2
(0.049±0.008)
0.5±0.3
(0.020±0.012)
2000
Unit:mm(inch)


Similar Part No. - LK16085R6-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LK16085R6K-T TAIYO-YUDEN-LK16085R6K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK16085R6M-T TAIYO-YUDEN-LK16085R6M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
More results

Similar Description - LK16085R6-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com