Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LI0805H121R-10 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LI0805H121R-10
Description  Ferrite EMI Chip Beads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LI0805H121R-10 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LI0805H121R-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers LI0805H121R-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers LI0805H121R-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers LI0805H121R-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image

www.lairdtech.com
SIP-BRO-CHIPBEADS-0308
*Insertion loss peaks at beyond 10 GHz
Visit www.LAIRDTECH.com for additional and most up-to-date information.
CHIP BEAD
PART NUMBER
DESCRIPTION /
SPECIAL
FEATURES
METRIC
PKG.
SIZE
TYPICAL IMPEDANCE (
W )
Typical Peak
Impedance
(
W )
Peak
Impedance
Frequency
(MHz)
DCR
MAX
(
W )
RATED
I MAX
(continuous)
mA
Z @
5 MHz
Z @
10 MHz
Z @
25 MHz
Z @
100 MHz
LF0805A252R-10
Low Frequency
2012
1,162
2,553
5,138
1,267
5,138
25
1.25
100
LF1206A302R-10
Low Frequency
3216
1,143
2,743
4,434
740
5,650
19
1.05
100
LF1206C202R-10
Low Frequency
3216
70
300
1,673
915
2,505
41
0.50
300
LF1206E152R-10
Low Frequency
3216
38
150
823
950
1,564
57
0.30
500
0805 & 1206 LOW FREQUENCY EMI CHIP BEADS
CHIP BEAD
PART NUMBER
DESCRIPTION /
SPECIAL
FEATURES
METRIC
PKG.
SIZE
TYPICAL IMPEDANCE (
W )
Typical Peak
Impedance
(
W )
Peak
Impedance
Frequency
(MHz)
DCR
MAX
(
W )
RATED
I MAX
(continuous)
mA
Z @
100 MHz
Z @
1 GHz
Z @
2 GHz
Z @
4 GHz
HF1206J150R-10
High Frequency
3216
2
15
21
42
111
5,450*
0.060
1,000
1206 HIGH FREQUENCY EMI CHIP BEAD
CHIP BEAD
PART NUMBER
DESCRIPTION /
SPECIAL
FEATURES
METRIC
PKG.
SIZE
TYPICAL IMPEDANCE (
W )
Typical Peak
Impedance
(
W )
Peak
Impedance
Frequency
(MHz)
DCR
MAX
(
W )
RATED
I MAX
(continuous)
mA
Z @
25 MHz
Z @
100 MHz
Z @
500 MHz
Z @
1 GHz
2220 CHIP BEADS
(continued)
HI2220P701R-10
High Current
5620
200
700
140
90
700
100
0.025
4,000
HI2220Q401R-10
High Current
5620
100
400
159
99
450
150
0.030
4,500
HI2220R151R-10
High Current
5620
60
150
230
196
230
500
0.015
5,000
HI2220R181R-10
High Current
5620
80
180
263
234
270
400
0.020
5,000
HI2220R301R-10
High Current
5620
100
300
190
100
380
200
0.020
5,000
HI2220T101R-10
High Current
5620
50
100
148
152
160
600
0.006
6,000
HR2220P601R-10
High Retention
5620
200
600
150
75
600
100
0.025
4,000
HR2220V801R-10
High Retention
5620
150
800
125
75
910
90
0.010
8,000
3312 HIGH CURRENT CHIP BEAD
HI3312X101R-10
High Current
8531
39
100
160
172
172
1,000
0.004
10,000
1206 SIZE CHIP ARRAYS
DA1206B102R-10
Array
3216
275
1,000
520
240
1,129
175
0.800
200
DA1206B601R-10
Array
3216
180
600
475
230
761
214
0.350
200
DA1206C121R-10
Array
3216
39
120
181
151
211
559
0.200
300
DA1206D301R-10
Array
3216
94
300
437
245
437
500
0.400
400
DA1206D600R-10
Array
3216
15
60
115
132
133
1,103
0.200
400
DA1206E300R-10
Array
3216
10
30
55
56
56
1,000
0.300
500


Similar Part No. - LI0805H121R-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LI0805H121R-10 ETC2-LI0805H121R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
Laird Tech Smart Techno...
LI0805H121R-10 LSTD-LI0805H121R-10 Datasheet
147Kb / 1P
   this print is the property of laird tech
More results

Similar Description - LI0805H121R-10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM11A471SGPT MURATA-BLM11A471SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com