Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI-M-10-10-0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WI-M-10-10-0
Description  HEAVY DUTY 10 AWG, SILICONE JACKET CABLE 10 FEET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WI-M-10-10-0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WI-M-10-10-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
WI-M-10-10-*
(HEAVY DUTY 10 AWG, SILICONE JACKET CABLE 10 FEET)
Coolflex45 cables get their name from the extremely low temperature rise under high current conditons.
Testing under a continuous AC load of 45 Amps resulted in only a 30⁰F (17⁰C) temperature rise.
Coolflex45 cables were also exposed to overcurrent loads of 70 Amps for fifteen seconds and resulted in
only a 14⁰F (8⁰C) temperature rise. (Note, all testing was performed by an independent, certified
laboratory)
 10 AWG, 1064 strand 56/08x19C, tinned copper with a highly flexible,
.197” (5mm) diameter silicone jacket.
 Ratings: 600V, 45 Amps. @ 150⁰C
 Colors: designated by “*” in the part number: -0 black, -2 red,
 RoHS Compliant


Similar Part No. - WI-M-10-10-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
   18AWG Silicone Wire Specifications
More results

Similar Description - WI-M-10-10-0

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P034-010 TRIPPLITE-P034-010 Datasheet
161Kb / 2P
   Computer Power Cable, C19 to 5-15P - Heavy Duty, 15A, 125V, 14 AWG, 10 ft., Black
P018-010 TRIPPLITE-P018-010 Datasheet
162Kb / 2P
   IEC C14 to IEC C15 Power Cable - Heavy Duty, 15A, 100-250V, 14 AWG, 10 ft., Black
logo
List of Unclassifed Man...
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
   Heavy Duty Cable Clamps
561-1720CC ETC2-561-1720CC Datasheet
58Kb / 2P
   Heavy Duty Cable Clips
EPD-200927 ETC2-EPD-200927 Datasheet
162Kb / 1P
   Heavy Duty Cable Clamps
561-B0125 ETC2-561-B0125 Datasheet
162Kb / 1P
   Heavy Duty Cable Clamps
561-1720CC4-600 ETC2-561-1720CC4-600 Datasheet
77Kb / 2P
   Heavy Duty Cable Clips
logo
Tripp Lite. All Rights ...
P036-010 TRIPPLITE-P036-010 Datasheet
164Kb / 2P
   C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 10 ft., Black
P005-010 TRIPPLITE-P005-010 Datasheet
162Kb / 3P
   Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 10 ft., Black
M100-010-HD TRIPPLITE-M100-010-HD Datasheet
167Kb / 3P
   Heavy-Duty USB Sync/Charge Cable with Lightning Connector, 10 ft. (3 m)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com