Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLC453232T-1R5K Datasheet(PDF) 3 Page - TDK Electronics

Part # NLC453232T-1R5K
Description  For Power Line SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLC453232T-1R5K Datasheet(HTML) 3 Page - TDK Electronics

  NLC453232T-1R5K Datasheet HTML 1Page - TDK Electronics NLC453232T-1R5K Datasheet HTML 2Page - TDK Electronics NLC453232T-1R5K Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• All specifications are subject to change without notice.
(3/3)
001-02 / 20031021 / e531_nlc4532.fm
Inductors
NLC Series NLC4532 Type
For Power Line
SMD
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
0.1
1
10
100
1000
0
100
1000
10000
DC current(mA)
220
µH
100
µH
47
µH
22
µH
10
µH
3.9
µH
1
µH
A
L=5H C=20000µF
Test circuit
DC
Specimen
YHP model-4275A
or equivalent
0.1
1
10
5
0.5
100
50
Frequency(MHz)
0.1
1
0.5
10
5
Test equipment:
4194A IMPEDANCE/
GAIN-PHASE ANALYZER
(16092A FIXTURE)
1
µH
3.9
µH
10
µH
100
µH
22
µH
220
µH


Similar Part No. - NLC453232T-1R5K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLC453232T-1R5K-PF TDK-NLC453232T-1R5K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLC453232T-1R5K-PF TDK-NLC453232T-1R5K-PF Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
More results

Similar Description - NLC453232T-1R5K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV25 TDK-NLCV25 Datasheet
52Kb / 2P
   For Power Line SMD
NLFC4532 TDK-NLFC4532 Datasheet
64Kb / 2P
   For Power Line SMD
SLF10145T-100M2R5-H TDK-SLF10145T-100M2R5-H Datasheet
55Kb / 2P
   For Power Line SMD
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
NLC3225 TDK-NLC3225 Datasheet
63Kb / 2P
   Inductors For Power Line SMD
NLCV32T-1R0M-PF TDK-NLCV32T-1R0M-PF Datasheet
48Kb / 2P
   SMD Inductors For Power Line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com