Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV9810 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV9810
Description  OV9810 9 Megapixel 1080p HD Video Image Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9810 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV9810 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9810 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OV9810
4275 Burton Drive
Santa Clara, CA 95054
tel: +1 408 567 3000
fax: +1 408 567 3001
www.ovt.com
OmniVision reserves the right to make changes to their products or to discontinue any
product or service without further notice. OmniVision is a registered trademark of
OmniVision Technologies, Inc. The OmniVision logo and OmniPixel3-HS, VarioPixel are
trademarks of OmniVision Technologies, Inc. All other trademarks are the property of
their respective owners.
version 1.1 September 2009
column
sample/hold
image sensor core
OV9810
image sensor
processor
image output
interface
PLL
control register bank
SCCB slave interface
timing generator and system control logic
image
array
gain
control
50/60Hz
auto detection
AMP
12-bit
ADC
MCP/N
MDP/N
YY[11:0]
Functional Block Diagram
Product Specifications
Product Features
active array size: 3488 x 2616
power supply:
core: 1.5 VDC ± 5%
analog: 2.8 V ± 5%
I/O: 1.7 ~ 3.1 V
temperature range:
– operating: -30°C to 70°C
– optimal: 0°C to 50°C
output formats:
– RAW8, RAW10, RAW12, generic
8-bit long packet data types, user
defined byte-based data
lens size: 1/2.3"
lens chief ray angle: up to 11°
input clock frequency: 6 ~ 27 MHz
Ordering Information
Digital Still Cameras (DSC)
Digital Video Camcorders (DVC)
Digicam
high quality 9 megapixel resolution
full HD 1080p video capability
small footprint
8.195 mm x 7.535 mm CSP3 package
automatic image control functions:
automatic exposure control (AEC),
automatic white balance (AWB),
automatic band filter (ABF),
automatic 50/60 Hz luminance
detection, and automatic black level
calibration (ABLC)
programmable controls for frame
rate, exposure time, gain, mirror and
flip, cropping, windowing, and
panning
image quality controls: lens
correction, defective pixel canceling
support for output formats: RAW8,
RAW10, RAW12, generic 8-bit long
packet data types, user defined
byte-based data
frame rate:
9 megapixel (3488 x 2616): 8.9 fps
8 megapixel (3264 x 2448): 10 fps
5 megapixel (2592 x 1944): 15 fps
1080p (1920 x 1080): 30 fps
720p (1280 x 720): 60 fps
1744 x 982: 30 fps
VGA (640 x 480): 60 fps
QVGA (320 x 240): 120 fps
sensitivity: 960 mV/(lux-sec)
scan mode: progressive
pixel size: 1.75 μm x 1.75 μm
image area: 6160 μm x 4606 μm
package dimensions:
8195 μm x 7535 μm
support for frame exposure mode
support for horizontal and vertical
sub-sampling and VarioPixel
support for LED and flash strobe
mode
standard serial camera control bus
(SCCB) interface
digital video port (DVP) parallel
output and MIPI interfaces
embedded one-time programmable
(OTP) memory for part
identification, etc.
on-chip phase lock loop (PLL)
programmable I/O drive capability
built-in 1.5V regulator for core
Applications
OV09810 -A70A
(color, lead-free 70-pin CSP3)


Similar Part No. - OV9810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV9121 ETC1-OV9121 Datasheet
361Kb / 30P
   OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
logo
OmniVision Technologies...
OV9281 OMNIVISION-OV9281 Datasheet
683Kb / 2P
   automatic black level calibration (ABLC)
OV9282 OMNIVISION-OV9282 Datasheet
683Kb / 2P
   automatic black level calibration (ABLC)
OV9284 OMNIVISION-OV9284 Datasheet
625Kb / 2P
   automatic black level calibration (ABLC)
OV9285 OMNIVISION-OV9285 Datasheet
923Kb / 2P
   Consumer HMD
More results

Similar Description - OV9810

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OS02F10 OMNIVISION-OS02F10 Datasheet
644Kb / 2P
   Backside Illumination 2-Megapixel 1080p Image Sensor
logo
Pixart Imaging Inc.
PS5226 PIXART-PS5226 Datasheet
147Kb / 1P
   PS5150 HD-1080p CMOS IMAGE SENSOR
PS5220 PIXART-PS5220 Datasheet
147Kb / 1P
   PS5150 HD-1080p CMOS IMAGE SENSOR
logo
OmniVision Technologies...
OV9712-1D OMNIVISION-OV9712-1D Datasheet
1Mb / 2P
   HD video image sensor product brief
OV9710 OMNIVISION-OV9710 Datasheet
162Kb / 2P
   high definition (HD) video CameraChip image sensor
OV09710-V28A OMNIVISION-OV09710-V28A Datasheet
162Kb / 2P
   high definition (HD) video CameraChip image sensor
logo
Cypress Semiconductor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
OmniVision Technologies...
OV24B OMNIVISION-OV24B Datasheet
713Kb / 2P
   24-Megapixel Image Sensor Family
logo
Micron Technology
MT9T001 MICRON-MT9T001 Datasheet
599Kb / 37P
   3-MEGAPIXEL DIGITAL IMAGE SENSOR
logo
Cypress Semiconductor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
   4 MegaPixel CMOS Image Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com