Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV10633 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV10633
Description  OV10633 (WDR) image sensor product brief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV10633 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV10633 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV10633 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single Chip Wide-Dynamic Range (WDR) Solution
with Embedded Image Signal Processor
OV10633 (WDR)imagesensor productbrief
lead free
available in
a lead-free
package
The OV10633 raises the bar in security imaging with a
single-chip SOC sensor that combines 720p
high-definition (HD) video with WDR in a 1/3-inch optical
format. By integrating a full image processing pipeline
on-chip, the OV10633 accelerates time-to-market and
reduces systems' bill of materials, making it an ideal
solution for mainstream surveillance applications such as
IP cameras and HDcctv systems.
Implementing OmniVision's proprietary processing
technology, the OV10633 delivers 115 dB dynamic range
to offer clear, fully processed YUV color WDR video output.
The sensor is built on a 4.2 micron OmniPixel3-HS™ pixel
enabling 720p HD at unparalleled low-light sensitivity to
capture detail-rich, color video in any environment,
including low-light scenes or high-contrast lighting
conditions.
The 1280 x 720 pixel array provides 720p HD video at
30 frames per second. It supports a digital video parallel
port, and provides full-framed or windowed 10-bit or 8-bit
YUV and 18-bit RAW RGB output format with complete
user control over formatting and output data transfer.
The sensor offers all required automatic image control
functions, including automatic exposure control, automatic
white balance, automatic black level calibration, as well as
defective pixel correction, gamma correction and lens
shading correction. Camera functions are programmable
through the serial camera control bus (SCCB) interface.
Additional features include a horizontal and vertical
windowing capability, external frame sync capability,
50/60 Hz flicker cancellation and low power consumption.
Find out more at www.ovt.com.
720p wide-dynamic range


Similar Part No. - OV10633

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV10635 OMNIVISION-OV10635 Datasheet
1Mb / 2P
   OV10635 HD HDR product brief
More results

Similar Description - OV10633

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9712-1D OMNIVISION-OV9712-1D Datasheet
1Mb / 2P
   HD video image sensor product brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com