Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL0805 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSL0805
Description  Power Metal Strip® Resistors, Low Value (down to 0.0005 Ohm), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL0805 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSL0805 Datasheet HTML 1Page - Vishay Siliconix WSL0805 Datasheet HTML 2Page - Vishay Siliconix WSL0805 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WSL
www.vishay.com
Vishay Dale
Revision: 05-Mar-14
1
Document Number: 30100
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Resistors, Low Value
(down to 0.0005
), Surface Mount
FEATURES
• Ideal for all types of current sensing, voltage
division and pulse applications including switching
and linear power supplies, instruments, power
amplifiers
• Proprietary
processing
technique
produces
extremely low resistance values (down to 0.0005
)
• All welded construction
• Solderable terminations
• Very low inductance 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 μV/°C)
• Solid metal nickel-chrome or manganese-copper
alloy resistive element with low TCR (< 20 ppm/°C)
• AEC-Q200 qualified available (1)
• Material categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
Notes
*
This datasheet provides information about parts that are RoHS-compliant and/or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information/tables in this datasheet for details.
(1) Flame retardance test may not be applicable to some resistor technologies.
Notes
• Part marking: Value; tolerance: Due to resistor size limitations some resistors will be marked with only the resistance value.
(2) For values above 0.1
 derate linearly to 80 % rated power at 0.5 .
Available
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING P70 °C
W
RESISTANCE VALUE RANGE
WEIGHT (typical)
g/1000 pieces
Tol. ± 0.5 %
Tol. ± 1.0 %
WSL0603
0603
0.1
0.01 to 0.1
0.01 to 0.1
1.9
WSL0805
0805
0.125
0.005 to 0.2
0.005 to 0.2
4.8
WSL1206
1206
0.25
0.005 to 0.2
0.001 to 0.2
16.2
WSL2010
2010
0.5
0.004 to 0.5
0.001 to 0.5
38.9
WSL2512
2512
1.0 (2)
0.003 to 0.5
0.0005 to 0.5
63.6
WSL2816
2816
2.0
0.003 to 0.1
0.002 to 0.1
118
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSL RESISTOR CHARACTERISTICS
Temperature coefficient
ppm/°C
± 75 for 7 m
 to 0.5 , ± 110 for 5 m to 6.9 m, ± 150 for 3 m to 4.9 m
± 275 for 1 m
 to 2.9 m, ± 400 for 0.5 m to 0.99 m
Element TCR
ppm/°C
< 20
Operating temperature range
°C
- 65 to + 170
Maximum working voltage
V
(P x R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: WSL25124L000FTA
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
SPECIAL
WSL0603
WSL0805
WSL1206
WSL2010
WSL2512
WSL2816
L = m
*
R = Decimal
5L000 = 0.005
R0100 = 0.01
* Use “L” for resistance
values < 0.01
D = ± 0.5 %
F = ± 1.0 %
J = ± 5.0 %
EA = Lead (Pb)-free, tape/reel
EH = Lead (Pb)-free, tape/reel (WSL2816)
EK = Lead (Pb)-free, bulk
(Dash number)
(up to 2 digits)
From 1 to 99 as
applicable
TA = Tin/lead, tape/reel (R86)
TG = Tin/lead, tape/reel (RT1, for WSL0603 and WSL0805)
TH = Tin/lead, tape/reel (RJ9, WSL2816)
BA = Tin/lead, bulk (B43)
Historical Part Numbering example: WSL2512 0.004
 1 % R86
WSL2512
0.004
1 %
R86
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
L2
5
1
4L0
2
WS
T
0
FA
0


Similar Part No. - WSL0805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL0805 VISHAY-WSL0805 Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL0805 VISHAY-WSL0805 Datasheet
120Kb / 3P
   Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL0805 VISHAY-WSL0805 Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSL0805 VISHAY-WSL0805 Datasheet
51Kb / 1P
   WSL TYPE ZERO OHM JUMPER
WSL0805 VISHAY-WSL0805 Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
Revision: 06-Jun-12
More results

Similar Description - WSL0805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2010R0500FEA VISHAY-WSL2010R0500FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
WSL1206R0100FEB VISHAY-WSL1206R0100FEB Datasheet
96Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
Revision: 06-Jun-12
WSL VISHAY-WSL_15 Datasheet
96Kb / 4P
   Power Metal Strip® Resistors, Low Value (down to 0.0005 ohm), Surface Mount
Revision: 21-Oct-15
WSL2512R0110FEA VISHAY-WSL2512R0110FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
Revision: 06-Jun-12
WSL2512R0120FEA VISHAY-WSL2512R0120FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
Revision: 06-Jun-12
WSL2512R2000FEB VISHAY-WSL2512R2000FEB Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
Revision: 06-Jun-12
WSL2010R0250FEA VISHAY-WSL2010R0250FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
Revision: 06-Jun-12
WSL12067L000FEA VISHAY-WSL12067L000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSK VISHAY-WSK_15 Datasheet
81Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0005 ohm), Surface Mount, 4-Terminal
Revision: 03-May-13
WSL1206R2000FEA VISHAY-WSL1206R2000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com