Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP02 Datasheet(PDF) 1 Page - Dc Components

Part # KBP02
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

KBP02 Datasheet(HTML) 1 Page - Dc Components

  KBP02 Datasheet HTML 1Page - Dc Components KBP02 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GFBTURFS
0 J^_[f `ik jkchm_^ ]ck]ncm \i[k^
0 Snka_ io_kfi[^ k[mcha? :5 Bgj_k_l j_[e
NBXJNUN RBTJOHS BOE FMFDTRJDBM DIBRBDTFRJSTJDS
R[mchal [m 7: iD [g\c_hm m_gj_k[mnk_ nhf_ll imb_kpcl_ lj_]c`c_^4
Schaf_ jb[l_2 b[f` p[o_2 ;5 Is2 k_lclmco_ ik ch^n]mco_ fi[^4
Gik ][j[]cmco_ fi[^2 ^_k[m_ ]nkk_hm \r 75-4
RS37
Ecg_hlcihl ch ch]b_l [h^ .gcffcg_m_kl/
N[qcgng R_]nkk_hm Q_[e R_o_kl_ Vifm[a_
N[qcgng RNS Ckc^a_ Jhjnm Vifm[a_
N[qcgng ED Cfi]echa Vifm[a_
N[qcgng Bo_k[a_ Gikp[k^ Pnmjnm Dnkk_hm TB @:5iD
Q_[e Gikp[k^ Snka_ Dnkk_hm =48 gl lchaf_ b[f` lch_3p[o_
lnj_kcgjil_^ ih k[m_^ fi[^ .KFEFD N_mbi^/
SYNCPM
VRRN
VED
JP
JGSN
VRNS
Vifml
Vifml
Bgjl
745
:5
Bgjl
:5
655
755
955
;55
=55
6555
<5
8:
695
7=5
975
<55
:;5
:5
755
955
;55
=55
6555
655
RS756
RS757
RS758
RS759
RS75:
RS75;
RS75<
Vifml
Pj_k[mcha T_gj_k[mnk_ R[ha_
TK
3::mi167:
5D
Smik[a_ T_gj_k[mnk_ R[ha_
TSTH
3:: mi 1 6:5
5D
Trjc][f Knh]mcih D[j[]cm[h]_ .Oim_6/
DK
6:
jG
N[qcgng ED R_o_kl_ Dnkk_hm [m R[m_^
ED Cfi]echa Vifm[a_ j_k _f_g_hm
VG
JR
645
:55
N[qcgng Gikp[k^ Vifm[a_ Ekij j_k _f_g_hm [m 645B ED
Vifml
ATB @7:iD
ATB @ 655iD
65
nBgjl
OPTFS ? 64N_[lnk_^ [m 6 NIZ [h^ [jjfc_^ k_o_kl_ oifm[a_ i` 945 oifml
74 Tb_kg[f R_lclm[h]_ `kig Knh]mcih mi Bg\c_hm [h^ `kig dnh]mcih mi f_[^ ginhm_^ ih Q4D4C4 pcmb 549< q 549<, .67q67gg/ ]ijj_k j[^l4
LCQ55: LCQ56
LCQ57
LCQ59
LCQ5;
LCQ5=
LCQ65
VPMTBHF RBOHF 3 :5 mi 6555 Vifml
DURRFOT 3 745 Bgj_k_l
RFDTJGJFR SQFDJBMJSTS
R
DC COMPONENTS CO., LTD.
TFDIOJDBM SQFDJGJDBTJPOS PG SJOHMF3QIBSF SJMJDPO CRJEHF RFDTJGJFR
NFDIBOJDBM EBTB
0 D[l_? Nif^_^ jf[lmc]
0 Fjiqr? UM >9V35 k[m_ `f[g_ k_m[k^[hm
0 M_[^? NJM3STE3757F2 N_mbi^ 75= an[k[hm__^
0 Qif[kcmr? Srg\ifl gif^_^ ik g[ke_^ ih \i^r
0 Ninhmcha jilcmcih? Bhr
0 W_cabm? 74<9 ak[gl
SQBDJOH
NJO4
UOJTS
LCQ
RS
55:
756
TIRU
LCQ
RS
65
75<
J7m R[mcha `ik Gnlcha .m<=48gl/
J7m
65
B7S_]
-/.
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - KBP02

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
KBP02 SSE-KBP02 Datasheet
14Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
KBP02 LUGUANG-KBP02 Datasheet
163Kb / 2P
   Silicon Bridge Rectifiers
logo
Shanghai Lunsure Electr...
KBP02 CHENYI-KBP02 Datasheet
156Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
KBP02 YEASHIN-KBP02 Datasheet
418Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBP02 CHENYI-KBP02 Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBP02

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
DB151 DCCOM-DB151 Datasheet
377Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBK25A DCCOM-KBK25A Datasheet
453Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBU10A DCCOM-KBU10A Datasheet
392Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com