Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZEN164V130A24LS Datasheet(PDF) 5 Page - Tyco Electronics

Part # ZEN164V130A24LS
Description  PolyZen Devices Polymer Protected Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ZEN164V130A24LS Datasheet(HTML) 5 Page - Tyco Electronics

  ZEN164V130A24LS Datasheet HTML 1Page - Tyco Electronics ZEN164V130A24LS Datasheet HTML 2Page - Tyco Electronics ZEN164V130A24LS Datasheet HTML 3Page - Tyco Electronics ZEN164V130A24LS Datasheet HTML 4Page - Tyco Electronics ZEN164V130A24LS Datasheet HTML 5Page - Tyco Electronics ZEN164V130A24LS Datasheet HTML 6Page - Tyco Electronics ZEN164V130A24LS Datasheet HTML 7Page - Tyco Electronics ZEN164V130A24LS Datasheet HTML 8Page - Tyco Electronics ZEN164V130A24LS Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
35
RoHS Compliant, ELV Compliant
5
20
15
10
5
0
Typical Fault Response: ZEN056V230A16LS
16V, 5.0A Current Limited Source (IOUT=0)
0
0.10
0.20
0.30
Time (s)
A = VIN (V)
B = VOUT (V)
C = IFLT (A)
A
B
C
18
16
14
12
10
8
6
4
2
0
Typical Fault Response: ZEN098V230A16LS
16V, 3.5A Current Limited Source (IOUT=0)
0
0.05
0.10
0.15
0.20
Time (s)
A = VIN (V)
B = VOUT (V)
C = IFLT (A)
A
B
C
Figure PZ19
Figure PZ17
30
25
20
15
10
5
0
Typical Fault Response: ZEN132V130A24LS
24V, 2.0A Current Limited Source (IOUT=0)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Time (s)
A = VIN (V)
B = VOUT (V)
C = IFLT (A)
A
B
C
30
25
20
15
10
5
0
Typical Fault Response: ZEN164V130A24LS
24V, 1.0A Current Limited Source (IOUT=0)
0
0.10
0.20
0.30
0.40
0.50
Time (s)
A = VIN (V)
B = VOUT (V)
C = IFLT (A)
A
B
C
Figure PZ16
Figure PZ15
50
40
30
20
10
0
Typical Fault Response: ZEN056V075A48LS
48V, 10.0A Current Limited Source (IOUT=0)
0
0.02
0.01
0.03
0.04
Time (s)
A = VIN (V)
B = VOUT (V)
C = IFLT (A)
A
B
C
Figure PZ21
20
15
10
5
0
Typical Fault Response: ZEN065V230A16LS
16V, 3.5A Current Limited Source (IOUT=0)
0
0.10
0.20
0.30
Time (s)
A = VIN (V)
B = VOUT (V)
C = IFLT (A)
A
B
C
22
20
18
16
14
12
10
8
6
4
2
0
Typical Fault Response: ZEN132V230A16LS
20V, 2.0A Current Limited Source (IOUT=0)
0
0.05
0.10
0.15
0.20
0.25
0.30
Time (s)
A = VIN (V)
B = VOUT (V)
C = IFLT (A)
A
B
C
Figure PZ20
Figure PZ18
50
45
40
35
30
25
20
15
10
5
0
Typical Fault Response: ZEN132V075A48LS
48V, 2.0A Current Limited Source (IOUT=0)
A = VIN (V)
B = VOUT (V)
C = IFLT (A)
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Time (s)
A
B
C
Figure PZ22
Figure PZ16-PZ23 Basic Operation Examples for PolyZen Devices
Cont’d


Similar Part No. - ZEN164V130A24LS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZEN164V130A24LS MACOM-ZEN164V130A24LS Datasheet
313Kb / 8P
   Polymer Protected Zener Diode
logo
Littelfuse
ZEN164V130A24LS LITTELFUSE-ZEN164V130A24LS Datasheet
641Kb / 9P
   Polymer Enhanced Zener Diode
More results

Similar Description - ZEN164V130A24LS

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
ZEN056V130A24CE TEC-ZEN056V130A24CE Datasheet
758Kb / 8P
   PolyZen Polymer Enhanced Zener Diode Micro-Assemblies
ZEN056V075A48LS TEC-ZEN056V075A48LS Datasheet
309Kb / 8P
   PolyZen Polymer Enhanced Zener Diode Micro-Assemblies
logo
Tyco Electronics
ZEN056V130A24LS MACOM-ZEN056V130A24LS Datasheet
313Kb / 8P
   Polymer Protected Zener Diode
logo
Littelfuse
ZEN065V230A16LS LITTELFUSE-ZEN065V230A16LS Datasheet
622Kb / 9P
   Polymer Enhanced Zener Diode
ZEN164V130A24LS LITTELFUSE-ZEN164V130A24LS Datasheet
641Kb / 9P
   Polymer Enhanced Zener Diode
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com