Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZEN065V230A16LS Datasheet(PDF) 9 Page - Tyco Electronics

Part # ZEN065V230A16LS
Description  PolyZen Devices Polymer Protected Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ZEN065V230A16LS Datasheet(HTML) 9 Page - Tyco Electronics

Back Button ZEN065V230A16LS Datasheet HTML 2Page - Tyco Electronics ZEN065V230A16LS Datasheet HTML 3Page - Tyco Electronics ZEN065V230A16LS Datasheet HTML 4Page - Tyco Electronics ZEN065V230A16LS Datasheet HTML 5Page - Tyco Electronics ZEN065V230A16LS Datasheet HTML 6Page - Tyco Electronics ZEN065V230A16LS Datasheet HTML 7Page - Tyco Electronics ZEN065V230A16LS Datasheet HTML 8Page - Tyco Electronics ZEN065V230A16LS Datasheet HTML 9Page - Tyco Electronics ZEN065V230A16LS Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
39
RoHS Compliant, ELV Compliant
5
Warning :
All information, including illustrations, is believed to be accurate and reliable. Users, however, should independently evaluate the suitability of and
test each product selected for their application. Tyco Electronics Corporation and/or its Affiliates in the TE Connectivity Ltd. family of companies
(“TE”) makes no warranties as to the accuracy or completeness of the information, and disclaims any liability regarding its use. TE’s only obligations
are those in the TE Standard Terms and Conditions of Sale for this product, and in no case will TE be liable for any incidental, indirect, or
consequential damages arising from the sale, resale, use, or misuse of the product. Specifications are subject to change without notice. In
addition, TE reserves the right to make changes to materials or processing that do not affect compliance with any applicable specification without
notification to Buyer.
Part Marking System for PolyZen Devices
tnnn
12345
Zener Diode Voltage Rating
nnn = 056 (5.6V)
nnn = 059 (5.9V)
nnn = 065 (6.5V)
nnn = 098 (9.8V)
nnn = 132 (13.4V)
nnn = 164 (16.4V)
Batch Number
ZENxxxVyyyAzzLS Devices
tnnn
1234567
Zener Diode Voltage Rating
nnn = 056 (5.6V)
Batch Number
ZENxxxVyyyAzzGS Devices


Similar Part No. - ZEN065V230A16LS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZEN065V230A16LS MACOM-ZEN065V230A16LS Datasheet
313Kb / 8P
   Polymer Protected Zener Diode
logo
Littelfuse
ZEN065V230A16LS LITTELFUSE-ZEN065V230A16LS Datasheet
622Kb / 9P
   Polymer Enhanced Zener Diode
More results

Similar Description - ZEN065V230A16LS

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
ZEN056V130A24CE TEC-ZEN056V130A24CE Datasheet
758Kb / 8P
   PolyZen Polymer Enhanced Zener Diode Micro-Assemblies
ZEN056V075A48LS TEC-ZEN056V075A48LS Datasheet
309Kb / 8P
   PolyZen Polymer Enhanced Zener Diode Micro-Assemblies
logo
Tyco Electronics
ZEN056V130A24LS MACOM-ZEN056V130A24LS Datasheet
313Kb / 8P
   Polymer Protected Zener Diode
logo
Littelfuse
ZEN065V230A16LS LITTELFUSE-ZEN065V230A16LS Datasheet
622Kb / 9P
   Polymer Enhanced Zener Diode
ZEN164V130A24LS LITTELFUSE-ZEN164V130A24LS Datasheet
641Kb / 9P
   Polymer Enhanced Zener Diode
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com