Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOJC157M006WJ Datasheet(PDF) 4 Page - AVX Corporation

Part # NOJC157M006WJ
Description  Niobium Oxide Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJC157M006WJ Datasheet(HTML) 4 Page - AVX Corporation

  NOJC157M006WJ Datasheet HTML 1Page - AVX Corporation NOJC157M006WJ Datasheet HTML 2Page - AVX Corporation NOJC157M006WJ Datasheet HTML 3Page - AVX Corporation NOJC157M006WJ Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
JANUARY 2014
121
OxiCap® NOJ Series
Niobium Oxide Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
105ºC
25ºC
85ºC
105ºC
6.3 Volt @ 85°C (4 Volt @ 105°C)
NOJB336M006#WB
B
33
6.3
4.0
6
0.7
3
0.382
0.344
0.153
0.267
0.240
0.107
NOJC336M006#WJ
C
33
6.3
4.0
6
0.5
1
0.514
0.462
0.206
0.257
0.231
0.103
NOJB476M006#WJ
B
47
6.3
5.6
6
0.8
1
0.357
0.321
0.143
0.286
0.257
0.114
NOJC476M006#WJ
C
47
6.3
5.7
6
0.5
1
0.514
0.462
0.206
0.257
0.231
0.103
NOJB686M006#WJ
B
68
6.3
8.2
20
1.5
1
0.261
0.235
0.104
0.391
0.352
0.156
NOJC686M006#WJ
C
68
6.3
8.2
6
0.5
1
0.514
0.462
0.206
0.257
0.231
0.103
NOJB107M006#WJ
B
100
6.3
60.0
20
1.7
1
0.245
0.220
0.098
0.416
0.375
0.167
NOJB107M006#WB
B
100
6.3
60.0
20
0.4
3
0.505
0.454
0.202
0.202
0.182
0.081
NOJC107M006#WJ
C
100
6.3
12.0
8
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJD107M006#WJ
D
100
6.3
12.0
6
0.4
3
0.671
0.604
0.268
0.268
0.241
0.107
NOJC157M006#WJ
C
150
6.3
18.0
6
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJD157M006#WJ
D
150
6.3
18.0
6
0.4
3
0.671
0.604
0.268
0.268
0.241
0.107
NOJC227M006#WJ
C
220
6.3
26.4
14
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJD227M006#WJ
D
220
6.3
26.4
8
0.4
3
0.671
0.604
0.268
0.268
0.241
0.107
NOJE227M006#WJ
E
220
6.3
26.4
12
0.4
3
0.704
0.633
0.281
0.281
0.253
0.113
NOJD337M006#WJ
D
330
6.3
39.6
10
0.3
3
0.775
0.697
0.310
0.232
0.209
0.093
NOJE337M006#WJ
E
330
6.3
39.6
12
0.3
3
0.812
0.731
0.325
0.244
0.219
0.097
NOJE477M006#WJ
E
470
6.3
56.4
16
0.3
3
0.812
0.731
0.325
0.244
0.219
0.097
NOJE477M006#WB
E
470
6.3
56.4
16
0.075
3
1.625
1.462
0.650
0.122
0.110
0.049
NOJV477M006#WJ
V
470
6.3
56.4
14
0.3
3
1.000
0.900
0.400
0.300
0.270
0.120
10 Volt @ 85°C (7 Volt @ 105°C)
NOJA475M010#WJ
A
4.7
10
1.0
6
3.1
1
0.170
0.153
0.068
0.528
0.475
0.211
NOJA685M010#WJ
A
6.8
10
1.4
6
2.6
1
0.186
0.167
0.074
0.484
0.435
0.193
NOJA106M010#WJ
A
10
10
2.0
6
2.2
1
0.202
0.182
0.081
0.445
0.400
0.178
NOJB106M010#WJ
B
10
10
2.0
6
1
1
0.319
0.287
0.128
0.319
0.287
0.128
NOJA156M010#WJ
A
15
10
3.0
6
2
1
0.212
0.191
0.085
0.424
0.382
0.170
NOJB156M010#WJ
B
15
10
3.0
6
2
1
0.226
0.203
0.090
0.452
0.406
0.181
NOJB226M010#WJ
B
22
10
4.4
6
1.8
1
0.238
0.214
0.095
0.428
0.386
0.171
NOJB226M010#WB
B
22
10
4.4
6
0.7
3
0.382
0.344
0.153
0.267
0.240
0.107
NOJC226M010#WJ
C
22
10
4.4
6
0.5
1
0.514
0.462
0.206
0.257
0.231
0.103
NOJC336M010#WJ
C
33
10
6.6
6
0.5
1
0.514
0.462
0.206
0.257
0.231
0.103
NOJC476M010#WJ
C
47
10
9.4
6
0.4
1
0.574
0.517
0.230
0.230
0.207
0.092
NOJC686M010#WJ
C
68
10
13.6
12
0.5
1
0.514
0.462
0.206
0.257
0.231
0.103
NOJD107M010#WJ
D
100
10
20.0
12
0.4
3
0.671
0.604
0.268
0.268
0.241
0.107
NOJD107M010#WB
D
100
10
20.0
12
0.15
3
1.095
0.986
0.438
0.164
0.148
0.066
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for capacitors allow an ESR movement to 1.25 times catalog limit post mounting.
For typical weight and composition see page 162.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - NOJC157M006WJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJC157M001 AVX-NOJC157M001 Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOJC157M002 AVX-NOJC157M002 Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOJC157M002WJ AVX-NOJC157M002WJ Datasheet
124Kb / 5P
   Non-burn safe technology
NOJC157M004 AVX-NOJC157M004 Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
More results

Similar Description - NOJC157M006WJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOSD107M006R0100V AVX-NOSD107M006R0100V Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJA156M010RWJ AVX-NOJA156M010RWJ Datasheet
116Kb / 4P
   Niobium Oxide Capacitor
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
NBS AVX-NBS Datasheet
125Kb / 3P
   NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
NOSB107M001-0350 AVX-NOSB107M001-0350 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
TPSA475K010R1400 AVX-TPSA475K010R1400 Datasheet
102Kb / 5P
   Tantalum and Niobium Oxide Capacitors
TPSA154M050R9000 AVX-TPSA154M050R9000 Datasheet
140Kb / 6P
   Tantalum Capacitors Niobium Oxide Capacitors (OxiCapTM)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com