Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-DAC51B-S2M Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3X-DAC51B-S2M
Description  Easy and Reliable The Fiber Sensor That Sees in Color
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DAC51B-S2M Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3X-DAC51B-S2M Datasheet HTML 6Page - Omron Electronics LLC E3X-DAC51B-S2M Datasheet HTML 7Page - Omron Electronics LLC E3X-DAC51B-S2M Datasheet HTML 8Page - Omron Electronics LLC E3X-DAC51B-S2M Datasheet HTML 9Page - Omron Electronics LLC E3X-DAC51B-S2M Datasheet HTML 10Page - Omron Electronics LLC E3X-DAC51B-S2M Datasheet HTML 11Page - Omron Electronics LLC E3X-DAC51B-S2M Datasheet HTML 12Page - Omron Electronics LLC E3X-DAC51B-S2M Datasheet HTML 13Page - Omron Electronics LLC E3X-DAC51B-S2M Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
E3X-DAC-S
10
Nomenclature
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for
ensuring safety of persons either directly or
indirectly.
Do not use it for such purposes.
Do not use the product with voltage in excess
of the rated voltage. Excess voltage may result
in malfunction or fire.
Never use the product with an AC power
supply.
Otherwise, explosion may result.
High-temperature environments may result in
burn injury.
The following precautions must be observed to ensure safe
operation of the Sensor.
1. Do not use the Sensor in an environment where explosive
or flammable gas is present.
2. Do not use the Sensor in a location subject to splattering
of water, oils, or chemicals.
3. Do not attempt to disassemble, repair, or modify the
Sensor.
4. Do not apply voltages or currents that exceed the rated
range to the Sensor.
5. Do not use the Sensor in an ambient atmosphere or
environment that exceeds the ratings.
6. Wire the power supply correctly, including the polarity.
7. Connect the load correctly.
8. Do not short-circuit the load at both ends.
9. Do not use the Sensor if the case is damaged.
10. Dispose of the Sensor as industrial waste.
11. Do not use the Sensor in locations subject to direct
sunlight.
12. Burn injury may occur. The Sensor surface temperature
rises depending on application conditions, such as the
ambient temperature and the power supply voltage. Use
caution when operating or performing maintenance on the
Sensor.
Amplifier Units
Standard Models
E3X-DAC
@-S (@: 11/41/6/8)
Advanced models with simultaneous 2-color determination
E3X-DAC
@-S (@: 21/51)
Advanced models with 4-color determination
E3X-DAC
@B-S (@: 21/51)
ON when output is ON.
OFF when output is OFF.
Operation Indicator
(orange)
Locks the fiber.
Lock lever
Incident level, function, etc.
Main Display (red)
Threshold, function settings, etc.
Sub-display (green)
Use to select SET
or RUN mode.
Mode Selector
Switch
Lit orange: Operation
in I Mode.
I Mode Indicator
Function setting operations
Operation Keys
Use to switch between Light ON
and Dark ON modes.
Operation Selector Switch
UP
DOWN
MODE
Locks the fiber.
Incident level, function, etc.
ON when output is ON.
OFF when output is OFF.
Ch1 Operation Indicator
Lock lever
Main Display (red)
Used to select the channel to
display and set.
Channel Switch
Use to select SET
or RUN mode.
Mode Selector Switch
ON when output is ON.
OFF when output is OFF.
Ch2 Operation Indicator
Function setting operations
Operation Keys
Threshold, function settings, etc.
Sub-display (green)
UP
DOWN
MODE
WARNING
CAUTION
Precautions for Safe Use


Similar Part No. - E3X-DAC51B-S2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-DA ETC1-E3X-DA Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-DA- OMRON-E3X-DA- Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
E3X-DA11 OMRON-E3X-DA11 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results

Similar Description - E3X-DAC51B-S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VK-G OMRON-S8VK-G Datasheet
5Mb / 22P
   Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Omron Electronics LLC
E2K-L13MC1 OMRON-E2K-L13MC1 Datasheet
361Kb / 5P
   Liquid Level Sensor That Is Unaffected by the Color of the Pipe or Liquid
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Endress+Hauser Group Se...
COY8 EH-COY8 Datasheet
175Kb / 4P
   For reliable and easy verification, calibration and adjustment of the zero point of oxygen sensors
01.15
logo
Lumileds Lighting Compa...
DS63 LUMILEDS-DS63 Datasheet
2Mb / 21P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Omron Electronics LLC
E3Z-LT OMRON-E3Z-LT Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
logo
ams AG
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
   Color and ALS Sensor
2020-Jul-28
logo
Hamamatsu Corporation
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com