Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-DAC6-S Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3X-DAC6-S
Description  Easy and Reliable The Fiber Sensor That Sees in Color
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DAC6-S Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3X-DAC6-S Datasheet HTML 1Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 2Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 3Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 4Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 5Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 6Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 7Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 8Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
E3X-DAC-S
2
Ordering Information
Amplifier Units
Pre-wired Amplifier Units [Refer to Dimensions on page 13.]
*Four-color determination is enabled by using an external input to switch between banks for two outputs.
Amplifier Units with Connectors (Amplifier Unit Connectors must be ordered separately.) [Refer to Dimensions on page 15.]
Amplifier Units Connectors (Order Separately)
Note: Protector seals are provided as accessories.
[Refer to Dimensions on page 15.]
Accessories (Order Separately)
Mounting Bracket
A Mounting Bracket is not provided with the Amplifier Unit.
Order a Mounting Bracket separately if required.
[Refer to E39-L/F39-L/E39-S/E39-R.]
End Plate
End Plates are not provided with the Amplifier Unit. Order End
Plates separately if required.
[Refer to PFP-
@.]
Item
Appearance
Functions
Model
NPN output
PNP output
Standard models
Timer, Response speed change
E3X-DAC11-S 2M
E3X-DAC41-S 2M
Advanced models with
simultaneous 2-color
determination
Standard models + Simultaneous
2-color determination
AND/OR output, Remote setting
E3X-DAC21-S 2M
E3X-DAC51-S 2M
Advanced models with
4-color determination *
Standard model + 4-color
determination
AND/OR output, Bank switching
E3X-DAC21B-S 2M
E3X-DAC51B-S 2M
Item
Appearance
Functions
Model
NPN output
PNP output
Standard models
Timer, Response speed change
E3X-DAC6-S
E3X-DAC8-S
Item
Appearance
Cable length No. of conductors
Model
Master
Connector
2 m
3
E3X-CN11
Slave
Connector
1
E3X-CN12
Ordering Precautions for Amplifier
Units with Connectors
A Connector is not provided with the Amplifier Unit.
Refer to the tables at the right when placing an
order.
When Using 5 Amplifier Units
Amplifier Units
Applicable Connector
(Order Separately)
Model
NPN output
PNP output
Master Connector
Slave Connector
Standard models
E3X-DAC6-S
E3X-DAC8-S
+
E3X-CN11
E3X-CN12
Amplifier Units (5 Units)
+
1 Master Connector
4 Slave Connectors
Appearance
Model
Quantity
E39-L143
1
Appearance
Model
Quantity
PFP-M
1


Similar Part No. - E3X-DAC6-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-DA ETC1-E3X-DA Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-DA- OMRON-E3X-DA- Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
E3X-DA11 OMRON-E3X-DA11 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results

Similar Description - E3X-DAC6-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VK-G OMRON-S8VK-G Datasheet
5Mb / 22P
   Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Omron Electronics LLC
E2K-L13MC1 OMRON-E2K-L13MC1 Datasheet
361Kb / 5P
   Liquid Level Sensor That Is Unaffected by the Color of the Pipe or Liquid
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Endress+Hauser Group Se...
COY8 EH-COY8 Datasheet
175Kb / 4P
   For reliable and easy verification, calibration and adjustment of the zero point of oxygen sensors
01.15
logo
Lumileds Lighting Compa...
DS63 LUMILEDS-DS63 Datasheet
2Mb / 21P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Omron Electronics LLC
E3Z-LT OMRON-E3Z-LT Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
logo
ams AG
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
   Color and ALS Sensor
2020-Jul-28
logo
Hamamatsu Corporation
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com