Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-L151 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E39-L151
Description  Print mark detection photoelectric sensor in compact stainless steel housing
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L151 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E39-L151 Datasheet HTML 1Page - Omron Electronics LLC E39-L151 Datasheet HTML 2Page - Omron Electronics LLC E39-L151 Datasheet HTML 3Page - Omron Electronics LLC E39-L151 Datasheet HTML 4Page - Omron Electronics LLC E39-L151 Datasheet HTML 5Page - Omron Electronics LLC E39-L151 Datasheet HTML 6Page - Omron Electronics LLC E39-L151 Datasheet HTML 7Page - Omron Electronics LLC E39-L151 Datasheet HTML 8Page - Omron Electronics LLC E39-L151 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
E3ZM-V
Engineering Data (Typical)
Color vs. Detection Capability
E3ZM-V
@@
Note: The above chart shows the combinations of colors for which teaching is possible at a sensing distance of 12 mm.
Detectable Ranges
E3ZM-V
@@
Teaching Capabilities
White
White
Red
Yellow-
red
Red
Yellow-
red
Yellow
Yellow
Yellow-
green
Yellow-
green
Green
Green
Blue-
green
Blue-
green
Blue
Blue
Black
Black
Black
Red Yellow-
red
Yellow Yellow-
green
Green Blue-
green
Blue
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
Teaching distance: 12 mm
Background color: White
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
Black
White Yellow-
red
Yellow Yellow-
green
Green Blue-
green
Blue
Teaching distance: 12 mm
Background color: Red
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
Black
White
Red Yellow Yellow-
green
Green Blue-
green
Blue
Teaching distance: 12 mm
Background color: Yellow-red
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
Black
White
Red Yellow-
red
Yellow-
green
Green Blue-
green
Blue
Teaching distance: 12 mm
Background color: Yellow
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
Black
White
Red Yellow-
red
Yellow Green Blue-
green
Blue
Teaching distance: 12 mm
Background color: Yellow-green
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
Black
White
Red Yellow-
red
Yellow Yellow-
green
Blue-
green
Blue
Teaching distance: 12 mm
Background color: Green
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
Black
White
Red Yellow-
red
Yellow Yellow-
green
Green Blue
Teaching distance: 12 mm
Background color: Blue-green
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
Black
White
Red Yellow-
red
Yellow Yellow-
green
Green Blue-
green
Teaching distance: 12 mm
Background color: Blue
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
Blue
White
Red Yellow-
red
Yellow Yellow-
green
Green Blue-
green
Teaching distance: 12 mm
Background color: Black


Similar Part No. - E39-L151

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L151 OMRON-E39-L151 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
E39-L151 OMRON-E39-L151 Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
More results

Similar Description - E39-L151

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
DK12-11-5215 PF-DK12-11-5215 Datasheet
1Mb / 5P
   Print mark contrast sensor
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
   Stainless Steel housing
logo
Marl International Limi...
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   Robust stainless steel housing
logo
Banner Engineering Corp...
Q4X BANNER-Q4X Datasheet
1Mb / 11P
   Stainless Steel Laser Sensor
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Greystone Energy System...
PS-TE200AS GREYSTONE-PS-TE200AS Datasheet
187Kb / 1P
   STAINLESS STEEL SURFACE TEMPERATURE SENSOR
logo
Turck, Inc.
BI1.5-EG08F-AN6X TURCK-BI1.5-EG08F-AN6X Datasheet
297Kb / 3P
   Inductive sensor Stainless steel front
BI1.5-EG08F-AG6X-H1341 TURCK-BI1.5-EG08F-AG6X-H1341 Datasheet
300Kb / 3P
   Inductive sensor Stainless steel front
logo
Cynergy3 Co
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
   horizontal stainless steel compact internal fitting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com