Electronic Components Datasheet Search |
|
E3X-CN12 Datasheet(PDF) 10 Page - Omron Electronics LLC |
|
E3X-CN12 Datasheet(HTML) 10 Page - Omron Electronics LLC |
10 / 16 page E3X-DAC-S 10 Nomenclature Safety Precautions Refer to Warranty and Limitations of Liability. This product is not designed or rated for ensuring safety of persons either directly or indirectly. Do not use it for such purposes. Do not use the product with voltage in excess of the rated voltage. Excess voltage may result in malfunction or fire. Never use the product with an AC power supply. Otherwise, explosion may result. High-temperature environments may result in burn injury. The following precautions must be observed to ensure safe operation of the Sensor. 1. Do not use the Sensor in an environment where explosive or flammable gas is present. 2. Do not use the Sensor in a location subject to splattering of water, oils, or chemicals. 3. Do not attempt to disassemble, repair, or modify the Sensor. 4. Do not apply voltages or currents that exceed the rated range to the Sensor. 5. Do not use the Sensor in an ambient atmosphere or environment that exceeds the ratings. 6. Wire the power supply correctly, including the polarity. 7. Connect the load correctly. 8. Do not short-circuit the load at both ends. 9. Do not use the Sensor if the case is damaged. 10. Dispose of the Sensor as industrial waste. 11. Do not use the Sensor in locations subject to direct sunlight. 12. Burn injury may occur. The Sensor surface temperature rises depending on application conditions, such as the ambient temperature and the power supply voltage. Use caution when operating or performing maintenance on the Sensor. Amplifier Units Standard Models E3X-DAC @-S (@: 11/41/6/8) Advanced models with simultaneous 2-color determination E3X-DAC @-S (@: 21/51) Advanced models with 4-color determination E3X-DAC @B-S (@: 21/51) ON when output is ON. OFF when output is OFF. Operation Indicator (orange) Locks the fiber. Lock lever Incident level, function, etc. Main Display (red) Threshold, function settings, etc. Sub-display (green) Use to select SET or RUN mode. Mode Selector Switch Lit orange: Operation in I Mode. I Mode Indicator Function setting operations Operation Keys Use to switch between Light ON and Dark ON modes. Operation Selector Switch UP DOWN MODE Locks the fiber. Incident level, function, etc. ON when output is ON. OFF when output is OFF. Ch1 Operation Indicator Lock lever Main Display (red) Used to select the channel to display and set. Channel Switch Use to select SET or RUN mode. Mode Selector Switch ON when output is ON. OFF when output is OFF. Ch2 Operation Indicator Function setting operations Operation Keys Threshold, function settings, etc. Sub-display (green) UP DOWN MODE WARNING CAUTION Precautions for Safe Use |
Similar Part No. - E3X-CN12 |
|
Similar Description - E3X-CN12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |