Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS11551 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # LBS11551
Description  115MHz IF SAW Filter 5MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS11551 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  LBS11551 Datasheet HTML 1Page - SIPAT Co,Ltd LBS11551 Datasheet HTML 2Page - SIPAT Co,Ltd LBS11551 Datasheet HTML 3Page - SIPAT Co,Ltd LBS11551 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS11551
Rev. Date
2007-08-07
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 4/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
115MHz IF SAW Filter
5MHz Bandwidth
Part Number: LBS11551
Maximum Ratings
Operating Temperature Range
°C
[-40°C;+85°C]
Storage Temperature Range
°C
[-40°C;+105°C]
DC Voltage
V
0
Input Power
dBm
10 max
ESD Class
1


Similar Part No. - LBS11551

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11551 SIPAT-LBS11551 Datasheet
142Kb / 4P
   115MHz IF SAW Filter 5MHz Bandwidth
More results

Similar Description - LBS11551

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11551 SIPAT-LBS11551 Datasheet
142Kb / 4P
   115MHz IF SAW Filter 5MHz Bandwidth
LBT11528 SIPAT-LBT11528 Datasheet
139Kb / 3P
   115MHz SAW Filter 5MHz Bandwidth
LBT11559 SIPAT-LBT11559 Datasheet
142Kb / 3P
   115MHz SAW Filter 5MHz Bandwidth
LBT11528 SIPAT-LBT11528 Datasheet
145Kb / 3P
   115MHz SAW Filter 5MHz Bandwidth
LBT11533 SIPAT-LBT11533 Datasheet
138Kb / 3P
   115MHz SAW Filter 5MHz Bandwidth
LBS11552 SIPAT-LBS11552 Datasheet
151Kb / 3P
   115MHz SAW Filter 5MHz Bandwidth
LBT11533 SIPAT-LBT11533 Datasheet
143Kb / 3P
   115MHz SAW Filter 5MHz Bandwidth
LBS11552 SIPAT-LBS11552 Datasheet
145Kb / 3P
   115MHz SAW Filter 5MHz Bandwidth
LBT11559 SIPAT-LBT11559 Datasheet
142Kb / 3P
   115MHz SAW Filter 5MHz Bandwidth
logo
Oscilent Corporation
820-IF115.0M-05B OSCILENT-820-IF115.0M-05B Datasheet
221Kb / 6P
   115MHz IF SAW Filter 5.44MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com