Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS-E-5AS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OS-E-5AS
Description  QUICK BRAID Cleaner, Faster, More Consistent
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS-E-5AS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  OS-E-5AS Datasheet HTML 1Page - List of Unclassifed Manufacturers OS-E-5AS Datasheet HTML 2Page - List of Unclassifed Manufacturers OS-E-5AS Datasheet HTML 3Page - List of Unclassifed Manufacturers OS-E-5AS Datasheet HTML 4Page - List of Unclassifed Manufacturers OS-E-5AS Datasheet HTML 5Page - List of Unclassifed Manufacturers OS-E-5AS Datasheet HTML 6Page - List of Unclassifed Manufacturers OS-E-5AS Datasheet HTML 7Page - List of Unclassifed Manufacturers OS-E-5AS Datasheet HTML 8Page - List of Unclassifed Manufacturers OS-E-5AS Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PART NO.
DESCRIPTION
STANDARD PACKAGE
EB41W44
Lint Free Stencil Wipe 4" x 4"
1200
EB41W99
Lint Free Stencil Wipe 9" x 9"
300
EB41W1212
Lint Free Stencil Wipe 12" x 12"
150
EBHC100
Hand Cleaner Wipes (100 wipes per tub/6 tubs per case)
1 case
EBSC100
Stencil Cleaner Wipes (100 wipes per tub/6 tubs per case)
1 case
EBIPA100
IPA/DI Wipes (100 wipes per tub/6 tubs per case)
1 case
EBHC15
Hand Cleaner Wipes Pack
15
EBSC15
Stencil Cleaner Wipes Pack
15
EBIPA15
IPA/DI Wipes Pack
15
www.easybraidco.com | Toll Free 1-800-840-5394 | Toll Free Fax 1-800-840-9805
HAND CLEANER WIPES
• Hands are cleaned quickly and effectively
• Pleasant citrus scent
• Very effective on stains such as solders, greases,
and glues
• Ideal for production line use
STENCIL CLEANER WIPES
• Formulated for the removal of stencil contaminants
• Evaporates quickly to leave surfaces clean and dry
• Odor-free
• Removes contaminates cleanly and without scratching
the stencil surface
IPA / DI WIPES
• 70% Isopropyl alcohol, 30% de-ionized water
• General-purpose sterile cleaner that can be used
through entire production process
• Leaves surfaces free of contamination
• Evaporates quickly after cleaning has been completed
4
SPECIALTY CLEANER
FLUX REMOVER
ENVIRONMENTAL
CLEANERS / DEGREASERS
CHEMICALS
K44Y16
Stencil Cleaner (16 fl.oz.)
No residue, safe on most
plastics, pump
K30Y14
Flux-Away (14 oz.)
No residue, safe on most
plastics, ozone safe,
adjustable aerosol pressure
spray nozzle
K51G13
NatureSafe Air (13 oz.)
Non-corrosive, water based,
biodegradable, solvent free,
ozone safe, non-flammable,
unique internal dispensing
system
K52G16
NatureSafe Spray (16 fl.oz.)
Biodegradable, non-
flammable, ozone safe,
pump, unique internal
dispensing system


Similar Part No. - OS-E-5AS

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
OS-1/2 FESTO-OS-1/2 Datasheet
84Kb / 1P
   OR gate
4/15/22
OS-1/4-B FESTO-OS-1/4-B Datasheet
76Kb / 1P
   OR gate
4/15/22
OS-1/4-NPT FESTO-OS-1/4-NPT Datasheet
76Kb / 1P
   OR gate
4/15/22
OS-1/8-B FESTO-OS-1/8-B Datasheet
77Kb / 1P
   OR gate
4/15/22
OS-1/8-NPT FESTO-OS-1/8-NPT Datasheet
77Kb / 1P
   OR gate
4/15/22
More results

Similar Description - OS-E-5AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OS-B-5 ETC2-OS-B-5 Datasheet
392Kb / 9P
   QUICK BRAID Cleaner, Faster, More Consistent
logo
Keysight Technologies
DAQ970A KEYSIGHT-DAQ970A Datasheet
397Kb / 2P
   Sample More Signals, Faster and Dynamically
December 23, 2019
logo
Hamamatsu Corporation
EMX2C9100-23B HAMAMATSU-EMX2C9100-23B Datasheet
585Kb / 8P
   Multiply faster
logo
Anaren Microwave
XDL21-7-125 ANAREN-XDL21-7-125 Datasheet
158Kb / 3P
   Consistent Delay
XDL20-8-140S ANAREN-XDL20-8-140S Datasheet
160Kb / 3P
   Consistent Delay
XDL09-09-224S ANAREN-XDL09-09-224S Datasheet
123Kb / 3P
   Consistent Delay
XDL20-6-100S ANAREN-XDL20-6-100S Datasheet
136Kb / 3P
   Consistent Delay
logo
Cooper Bussmann, Inc.
FP-A3 COOPER-FP-A3 Datasheet
239Kb / 2P
   Turn the Bay Faster With Quick Access to the Right Fuse
logo
List of Unclassifed Man...
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
logo
Silicon Laboratories
AN764 SILABS-AN764 Datasheet
951Kb / 6P
   Faster conversion time
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com