Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECCT3F390JG Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECCT3F390JG
Description  High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECCT3F390JG Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECCT3F390JG Datasheet HTML 1Page - Panasonic Semiconductor ECCT3F390JG Datasheet HTML 2Page - Panasonic Semiconductor ECCT3F390JG Datasheet HTML 3Page - Panasonic Semiconductor ECCT3F390JG Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Capacitors (SMD)
Not loaded
40 mm min.
Not loaded
20 mm min.
Leader tape
400 mm min.
Chip component position
● Leader Part and Taped End
Rated VoltagePart Number
Capacitance (pF)
Cap. Tolerance (%)
Temp. Char
Style
5 kVDC
ECCT3H050DGM
5±0.5 pF
SL/GP
Style 2
ECCT3H100JGM
10
±5
SL/GP
ECCT3H120JGM
12
±5
SL/GP
ECCT3H150JGM
15
±5
SL/GP
ECCT3H180JGM
18
±5
SL/GP
ECCT3H220JGM
22
±5
SL/GP
ECCT3H270JGM
27
±5
SL/GP
ECCT3H050DGY
5±0.5 pF
SL/GP
Style 4
ECCT3H080DGY
8±0.5 pF
SL/GP
ECCT3H100JGY
10
±5
SL/GP
ECCT3H120JGY
12
±5
SL/GP
ECCT3H150JGY
15
±5
SL/GP
4 kVDC
ECCT3G100DG2
10
±0.5 pF
SL/GP
Style 3
ECCT3G120JG2
12
±5
SL/GP
ECCT3G150JG2
15
±5
SL/GP
ECCT3G180JG2
18
±5
SL/GP
ECCT3G220JG2
22
±5
SL/GP
ECCT3G270JG2
27
±5
SL/GP
ECCT3G330JG
33
±5
SL/GP
Style 1
ECCT3G390JG
39
±5
SL/GP
ECCT3G470JG
47
±5
SL/GP
3 kVDC
ECCT3F100DG2
10
±0.5 pF
SL/GP
Style 3
ECCT3F120JG2
12
±5
SL/GP
ECCT3F150JG2
15
±5
SL/GP
ECCT3F180JG2
18
±5
SL/GP
ECCT3F220JG2
22
±5
SL/GP
ECCT3F270JG2
27
±5
SL/GP
ECCT3F330JG2
33
±5
SL/GP
ECCT3F390JG
39
±5
SL/GP
Style 1
ECCT3F470JG
47
±5
SL/GP
ECCT3F560JG
56
±5
SL/GP
2 kVDC
ECCT3D680JG
68
±5
SL/GP
ECKT3D101KB
100
±10
B/Y5P
ECKT3D121KB
120
±10
B/Y5P
ECKT3D151KB
150
±10
B/Y5P
ECKT3D181KB
180
±10
B/Y5P
ECKT3D221KB
220
±10
B/Y5P
ECKT3D271KB
270
±10
B/Y5P
ECKT3D331KB
330
±10
B/Y5P
1 kVDC
ECKT3A391KB
390
±10
B/Y5P
ECKT3A471KB
470
±10
B/Y5P
Ratings and Characteristics
● Rated Voltage 1 to 5 kVDC
Notes
✽ This part number indicates taped type.
✽ Capacitance 9 pF or under is available by special order.
Sep. 2006


Similar Part No. - ECCT3F390JG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECCT3F390JG PANASONIC-ECCT3F390JG Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
ECCT3F390JG PANASONIC-ECCT3F390JG Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
ECCT3F390JG PANASONIC-ECCT3F390JG Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
More results

Similar Description - ECCT3F390JG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECC-T3G220JG PANASONIC-ECC-T3G220JG Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
logo
Vishay Siliconix
715C-KT VISHAY-715C-KT Datasheet
84Kb / 4P
   High Voltage Class 1 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 10 kVDC to 40 kVDC
Revision: 19-Jan-17
715C-DK VISHAY-715C-DK Datasheet
84Kb / 4P
   High Voltage Class 2 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 15 kVDC to 40 kVDC
Revision: 19-Jan-17
HPC VISHAY-HPC Datasheet
87Kb / 4P
   High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
Revision: 11-Sep-15
660C VISHAY-660C Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
715C-DK VISHAY-715C-DK_V01 Datasheet
92Kb / 4P
   High Voltage Class 2 Ceramic DC Disc Capacitors, 10 kVDC to 40 kVDC / 3.5 kVAC to 14 kVAC, Screw Terminal Mounting
07-Mar-2019
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
logo
Panasonic Semiconductor
ECK-D3A472KBP PANASONIC-ECK-D3A472KBP Datasheet
51Kb / 3P
   High Voltage Ceramic Disc Capacitors Rated 1 to 3 kVDC, Temp. Char. Y5P
logo
Vishay Siliconix
660R VISHAY-660R Datasheet
89Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com