Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ3YB1E225 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECJ3YB1E225
Description  Multilayer Ceramic Chip Capacitors (High Capacitance)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ3YB1E225 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECJ3YB1E225 Datasheet HTML 1Page - Panasonic Semiconductor ECJ3YB1E225 Datasheet HTML 2Page - Panasonic Semiconductor ECJ3YB1E225 Datasheet HTML 3Page - Panasonic Semiconductor ECJ3YB1E225 Datasheet HTML 4Page - Panasonic Semiconductor ECJ3YB1E225 Datasheet HTML 5Page - Panasonic Semiconductor ECJ3YB1E225 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors
(
)
High
Capacitance
TypeÒ10Ó TypeÒ11Ó
TypeÒ12Ó
TypeÒ13Ó
TypeÒ23Ó
Code
Packaging Styles
Quantity (0402) (0603)
(0805)
(1206)
(1210)
T=0.5 T=0.8 T=0.85 T=1.25 T=0.85 T=1.15 T=1.6 T=0.85 T=2.0 T=2.5
E
Paper taping
10,000
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
(Pitch:2mm)
V
Paper taping
Ñ
4,000 4,000
Ñ
4,000
Ñ
Ñ
Ñ
Ñ
Ñ
f180
(Pitch:4mm)
pcs./
F
reel
reel
Ñ
Ñ
Ñ
3,000
Ñ
3,000
Ñ
3,000
Ñ
Ñ
Embossed taping
Y
(Pitch:4mm)
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
2,000
Ñ
2,000
1,000
n Packaging Styles and Standard Packaging Quantity
n Temperature Characteristics
l Class 2 Capacitors
n Rated Voltage
n Nominal Capacitance
n Capacitance Tolerance
Ex.
105
225
106
226
107
Nominal Capacitance
1,000,000 pF
2,200,000 pF
10,000,000 pF
22,000,000 pF
100,000,000 pF
(1 µF)
(2.2 µF)
(10 µF)
(22 µF)
(100 µF)
Code
1H
1E
1C
1A
0J
0G
Rated Voltage
DC 50 V
DC 25 V
DC 16 V
DC 10 V
DC 6.3 V
DC 4 V
For applicable ÒTemperature CharacteristicsÓ, see the lists of standard products on page 8 to 9.
T : Thickness (mm)
Code
Temp. Char.
Capacitance Change
Measurement
Reference
Temperature Range
Temperature
B
±10 %
Ð25 to 85 ûC
20 ûC
B
X7R
±15 %
Ð55 to 125 ûC
25 ûC
5
X5R
±15 %
Ð55 to 85 ûC
25 ûC
F
F
+30, Ð80 %
Ð25 to 85 ûC
20 ûC
Y5V
+22, Ð82 %
Ð30 to 85 ûC
25 ûC
Class
Temp. Char.
Tol. Code
Capacitance Tolerance
B, X7R, X5R
K
±10 %
2
M
±20 %
F, Y5V
Z
+80, Ð20 %
October 2005


Similar Part No. - ECJ3YB1E225

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ3YB1E225 PANASONIC-ECJ3YB1E225 Datasheet
313Kb / 6P
   Multilayer Ceramic Capacitors High Capacitance
ECJ3YB1E225 PANASONIC-ECJ3YB1E225 Datasheet
677Kb / 6P
   Multilayer Ceramic Capacitors
ECJ3YB1E225 PANASONIC-ECJ3YB1E225 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ3YB1E225 PANASONIC-ECJ3YB1E225 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ3YB1E225 PANASONIC-ECJ3YB1E225 Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
More results

Similar Description - ECJ3YB1E225

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J475K PANASONIC-ECJ-1VB0J475K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YB1H104K PANASONIC-ECJ-2YB1H104K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB1A106M PANASONIC-ECJ-1VB1A106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3YF1E225Z PANASONIC-ECJ-3YF1E225Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com