Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ3YB1C475 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECJ3YB1C475
Description  Multilayer Ceramic Chip Capacitors (High Capacitance)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ3YB1C475 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECJ3YB1C475 Datasheet HTML 1Page - Panasonic Semiconductor ECJ3YB1C475 Datasheet HTML 2Page - Panasonic Semiconductor ECJ3YB1C475 Datasheet HTML 3Page - Panasonic Semiconductor ECJ3YB1C475 Datasheet HTML 4Page - Panasonic Semiconductor ECJ3YB1C475 Datasheet HTML 5Page - Panasonic Semiconductor ECJ3YB1C475 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors
(
)
High
Capacitance
n Standard Products for Type “11” (EIA “0603” ), Taped Version
Code
B
Rated Voltage
DC16V
DC10V
DC6.3V
DC4V
Part No.
Part No.
Part No.
Part No.
X5R
X5R
X5R
X5R
1
±10%(K)
ECJ1VB1C105
@ 0.8
L
ECJ1VB1A105
@ 0.8
L
ECJ1VB0J105
@ 0.8
L
2.2
or
ECJ1VB1A225
@ 0.8
L
ECJ1VB0J225
@ 0.8
L
4.7
±20%(M)
ECJ1VB0J475
@ 0.8
L
10
ECJ1VB0G106M
0.8
L
Code
F
Rated Voltage
DC50V
DC25V
DC16V
DC10V
Part No.
Part No.
Part No.
Part No.
F Y5V
F Y5V
F Y5V
F Y5V
Capaci-
tance
(µF)
Dim.
T
(mm)
Temp.
Char.
Capacitance
Tolerance
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
@:Capacitance tolerance code : Ò@Ó for ÒKÓ or ÒMÓ
Packaging style code: ÒVÓ for taped version (f180 reel, taping pitch: 4 mm) .
n Standard Products for Type “12” (EIA “0805”), Taped Version
Capaci-
tance
(µF)
@:Capacitance tolerance code : Ò@Ó for ÒKÓ or ÒMÓ
Packaging style code: ÒVÓ or ÒFÓ for taped version (f180 reel, taping pitch: 4 mm) .
*:ÒLÓ, ÒWÓ, ÒTÓ Dimension tolerance ±0.15mm
Soldering method of dimension T>1mm: Do not use the flow soldering.
Temp.
Char.
Dim.
T
(mm)
Code
B
Rated Voltage
DC6.3V
Part No.
X5R
1 ±10%(K) or ±20%(M) ECJ0EB0J105@ 0.5
L
Packaging style code: ÒEÓ for taped version (f180 reel, taping pitch: 2 mm) .
Code
F
Rated Voltage
DC6.3V
Part No.
F Y5V
1 +80,Ð20%(Z) ECJ0EF0J105Z 0.5 LL
Capaci-
tance
(µF)
Dim.
T
(mm)
Temp.
Char.
Capacitance
Tolerance
Capaci-
tance
(µF)
Dim.
T
(mm)
Temp.
Char.
Capacitance
Tolerance
n Standard Products for Type “10” (EIA “0402” ), Taped Version
Code
F
Rated Voltage
DC25V
DC16V
DC10V
DC6.3V
Part No.
Part No.
Part No.
Part No.
F Y5V
F Y5V
F Y5V
F Y5V
1
+80,
ECJ1VF1E105Z
0.8 L Ñ ECJ1VF1C105Z 0.8 L Ñ ECJ1VF1A105Z 0.8 LL
2.2 Ð20%(Z)
ECJ1VF1A225Z
0.8 LL ECJ1VF0J225Z 0.8 LL
Capaci-
tance
(µF)
Dim.
T
(mm)
Temp.
Char.
Capacitance
Tolerance
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Capacitance
Tolerance
Dim.
T
(mm)
Temp.
Char.
1
ECJ2FF1H105Z*
1.25 L Ñ ECJ2FF1E105Z* 1.25 L Ñ ECJ2VF1C105Z 0.85 LL
2.2
+80,
ECJ2FF1E225Z*
1.25 L Ñ ECJGVF1C225Z 0.85 LL
4.7 Ð20%(Z)
ECJGVF1C475Z
0.85 LL ECJGVF1A475Z 0.85 LL
10
ECJ2FF1A106Z*
1.25 LL
1
ECJ2FB1E105
@* 1.25
L
ECJ2FB1C105
@* 1.25
L
ECJ2FB1A105
@ 1.25 LL
2.2 ±10%(K) ECJ2FB1E225@* 1.25
L
ECJ2FB1C225
@* 1.25
L
ECJ2FB1A225
@* 1.25 Ñ L
L
4.7
or
ECJ2FB1E475M*
1.25
L
ECJ2FB1C475
@* 1.25
L
* 1.25 Ñ L
L
10 ±20%(M)
1.25 Ñ L
L
22
Under development
1.25
L
Code
B
Rated Voltage
DC25V
DC16V
DC10V
DC6.3V
DC4V
Part No.
Part No.
Part No.
Part No.
Part No.
X5R
X5R
B X5R
X5R
X5R
Capaci-
tance
(µF)
Dim.
T
(mm)
Temp.
Char.
Capacitance
Tolerance
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Code
F
Rated Voltage
Part No.
1
Capaci-
tance
(µF)
T
(mm)
Temp.
Char.
Capacitance
Tolerance
DC25V
+22,Ð22%
Dim.
ECJ1V41E105M
0.8
L
X5S
2.2
ECJCV50J225M
0.85
L
4.7
ECJCV50J475M
0.85
L
10
ECJCV50J106M
0.85
L
Code
B
Rated Voltage
DC6.3V
Part No.
X5R
Capaci-
tance
(µF)
Capacitance
Tolerance
Dim.
T
(mm)
Temp.
Char.
+80,
Ð20%(Z)
1.25
1.25
ECJ2FB0J225K
1.25
ECJ2FB0J475M
ECJ2FB1A475
@
ECJ2FB0J106M
ECJ2FB1A106
@
October 2005


Similar Part No. - ECJ3YB1C475

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ3YB1C475 PANASONIC-ECJ3YB1C475 Datasheet
313Kb / 6P
   Multilayer Ceramic Capacitors High Capacitance
ECJ3YB1C475 PANASONIC-ECJ3YB1C475 Datasheet
677Kb / 6P
   Multilayer Ceramic Capacitors
ECJ3YB1C475 PANASONIC-ECJ3YB1C475 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ3YB1C475 PANASONIC-ECJ3YB1C475 Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ3YB1C475 PANASONIC-ECJ3YB1C475 Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
More results

Similar Description - ECJ3YB1C475

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J475K PANASONIC-ECJ-1VB0J475K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YB1H104K PANASONIC-ECJ-2YB1H104K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB1A106M PANASONIC-ECJ-1VB1A106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3YF1E225Z PANASONIC-ECJ-3YF1E225Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com