Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJMFF1A226Z Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECJMFF1A226Z
Description  Multilayer Ceramic Chip Capacitors (High Capacitance)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJMFF1A226Z Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECJMFF1A226Z Datasheet HTML 1Page - Panasonic Semiconductor ECJMFF1A226Z Datasheet HTML 2Page - Panasonic Semiconductor ECJMFF1A226Z Datasheet HTML 3Page - Panasonic Semiconductor ECJMFF1A226Z Datasheet HTML 4Page - Panasonic Semiconductor ECJMFF1A226Z Datasheet HTML 5Page - Panasonic Semiconductor ECJMFF1A226Z Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors
(
)
High
Capacitance
4.7
ECJ4YF1H475Z
2.0
L
ECJ4YF1E475Z
2.0 LL
10
+80,
ECJ4YF1H106Z
2.0
L
ECJ4YF1E106Z
2.0 LL ECJ4YF1C106Z 2.0
L
22 Ð20%(Z)
ECJ4YF1E226Z
2.0 LL ECJ4YF1C226Z 2.0
L
ECJ9FF1A226Z
0.85 LL
47
ECJ4YF1A476Z
2.0 LL ECJ4YF0J476Z 2.0 LL
100
ECJ4YF0J107Z
2.5 LL
1
ECJ4YB1H105
@ 2.0
L
2.2
ECJ4YB1E225
@ 2.0
L
4.7 ±10%(K)
ECJ4YB1E475
@ 2.0
L
ECJ4YB1C475
@ 2.0
L
10
or
ECJ4YB1E106M
2.5
L
ECJ4YB1C106M
2.0
L
ECJ4YB1A106
@ 2.0
L
22 ±20%(M)
ECJ4YB1E226M
2.5
L
ECJ4YB1C226M
2.5
L
ECJ4YB1A226M
2.5
L
ECJ4YB0J226M
2.5
L
47
ECJ4YB1C476M
2.5
L
ECJ4YB1A476M
2.5
L
ECJ4YB0J476M
2.5
L
100
ECJ4YB0J107M
2.5
L
Code
F
Rated Voltage
DC50V
DC25V
DC16V
DC10V
Part No.
Part No.
Part No.
Part No.
FF Y5V
F Y5V
F Y5V
1
ECJ3FF1H105Z
1.15
L
ECJ3FF1E105Z
1.15 LL ECJ3VF1C105Z 0.85 LL
2.2
ECJ3FF1E225Z
1.15 LL ECJ3VF1C225Z 0.85 LL
4.7
+80,
ECJ3FF1E475Z
1.15 L Ñ ECJ3FF1C475Z 1.15 LL
10
Ð20%(Z)
ECJ3YF1E106Z
1.60 L Ñ ECJMFF1C106Z 1.15 L Ñ ECJMFF1A106Z 1.15 LL
22
ECJMFF1A226Z
1.15 LL
Code
B
Rated Voltage
DC50V
DC25V
DC16V
DC10V
DC6.3V
Part No.
Part No.
Part No.
Part No.
Part No.
X5R
X5R
X5R
X5R
X5R
Code
F
Rated Voltage
DC50V
DC25V
DC16V
DC10V
DC6.3V
Part No.
Part No.
Part No.
Part No.
Part No.
FF Y5V
FF Y5V
F Y5V
Capaci-
tance
(µF)
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Capacitance
Tolerance
Dim.
T
(mm)
Temp.
Char.
Capaci-
tance
(µF)
Dim.
T
(mm)
Temp.
Char.
Capacitance
Tolerance
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Capaci-
tance
(µF)
Dim.
T
(mm)
Temp.
Char.
Capacitance
Tolerance
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
n Standard Products for Type “23” (EIA “1210”), Taped Version
@:Capacitance tolerance code. : Ò@Ó for ÒKÓ or ÒMÓ
Packaging style code: ÒYÓ for taped version (f180 reel, taping pitch: 4 mm) .
Soldering method of dimension T>1mm: Do not use the flow soldering.
n Standard Products for Type “13” (EIA “1206” ), Taped Version
Code
B
Rated Voltage
DC25V
DC16V
DC10V
DC6.3V
Part No.
Part No.
Part No.
Part No.
B X7R X5R
B X7R X5R
B X5R
X5R
Capaci-
tance
(µF)
Dim.
T
(mm)
Temp.
Char.
Capacitance
Tolerance
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
Dim.
T
(mm)
Temp.
Char.
@:Capacitance tolerance code. : Ò@Ó for ÒKÓ or ÒMÓ
Packaging style code: ÒFÓ and ÒYÓ for taped version (f180 reel, taping pitch: 4 mm) .
Soldering method of dimension T>1mm: Do not use the flow soldering.
1
ECJ3YB1E105
@ 1.6 LL Ñ ECJ3FB1C105@ 1.15 LL Ñ
2.2
±10%(K)
ECJ3YB1E225
@ 1.6 Ñ Ñ L ECJ3YB1C225@ 1.6 LL Ñ ECJ3YB1A225@ 1.6 LL
4.7
or
ECJ3YB1E475
@ 1.6 Ñ Ñ L ECJ3YB1C475@ 1.6 Ñ Ñ L ECJ3YB1A475@ 1.6 Ñ L ECJ3YB0J475@ 1.6
L
10
±20%(M)
ECJ3YB1E106
@ 1.6 Ñ Ñ L ECJ3YB1C106@ 1.6 Ñ Ñ L ECJ3YB1A106M 1.6 Ñ L
ECJDV50J106M
0.85
L
22
Under development
1.6 Ñ Ñ L Under development 1.6 Ñ Ñ L Under development 1.6 Ñ L
ECJDV50J226M
0.85
L
47
Under development
1.6
L
n Standard Products for Type “34” (EIA “1812”) will be discontinued. The schedule will be announced.
L
L
10
Code
B
Rated Voltage
DC6.3V
Part No.
X5R
Capaci-
tance
(µF)
Capacitance
Tolerance
Dim.
T
(mm)
Temp.
Char.
22
±10%(K)
or
±20%(M)
1.6
1.6
ECJ3YB0J106M
ECJ3YB0J226M
October 2005


Similar Part No. - ECJMFF1A226Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJMFF1A226Z PANASONIC-ECJMFF1A226Z Datasheet
313Kb / 6P
   Multilayer Ceramic Capacitors High Capacitance
ECJMFF1A226Z PANASONIC-ECJMFF1A226Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJMFF1A226Z PANASONIC-ECJMFF1A226Z Datasheet
677Kb / 6P
   Multilayer Ceramic Capacitors
ECJMFF1A226Z PANASONIC-ECJMFF1A226Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJMFF1A226Z PANASONIC-ECJMFF1A226Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
More results

Similar Description - ECJMFF1A226Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J475K PANASONIC-ECJ-1VB0J475K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YB1H104K PANASONIC-ECJ-2YB1H104K Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB1A106M PANASONIC-ECJ-1VB1A106M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3YF1E225Z PANASONIC-ECJ-3YF1E225Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com