Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECST0JZ155R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECST0JZ155R
Description  Tantalum Solid Electrolytic Capacitors/TES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECST0JZ155R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECST0JZ155R Datasheet HTML 1Page - Panasonic Semiconductor ECST0JZ155R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tantalum Solid Electrolytic Capacitors/TES
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and / or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
 EE32 
s
Standard Products
LxWxH
(mm)
(pcs)
(µF)
(µA)
L.C
Case Size
Specification
Cap.
(±20%)
W.V.
Part No.
Min.PackagingQ'ty
Taping
Size
Code
4
6.3
10
16
tan
δ
(120Hz)
(20
°C)
2.2
2.0x1.25x1.2
Z
0.5
0.10
25
ECST0GZ225R
3000
3.3
2.0x1.25x1.2
Z
0.5
0.15
20
ECST0GZ335R
3000
6.8
2.0x1.25x1.2
Z
0.5
0.20
20
ECST0GZ685R
3000
10
2.0x1.25x1.2
Z
0.5
0.20
15
ECST0GZ106R
3000
15
2.0x1.25x1.2
Z
0.6
0.20
15
ECST0GZ156R
3000
1.5
2.0x1.25x1.2
Z
0.5
0.10
25
EC S T0JZ155R
3000
2.2
2.0x1.25x1.2
Z
0.5
0.12
20
ECST0JZ225R
3000
4.7
2.0x1.25x1.2
Z
0.5
0.20
20
ECST0JZ475R
3000
6.8
2.0x1.25x1.2
Z
0.5
0.20
15
ECST0JZ685R
3000
10
2.0x1.25x1.2
Z
0.7
0.20
15
ECST0JZ106R
3000
1
2.0x1.25x1.2
Z
0.5
0.10
25
ECST1AZ105R
3000
1.5
2.0x1.25x1.2
Z
0.5
0.12
20
ECST1AZ155R
3000
2.2
2.0x1.25x1.2
Z
0.5
0.20
15
ECST1AZ225R
3000
3.3
2.0x1.25x1.2
Z
0.5
0.20
15
ECST1AZ335R
3000
4.7
2.0x1.25x1.2
Z
0.5
0.20
15
ECST1AZ475R
3000
0.47 2.0x1.25x1.2
Z
0.5
0.10
28
ECST1CZ474R
3000
0.68 2.0x1.25x1.2
Z
0.5
0.10
25
ECST1CZ684R
3000
1
2.0x1.25x1.2
Z
0.5
0.20
20
ECST1CZ105R
3000
ESR
(100kHz)
(20
°C)
(
Ω)


Similar Part No. - ECST0JZ155R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
ECST0JZ155R NICHICON-ECST0JZ155R Datasheet
50Kb / 3P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ECST0JZ155R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com