Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-001-A-05 Datasheet(PDF) 3 Page - Grayhill, Inc

Part # 30-001-A-05
Description  Sleek Black Matte Bezel Convenient Snap-In Front Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

30-001-A-05 Datasheet(HTML) 3 Page - Grayhill, Inc

  30-001-A-05 Datasheet HTML 1Page - Grayhill, Inc 30-001-A-05 Datasheet HTML 2Page - Grayhill, Inc 30-001-A-05 Datasheet HTML 3Page - Grayhill, Inc 30-001-A-05 Datasheet HTML 4Page - Grayhill, Inc 30-001-A-05 Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Butt Contact Pushbutton Switches
SERIES 30 and 46
Decorator Line
FEATURES
• Attractive Front Panel Bezels (6 choices)
• Space-Saving: Only 5/8" Diameter
(SPST & SPDT) and 3/4" Diameter (DPDT)
Round Bezels
• SPST with Option of Positive Feel
• SPDT, DPDT with Momentary Contact or
Alternate Action
• Sturdy Metal Sleeve or Bushing and Nut
Provide Secure Mounting
• UL Recognized Version
SPDT–Break Before Make
SPST–Normally Open
Partial
Part No.
Feature
Dim.
F
Dim.
A
Momentary
46-05-05-502-*
.992 (25,20)
Alt. Action
46-05-07-502-*
1.278 (32,46)
Partial
Part No.
Feature
Dim.
A
Momentary
30-05-01-502-*
.710 (18,03)
Pos. Feel
30-05-04-502-*
.910 (23,11)
Partial
Part No.
Feature
Dim.
A
46-05-05-502-*
46-05-07-502-*
30-05-01-502-*
30-05-04-502-*
CIRCUITRY
DIMENSIONS In Inches (and millimeters)
*Partial part number; complete part number by adding a dash for button color: white -01; red -03;
green -04; blue -05; yellow -06 or black -07, see Ordering Information.
** Contact Grayhill for part number.
Mounting Hardware
For 46-05-08-502 & 46-05-09-502:
One internal tooth lockwasher
One knurled ring nut .765 ± .010 (19,43 ± 0,25) Dia.
.094 ± .010 (2,39 ± 0,25) Thk.
For SPST & SPDT switches
One internal tooth lockwasher
One knurled ring nut .640 ± .010 (16,26 ± 0,25) Dia.
.094 ± .010 (2,39 ± 0,25) Thk.
RECOMMENDED PANEL CUTOUT AND MOUNTING HARDWARE
Note: All switches fit panels
up to .250 (6,35) thick, except
46-05-08-502 which fits
panels up to .187 (4,75) thick.
Front and back panel access
required for installation.
.440 (11,17) MIN.
ACROSS FLATS
.516 (13,10)
MIN. DIA.
.565 (14,35) MIN.
ACROSS FLATS
.641 (16,28)
MIN. DIA.
SPST AND SPDT VERSION
DPDT VERSION
Momentary
46-05-08-502-*
1.001 (25,43) .314 (7,98)
Alt. Action
46-05-09-502-*
1.130 (28,70) .355 (9,02)
Terminals are marked on switch.
Terminals are marked on switch.
DPDT–Break Before Make
46-05-08-502-* (UL)**
46-05-09-502-*
.430 ± .005
(10,92 ± 0,13)
ACROSS FLATS
1/2-32 UN-2A
THREAD
B = .375 ± .010
(9,53 ± 0,25)
DIA.
C = .625 ± .005
(15,88 ± 0,13)
DIA.
D = .255 ± .032
(6,48 ± 0,81)
E = .093 ± .010
(2,36 ± 0,25)
F = .355 ± .015
(9,02 ± 0,38)
G = .150 ± .010
(3,81 ± 0,25)
DIM A
± .015
(0,38)
(SEE CHART)
F
D
E
G
.187 ± .015
(4,75 ± 0,38)
INSULATING
BARRIER
B
C
LABEL*
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
.555 ± .005
(14,10 ± 0,13)
ACROSS FLATS
5/8-32 UN-2A
THREAD
INSULATING
BARRIER
B = .375 ± .010
(9,35 ± 0,25)
DIA.
C = .750 ± .005
(19,05 ± 0,13)
DIA.
D = .255 ± .032
(6,48 ± 0,81)
F = SEE CHART
± .015 (0,38)
E = .093 ± .010
(2,36 ± 0,25)
G = .150 ± .010
(3,81 ± 0,25)
DIM A
± .015
(0,38)
(SEE CHART)
F
D
E
G
.187 ± .015
(4,75 ± 0,38)
C
B
C
LABEL*
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
.100 ± .005
(2,54 ± 0,13)
.430 ± .005
(10,92 ± 0,13)
ACROSS FLATS
1/2-32 UN-2A
THREAD
B = .375 ± .010
(9,53 ± 0,25)
DIA.
C = .625 ± .005
(15,88 ± 0,13)
DIA.
D = .255 ± .032
(6,48 ± 0,81)
E = .093 ± .010
(2,36 ± 0,25)
F = .355 ± .015
(9,02 ± 0,38)
G = .220 ± .025
(5,59 ± 0,64)
DIM A
± .020
(0,51)
(SEE CHART)
F
G
D
E
C
B
LABEL*
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
.186
(4,72)
REF.
C
L
C
L
SPST N.O.
SPDT - BBM
N.C.
N.O.
C.
DPDT BBM
N.C.
N.O.
C1
N.C.
N.O.
C2
Pushbutton
51


Similar Part No. - 30-001-A-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30-000 ETC2-30-000 Datasheet
92Kb / 1P
   3/16 (4.8mm) Plato Tips to fit Pace SX-65A SX-70 SODR-X-TRACTORS
logo
Tensility International...
30-00003 TENSILITY-30-00003 Datasheet
346Kb / 2P
   Wire, 2C, 24 AWG, UL2468, 300V, 80C, 3.6mm, VW-1, PVC, 65P
30-00004 TENSILITY-30-00004 Datasheet
345Kb / 2P
   Wire, 1C, 18 AWG, UL1185, 300V, 80C, 3.4mm, shielded, VW-1, PVC, 60P
30-00005 TENSILITY-30-00005 Datasheet
386Kb / 2P
   Wire, 2C, 24 AWG, 300V, 80C, 3.7 mm, shielded, PVC, 65P
30-00006 TENSILITY-30-00006 Datasheet
353Kb / 2P
   Wire, 3C, 24 AWG, 300V, 80C, 3.4 mm, PVC, 65P
More results

Similar Description - 30-001-A-05

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT710-837 AXIOMTEK-GOT710-837 Datasheet
389Kb / 2P
   Alternative keypad control in front bezel
GOT712-837 AXIOMTEK-GOT712-837 Datasheet
435Kb / 2P
   Alternative keypad control in front bezel
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
   IP65 front bezel
GOT710-837 AXIOMTEK-GOT710-837_16 Datasheet
585Kb / 2P
   Alternative keypad control in the front bezel
logo
AAEON Technology
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
   IP65 Compliant Front Bezel
logo
Axiomtek Co., Ltd.
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_16 Datasheet
508Kb / 2P
   IP65 aluminum front bezel
logo
AAEON Technology
ACD-110D AAEON-ACD-110D Datasheet
189Kb / 2P
   ip65 aliminum front bezel
AHP-1125HTT-A1-1010 AAEON-AHP-1125HTT-A1-1010 Datasheet
256Kb / 2P
   IP65 Plastic Front Bezel
logo
Grayhill, Inc
30-102 GRAYHILL-30-102 Datasheet
91Kb / 1P
   Convenient Snap-in Panel Mounting Choice of 6 Button Colors
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com