Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-001-A-05 Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 30-001-A-05
Description  Sleek Black Matte Bezel Convenient Snap-In Front Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

30-001-A-05 Datasheet(HTML) 4 Page - Grayhill, Inc

  30-001-A-05 Datasheet HTML 1Page - Grayhill, Inc 30-001-A-05 Datasheet HTML 2Page - Grayhill, Inc 30-001-A-05 Datasheet HTML 3Page - Grayhill, Inc 30-001-A-05 Datasheet HTML 4Page - Grayhill, Inc 30-001-A-05 Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Butt Contact Pushbutton Switches
SERIES 30 and 46
Decorator Line
FEATURES
• Attractive Front Panel Bezels (6
choices)
• Space-Saving: Only 11/16" Square
• SPST with Option of Positive Feel
• SPDT, DPDT with Momentary
Contact or Alternate Action
• Sturdy Metal Sleeve or Bushing and
Nut Provide Secure Mounting
CIRCUITRY
SPST–Normally Open
SPDT–Break Before Make
DPDT–Break Before Make
46-01-05-500-*
46-01-07-500-*
46-01-08-500-*
46-01-09-500-*
30-01-01-500-*
30-01-04-500-*
Momentary
46-01-08-500-*
Alt. Action
46-01-09-500-*
Partial
Part No.
Feature
Momentary
30-01-01-500-*
.880 (22,35)
Pos. Feel
30-01-04-500-*
1.037 (26,34)
Partial
Part No.
Feature
Dim.
A
DIMENSIONS In Inches (and millimeters)
*Partial part number; complete part number by adding a dash for button color: white -01; red -03;
green -04; blue -05; yellow -06 or black -07, see Ordering Information.
Mounting Hardware
For 46-01-08-500 & 46-01-09-500
(See drawing above–mounting hardware shipped
loose.)
For SPST & SPDT switches
One internal tooth lockwasher
One knurled ring nut .640 ± .010 (16,26 ± 0,25) DIA.
.094 ± .010 (2,39 ± 0,25) Thk.
FRONT VIEWS AND MOUNTING
Momentary
46-01-05-500-*
1.174 (29,82)
Alt. Action
46-01-07-500-*
1.264 (32,11)
Partial
Part No.
Feature
Dim.
A
Terminals are
marked on switch.
1/2-32 UN-2A
THREAD
.100 ± .005
(2,54 ± 0,13 )
.220 ± .025
(5,59 ± 0,64)
DIM. A
± .015 (0,38)
SEE CHART
.255 ± .032
(6,48 ± 0,81)
.093 ± .005
(2,36 ± 0,13)
.590 ± .003
(14.99 ± 0,08)
SQUARE
WILL FIT
PANEL
.020 (0,51)
MIN. TO
.125 (3,18)
MAX.
LABEL*
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
Terminals are marked on switch.
WILL FIT
PANEL
.020 (0,51)
MIN. TO
.125 (3,18)
MAX.
1/2-32 UN-2A
THREAD
DIM. A
± .015 (0,38)
SEE CHART
.255 ± .032
(6,48 ± 0,81)
.093 ± .005
(2,36 ± 0,13)
.590 ± .003
(14.99 ± 0,08)
SQUARE
NC
NO
C
INSULATING
BARRIER
.150 ± .010
(3,81 ± 0,25)
.187 ± .015
(4,75 ±, 0,38)
LABEL*
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
.150
± .010
(3,81
± 0,25)
1.194
± .031
(30,33
± 0,79)
.281 ± .032
(7,14 ± 0,81)
.093 ± .010
(2,36 ± 0,25)
.605 (15,37)
SQUARE MAX.
INSULATING BARRIER
WILL FIT PANEL
.010 (0,25) MIN.
TO .218 (5,54) MAX.
NC
NO
NC
NO
MOUNTING SLEEVE
.187 ± .015
(4,75 ± 0,38)
E.I.A. DATE
CODE LABEL
SPST N.O.
SPDT - BBM
N.C.
N.O.
C.
DPDT BBM
N.C.
N.O.
C1
N.C.
N.O.
C2
.485 ± .010
(12,32 ± 0,25)
.687
(17,45)
MAX.
.610 ± .004
(15,49 ± 0,02) Sq.
.610 ± .004
(15,49 ± 0,02)
Wide Slot
.031 (0,79)
MAX. RADIUS
SINGLE
STACKED
RECOMMENDED PANEL CUTOUT
FOR SQUARE BEZEL SWITCHES
Note: All switches fit panels up to .250 (6,35) thick.
Front and back panel access required for installation.
Pushbutton
52


Similar Part No. - 30-001-A-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30-000 ETC2-30-000 Datasheet
92Kb / 1P
   3/16 (4.8mm) Plato Tips to fit Pace SX-65A SX-70 SODR-X-TRACTORS
logo
Tensility International...
30-00003 TENSILITY-30-00003 Datasheet
346Kb / 2P
   Wire, 2C, 24 AWG, UL2468, 300V, 80C, 3.6mm, VW-1, PVC, 65P
30-00004 TENSILITY-30-00004 Datasheet
345Kb / 2P
   Wire, 1C, 18 AWG, UL1185, 300V, 80C, 3.4mm, shielded, VW-1, PVC, 60P
30-00005 TENSILITY-30-00005 Datasheet
386Kb / 2P
   Wire, 2C, 24 AWG, 300V, 80C, 3.7 mm, shielded, PVC, 65P
30-00006 TENSILITY-30-00006 Datasheet
353Kb / 2P
   Wire, 3C, 24 AWG, 300V, 80C, 3.4 mm, PVC, 65P
More results

Similar Description - 30-001-A-05

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT710-837 AXIOMTEK-GOT710-837 Datasheet
389Kb / 2P
   Alternative keypad control in front bezel
GOT712-837 AXIOMTEK-GOT712-837 Datasheet
435Kb / 2P
   Alternative keypad control in front bezel
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
   IP65 front bezel
GOT710-837 AXIOMTEK-GOT710-837_16 Datasheet
585Kb / 2P
   Alternative keypad control in the front bezel
logo
AAEON Technology
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
   IP65 Compliant Front Bezel
logo
Axiomtek Co., Ltd.
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_16 Datasheet
508Kb / 2P
   IP65 aluminum front bezel
logo
AAEON Technology
ACD-110D AAEON-ACD-110D Datasheet
189Kb / 2P
   ip65 aliminum front bezel
AHP-1125HTT-A1-1010 AAEON-AHP-1125HTT-A1-1010 Datasheet
256Kb / 2P
   IP65 Plastic Front Bezel
logo
Grayhill, Inc
30-102 GRAYHILL-30-102 Datasheet
91Kb / 1P
   Convenient Snap-in Panel Mounting Choice of 6 Button Colors
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com