Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25BSF45-G-1-16C Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 25BSF45-G-1-16C
Description  Multiple Code and Indexing Choices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

25BSF45-G-1-16C Datasheet(HTML) 1 Page - Grayhill, Inc

  25BSF45-G-1-16C Datasheet HTML 1Page - Grayhill, Inc 25BSF45-G-1-16C Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Mechanical Encoders
SERIES 25
Multi-Deck
FEATURES
• Multiple Code and Indexing
Choices
• Reliability Tested to Listed
Specifications
• Less than 1.0" Square
• Termination Choices
• Panel and Shaft Seal Option
• Manufactured to ISO 9001 and
Military Standards
• Custom Configurations Available
DIMENSIONS In inches (and millimeters)
.865 ± .015
(21,97 ± 0,38)
DIM. A ± .025
(DIM A ± 0,64)
.200 ± .015
(5,08 ± 0,38)
C
L
C
L
.288 ± .015
(7,31 ± 0,38)
.250 ± .015
(6,35 ± 0,38)
.365 ± .020
(9,27 ± 0,51)
.250 ± .020
(6,35 ± 0,51)
.375 (9,53) 3/8-32
UNEF-2A THREAD
.320 ± .010
(8,13 ± 0,25)
.050 ± .005
(1,27 ± 0,13)
.100 ± .010
(2,54 ± 0,25)
TYP.
.060 ± .015
(1,53 ± 0,38)
Number of Decks
.450 (11,43)
.650 (16,51)
.850 (21,59)
1.050 (26,67)
Dimension A
1
2
3
4
PART NUMBER,
DATE CODE, AND
PINOUT ID LABEL
.219 ± .005
(5,56 ± 0,13)
.250 + .001 - .002
(6,35 + 0,03 - 0,05)
.190 ± .015
(4,83 ± 0,38)
.020 ± .005
(0,51 ± 0,13)
.865 ± .015
(21,97 ± 0,38)
Encoder
2


Similar Part No. - 25BSF45-G-1-16C

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
25B SHUNYE-25B Datasheet
189Kb / 2P
   SOZA CELL
logo
STMicroelectronics
25B1 STMICROELECTRONICS-25B1 Datasheet
149Kb / 5P
   BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
logo
Vishay Siliconix
25B11B010E VISHAY-25B11B010E Datasheet
71Kb / 2P
   Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
01-Jan-2022
25B21B010E VISHAY-25B21B010E Datasheet
71Kb / 2P
   Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
01-Jan-2022
25B41B010E VISHAY-25B41B010E Datasheet
71Kb / 2P
   Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
01-Jan-2022
More results

Similar Description - 25BSF45-G-1-16C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GN817 ETC-GN817 Datasheet
113Kb / 4P
   Indexing plungers
logo
Festo Corporation.
DHTG-90-24-A FESTO-DHTG-90-24-A Datasheet
120Kb / 2P
   Rotary indexing table
DHTG-220-6-A FESTO-DHTG-220-6-A Datasheet
115Kb / 2P
   Rotary indexing table
DHTG-90-2-A FESTO-DHTG-90-2-A Datasheet
119Kb / 2P
   Rotary indexing table
DHTG-90-6-A FESTO-DHTG-90-6-A Datasheet
119Kb / 2P
   Rotary indexing table
DHTG-140-6-A FESTO-DHTG-140-6-A Datasheet
120Kb / 2P
   Rotary indexing table
DHTG-140-24-A FESTO-DHTG-140-24-A Datasheet
119Kb / 2P
   Rotary indexing table
DHTG-220-8-A FESTO-DHTG-220-8-A Datasheet
116Kb / 2P
   Rotary indexing table
logo
Schneider Electric
VRKP4YYYYY00002 SCHNEIDER-VRKP4YYYYY00002 Datasheet
84Kb / 1P
   primary arm with ball pins and indexing bolt
Apr 20, 2022
logo
Festo Corporation.
DHTG-65-2-A FESTO-DHTG-65-2-A Datasheet
119Kb / 2P
   Rotary indexing table
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com