Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25BSR12-G-1-16C Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 25BSR12-G-1-16C
Description  Multiple Code and Indexing Choices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

25BSR12-G-1-16C Datasheet(HTML) 2 Page - Grayhill, Inc

  25BSR12-G-1-16C Datasheet HTML 1Page - Grayhill, Inc 25BSR12-G-1-16C Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Mechanical Encoders
Series 25: Multi-deck
Shaft size: B = 1/4" diameter shaft
Sealed or non-sealed: S = Shaft and panel seal; No letter = no seal
Terminal structure: P = PC, perpendicular to shaft; R = PC, rear facing (one deck
only); F = PC, front facing (one deck only).
Angle of throw (determines the maximum number of positions):
10 = 10°, 36 positions; 11 = 11.25°, 32 positions; 12 = 12°, 30 positions;
15 = 15°, 24 positions; 18 = 18°, 20 positions; 22 = 22.5°, 16 positions;
30 = 30°, 12 positions; 45 = 45°, 8 positions; 60 = 60°, 6 positions;
90 = 90°, 4 positions.
25BSP22–Q–1–16 C
Stop arrangement: For switches with maximum positions, add C for continuous rotation;
add F for stop between first and last. No notation required for less than maximum
positions.
Number of positions: Maximum is dependent on the angle of throw. Minimum is two.
Number of decks: One through four possible.
Code output:
B = Binary available in 22.5°
Q = Quadrature
G = Gray available in 22.5°
Specials include 1/8" diameter shaft, custom angles of throw for binary, binary
complement and gray code outputs. Contact Grayhill Sales for availability.
SPECIFICATIONS
Electrical Ratings
Switching Loads: 150 mA at 120 Vac,
resistive; 150 mA at 28 Vdc, resistive
Current Carrying Capacity: 250 mA at 28 Vdc,
resistive
Contact Resistance: 75 m
maximum after
life
Insulation Resistance: 1000 m
minimum
between terminals and shaft
Voltage Breakdown: 1000 Vac minimum
between terminals and shaft
Life Expectancy: 50,000 cycles at rated loads
Contacts: Shorting
Materials and Finishes
Bushing: Die cast zinc alloy, tin-zinc plated
Mounting Hardware: plated brass
Decks, Deck Separators, End Plate:
Thermoplastic
Contacts and Terminals: Gold, silver, nickel-
plated beryllium copper
Shaft, Stop Blades: Stainless Steel
Detent Balls: Steel, nickel-plated
Rivets: Brass, zinc-plated
Mechanical Ratings
Stop Strength: 10 in-lbs minimum
Rotational Torque: 4-20 in-oz, dependent on
the number of decks
Operating Temperature Range: -65°C to
+85°C
Non-Turn Device: Flatted mounting bushing,
.375" dia. x .320"
Package Size: .865" square
Termination: PC terminals, .100" on center.
Decks are .200" apart.
ORDERING INFORMATION
Available from your local Grayhill Distributor. For prices and discounts, contact a local Sales Office, an authorized local Distributor or Grayhill.
Control knobs available, see page I-57.
Encoder
3


Similar Part No. - 25BSR12-G-1-16C

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
25B SHUNYE-25B Datasheet
189Kb / 2P
   SOZA CELL
logo
STMicroelectronics
25B1 STMICROELECTRONICS-25B1 Datasheet
149Kb / 5P
   BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
logo
Vishay Siliconix
25B11B010E VISHAY-25B11B010E Datasheet
71Kb / 2P
   Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
01-Jan-2022
25B21B010E VISHAY-25B21B010E Datasheet
71Kb / 2P
   Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
01-Jan-2022
25B41B010E VISHAY-25B41B010E Datasheet
71Kb / 2P
   Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
01-Jan-2022
More results

Similar Description - 25BSR12-G-1-16C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GN817 ETC-GN817 Datasheet
113Kb / 4P
   Indexing plungers
logo
Festo Corporation.
DHTG-90-24-A FESTO-DHTG-90-24-A Datasheet
120Kb / 2P
   Rotary indexing table
DHTG-220-6-A FESTO-DHTG-220-6-A Datasheet
115Kb / 2P
   Rotary indexing table
DHTG-90-2-A FESTO-DHTG-90-2-A Datasheet
119Kb / 2P
   Rotary indexing table
DHTG-90-6-A FESTO-DHTG-90-6-A Datasheet
119Kb / 2P
   Rotary indexing table
DHTG-140-6-A FESTO-DHTG-140-6-A Datasheet
120Kb / 2P
   Rotary indexing table
DHTG-140-24-A FESTO-DHTG-140-24-A Datasheet
119Kb / 2P
   Rotary indexing table
DHTG-220-8-A FESTO-DHTG-220-8-A Datasheet
116Kb / 2P
   Rotary indexing table
logo
Schneider Electric
VRKP4YYYYY00002 SCHNEIDER-VRKP4YYYYY00002 Datasheet
84Kb / 1P
   primary arm with ball pins and indexing bolt
Apr 20, 2022
logo
Festo Corporation.
DHTG-65-2-A FESTO-DHTG-65-2-A Datasheet
119Kb / 2P
   Rotary indexing table
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com