Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT9170B Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT9170B
Description  CLOCK SYNCHRONIZER AND MULTIPLIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT9170B Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT9170B Datasheet HTML 4Page - Integrated Device Technology IDT9170B Datasheet HTML 5Page - Integrated Device Technology IDT9170B Datasheet HTML 6Page - Integrated Device Technology IDT9170B Datasheet HTML 7Page - Integrated Device Technology IDT9170B Datasheet HTML 8Page - Integrated Device Technology IDT9170B Datasheet HTML 9Page - Integrated Device Technology IDT9170B Datasheet HTML 10Page - Integrated Device Technology IDT9170B Datasheet HTML 11Page - Integrated Device Technology IDT9170B Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IDT9170B
CLOCK SYNCHRONIZER AND MULTIPLIER
CLOCK SYNTHESIZER
IDT™ CLOCK SYNCHRONIZER AND MULTIPLIER
10
IDT9170B
REV B 052609
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
9170B-01CS08LF
TBD
Tubes
8-pin SOIC
0 to +70
° C
9170B-01CS08LFT
Tape and Reel
8-pin SOIC
0 to +70
° C
9170B-02CS08LF
Tubes
8-pin SOIC
0 to +70
° C
9170B-02CS08LFT
Tape and Reel
8-pin SOIC
0 to +70
° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
α
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51
.013.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50
.010.020
L
0.401.27
.016.050
α
0
°
8
°
0
°
8
°


Similar Part No. - IDT9170B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
   CLOCK SYNCHRONIZER AND MULTIPLIER
2019
More results

Similar Description - IDT9170B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
   Clock Synchronizer and Multiplier
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
   CLOCK SYNCHRONIZER AND MULTIPLIER
2019
logo
Integrated Device Techn...
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
   Clock Synchronizer and Multiplier
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
   Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
   CLOCK/SYNCHRONIZER - SY02-PLL
SY02-PLL2 RALTRON-SY02-PLL2 Datasheet
152Kb / 6P
   CLOCK/SYNCHRONIZER - SY02-PLL2
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
   Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com