Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEA-GA1E220H Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEA-GA1E220H
Description  Aluminum Electrolytic Capacitors/ GA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEA-GA1E220H Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEA-GA1E220H Datasheet HTML 1Page - Panasonic Semiconductor EEA-GA1E220H Datasheet HTML 2Page - Panasonic Semiconductor EEA-GA1E220H Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ GA
– EEE-107 –
0D±0.5
0d±0.05
Sleeve
14 min.
3 min.
L±1.0
+
Features
● Endurance : 105 °C 1000 h
● RoHS directive compliant
Radial Lead Type
Series:
GA Type: A
Specifications
Category Temp. Range
–55 °C to +105 °C
Rated W.V. Range
10 V.DC to 50 V.DC
Nominal Cap. Range
1.5 μF to 220 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (μA) After 2 minutes (Whichever is greater)
tan d
Please see the attached standard products list
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The sum
of DC and ripple peak voltage shall not exceed the rated working voltage), for 1000 hours, when
the capacitors are restored to 20 °C, the capacitors shall meet the limits specified below.
Capacitance change ±20 % of initial measured value
tan d
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Dimensions in mm(not to scale)
Body Dia. 0D4
5
6.3
8
Lead Dia. 0d
0.45
0.45
0.45
0.45
Lead space F
1.5
2.0
2.5
2.5
W.V.(V.DC)
Cap (μF)
Frequency (Hz)
60
120
1 k
10 k
100 k to
10 to 50
1.5
to
220
0.85
1.00
1.30
1.40
1.55
Frequency correction factor for ripple current
(Unit : mm)
02 Oct. 2013


Similar Part No. - EEA-GA1E220H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEA-GA1V100H PANASONIC-EEA-GA1V100H Datasheet
58Kb / 2P
   Aluminum Electrolytic Capacitors/ GA
More results

Similar Description - EEA-GA1E220H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEA-GA1V100H PANASONIC-EEA-GA1V100H Datasheet
58Kb / 2P
   Aluminum Electrolytic Capacitors/ GA
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com