Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39-401BLK Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 39-401BLK
Description  SPST?밡ormally Open, without Nut
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

39-401BLK Datasheet(HTML) 2 Page - Grayhill, Inc

  39-401BLK Datasheet HTML 1Page - Grayhill, Inc 39-401BLK Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Butt Contact Pushbutton Switches
Action
Actuating
Force (oz.)
Total
Travel
.035±.015
(0,89±0,38)
Rating at
28 Vdc
Resistive
Operations
at Rated
Load
Button
Color
150mA
1,000,000
39-501RED
Red
39-501BLK
Black
39-503RED
Red
39-503BLK
Black
Mounting Footprint
39-501*
39-503*
Right Angle, SPST–Normally Open
DIMENSIONS inInches(andmillimeters)
*Complete
Part
Number
Momentary
4
ACCESSORIES
30B1012-5
30B1012-8
30B1012-9
Part No.
Type & Button Color
39-401 RED
N.O.,Red
39-401 BLK
N.O.,Black
39-405 RED
N.O.,NoNut,Red
39-405 BLK
N.O.,NoNut,Black
39-424 RED
N.O.,Overtravel,Red
39-424 BLK
N.O.,Overtravel,Black
39-501 RED
N.O.,RightAngle,Red
39-501 BLK
N.O.,RightAngle,Black
39-503 RED
39-501Red&CapSeal
39-503 BLK
39-501Blk&CapSeal
39-138 RED
39-351PCMount&Seal
39-138 BLK
39-351PCMount&Seal
ORDERING INFORMATION
Accessory
Part Number
Description
30B1012-5
RedAccessoryCap
30B1012-8
WhiteAccessoryCap
30B1012-9
BlackAccessoryCap
SHH1699
CapSealOnly,Black
SPECIFICATIONS
Rating Criteria
Contact Resistance:25milliohmsmaximum
onanewswitch
Voltage Breakdown: 1,000 Vac between
mutuallyinsulatedparts
Insulation Resistance: 1,000 megohms
minimum
Operating Temperature:-40°Cto+85°C
AvailablefromyourlocalGrayhillDistributor.Forpricesanddiscounts,contactalocalSalesOffice,anauthorizedDistributororGrayhill.
Protectivecap
(includedwith39-503
REDand39-503BLK)
sealsswitchduring
wavesoldering.
+4
–2
CIRCUITRY
HOLESFOR
.020(0,51)
SQUAREPINS(4)
.100
(2,54)
.200
(5,08)
.100(2,54)
.300
(7,62)
.050(1,27)
.110 (2,79)
± .010 (0,25) DIA.
.175 +.025/ –.020
(4,45 +0,64/ – 0,51)
A = .125 ± .010
(3,18 ± 0,25)
.600
(15,24)
REF.
.100 (2,54) REF.
.250 + .010/ –.005
(6,35 + 0,25/ – 0,13) DIA.
A
B
C
.315 ± .010
(8,00 ± 0,25)
.300 ± .005
(7,62 ± 0,13)
.089
(2,26)
MIN.
C = .060 ± .005
(1,52 ± 0,13)
.075 ± .010
(1,91 ± 0,25)
.300 (7,62)
REF.
.050 ± .010
(1,27 ± 0,25)
.140 ± .015
(3,56 ± 0,38)
.200 ± .005
(5,08 ± 0,13)
.050 (1,27)
REF.
B = .215 ± .015
(5,46 ± 0,38)
E.I.A.
DATE
CODE
LABEL*
*Label increases
nominal diameter
to .255 (6,48)
SPST N.O.
Materials and Finishes
Bushing/Housing:Aluminum,clearanodized
for39-138;Brass,tinzincforallothers
Standoff:(39-501and39-503)Brass,tinplated
overnickel
Base and Button:Thermoplastic
Shorting Bar: Brass, gold-plated over nickel
plate for 39-501and 39-503; fine silver, gold-
platedforothers
Terminals:Finesilver,gold-platedfor39-138;
Brass,gold-platedovernickelforallothers
Spring:Tinnedmusicwire
Mounting Nut: (39-401 and 39-424) Brass,
zinctrivalentchromate-plated
.110 ± .005 DIA.
(2,79 ± 0,13)
.312±.005
(7,92±0,13)
ACROSS FLATS
.110 ± .005
(2,79 ± 0,13)
.692 REF
(17,58)
A=.175+.025/-.020 (4,45+0,64/-0,51)
B=.125±.010 (3,18±0,25)
C=.250±.015 (6,35±0,38)
D=.135±.005 (3,43±0,13)
A
B
C
D
#8-40 UNS-2A
THREAD
HEX MTG. NUT
.0625 (1,59) THICK
.218 (5,54) ACROSS FLATS
E.I.A. DATE CODE
.020±.002
(,508±,051)
SQUARE TYP
SPST–Normally Open, with Panel and Button Seal
39-138*
Rating at
115 Vac
Resistive
Operations
at Rated
Load
Button
Color
39-138RED
Red
39-138BLK
Black
½Amp
250,000
*Complete
Part
Number
Action
Actuating
Force (oz.)
Total
Travel
.035±.015
(0,89±0,38)
Momentary
16±8
SHH1699


Similar Part No. - 39-401BLK

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-00-0 MOLEX3-39-00-0 Datasheet
231Kb / 4P
   4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Female, Phosphor Bronze, Tin (Sn), 16 AWG, Bag
39-00-0021 MOLEX3-39-00-0021 Datasheet
118Kb / 3P
   SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Reel
39-00-0022 MOLEX3-39-00-0022 Datasheet
117Kb / 3P
   SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Bag
39-00-0023 MOLEX1-39-00-0023 Datasheet
53Kb / 1P
   2.5 LOW PROFILE CRIMP RECEPTACLE
39-00-0034 MOLEX3-39-00-0034 Datasheet
82Kb / 2P
   Crimp Terminal 5394, 20-22 AWG, Reel
More results

Similar Description - 39-401BLK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
logo
Molex Electronics Ltd.
0731000301 MOLEX11-0731000301 Datasheet
70Kb / 1P
   50 Ohms, BNC Bulkhead Jack Receptacle, without Nut
0731000301 MOLEX-0731000301_V01 Datasheet
61Kb / 1P
   50 Ohms, BNC Bulkhead Jack Receptacle, without Nut
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66_10 Datasheet
568Kb / 9P
   Low Voltage Single SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ66 ONSEMI-NC7SZ66 Datasheet
630Kb / 11P
   Low Voltage Single SPST Normally Open Bus Switch
September 2013 Rev. 1.0.5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com