Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43M02110N-M03203S Datasheet(PDF) 6 Page - Grayhill, Inc

Part # 43M02110N-M03203S
Description  1 Diameter, 1 Amp, Standard Military SR04
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

43M02110N-M03203S Datasheet(HTML) 6 Page - Grayhill, Inc

Back Button 43M02110N-M03203S Datasheet HTML 2Page - Grayhill, Inc 43M02110N-M03203S Datasheet HTML 3Page - Grayhill, Inc 43M02110N-M03203S Datasheet HTML 4Page - Grayhill, Inc 43M02110N-M03203S Datasheet HTML 5Page - Grayhill, Inc 43M02110N-M03203S Datasheet HTML 6Page - Grayhill, Inc 43M02110N-M03203S Datasheet HTML 7Page - Grayhill, Inc 43M02110N-M03203S Datasheet HTML 8Page - Grayhill, Inc 43M02110N-M03203S Datasheet HTML 9Page - Grayhill, Inc 43M02110N-M03203S Datasheet HTML 10Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Multi-Deck Rotary Switches
SERIES 54
1" Diameter, 1 Amp, Add-A-Pot
FEATURES
• Military Qualified MIL-3786/04
• Central Shaft Designed to Operate
MIL Potentiometer
• Mounting Plate Options Provide
Choice of Potentiometer
• Fixed Distance from Switch to
Mounting Plate
Military Qualified Style
Note: Common locations for a single pole per
deck switch. For common location on
multiple switches, see circuit diagram.
Number
Approximate
of
Dimension
Weight
Decks
A
Grams
1
1.024 (26,01)
60
2
1.370 (34,80)
67
3
1.716 (43,59)
74
DIMENSIONS In inches (and millimeters)
Potentiometer Mounting
The two mounting plates shown below are supplied with
each switch.
Mounting Plate A
Mounting Plate B
Series 54M Add-A-Pot Switch is a concentric
shaft unit with provision for potentiometer
mounting. Outer shaft operates switch decks.
Inner shaft terminates in tapered tongue,
which allows any desired potentiometer to be
mounted. The Series 54M Add-A-Pot is
qualified to MIL-DTL-3786/4-3. Patent No.
3,297,830.
Grayhill part number and date code marked on detent
cover label. Customer part number marked on
request. Military part number marked when required.
DIM. A + .046 –.020
(+ 0,05 –0,51)
.642
± .015
(16,31
± 0,38)
NON-TURN TAB
.125 ± .003 (3,18 ± 0,08) WIDE BY
.031 ± .003 (0,79 ± 0,08) THICK
.219 ± .005
(5,56 ± 0,13)
C
L OF NON-TURN
TAB
.375
± .015
(9,53
± 0,38)
1.162 ± .010
(29,51 ± 0,25)
DIA.
.125 + .001 –.002
(3,18 + 0,03 –0,05) DIA.
.250 + .001 –.002
(6,35 + 0,03 –0,05) DIA.
.250 ± .020
(6,35 ± 0,51)
.121 ± .015
(3,07 ± 0,38)
.375
± .020
(9,53
± 0,51)
.375
± .020
(9,53
± 0,51)
.250 ± .020
(6,35 ± 0,51)
.140 ± .062
(3,56 ± 1,57)
1.000
± .010
(25,4
± 0,25)
3/8-32 NEF-2A THREAD
INTEGRAL ASSEMBLY NUT,
DO NOT REMOVE
BUSHING KEYWAY .066 ± .002 (1,68 ± 0,05)
WIDE BY .036 ± .003 (0,91 ± 0,08) DEEP FROM
A .375 (9,53) DIA.
GRAYHILL OR CUSTOMER PART NUMBER
MARKED ON SWITCH COVER UPON REQUEST.
MILITARY NUMBER MARKED ON ALL
QUALIFIED SWITCHES
.575
(14,61)
REF.
#1
THREAD
SEE
POTENTIOMETER
MOUNTING
1.170 ± .015
(29,72 ± 0,38)
OVER TERMINALS
9
11
10
30°
15°
.018 ± .005 (0,46 ± 0,13)
.052 ± .005 (1,32 ± 0,13)
1.265
(32,13)
DIA.
27.5
± 2
.098 ± .003
(2,49 ± 0,08) DIA. (3)
THROUGH BOLT
HOLE (2 EA.)
15
± 2
.245 ± .003
(6,22 ± 0,08) R.
.375 ± .003
(9,53 ± 0,08) R.
.261 ± .003
(6,63 ± 0,08) DIA. (1)
1.265
(32,13)
DIA.
15 ± 2
9
± 2
.437 ± .003
(11,10 ± 0,08) R.
.531 ± .003
(13,49 ± 0,08) R.
.380 ± .003
(9,65 ± 0,08)
DIA. (1)
.130 ± .003
(3,30 ± 0,08)
DIA. (2)
Rotary
27


Similar Description - 43M02110N-M03203S

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
09A30-03-1-12N-F GRAYHILL-09A30-03-1-12N-F Datasheet
185Kb / 6P
   0.5 Diameter, 1/4 Amp, Standard, Military SR13
logo
List of Unclassifed Man...
D2D0112S ETC2-D2D0112S Datasheet
84Kb / 2P
   1 DIAMETER 0.55 AMP 28 VDC
logo
Microsemi Corporation
GS1A MICROSEMI-GS1A Datasheet
88Kb / 2P
   1 Amp Standard Recovery Rectifier
logo
List of Unclassifed Man...
C7D0123S ETC2-C7D0123S Datasheet
81Kb / 2P
   2 1/32 DIAMETER 1.0 AMP 28 VDC
logo
Solid States Devices, I...
SPD5614 SSDI-SPD5614_1 Datasheet
1Mb / 2P
   1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
SPD5614SM SSDI-SPD5614SM Datasheet
167Kb / 2P
   1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
logo
Littelfuse
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
logo
Solid States Devices, I...
SPD5614 SSDI-SPD5614 Datasheet
112Kb / 2P
   1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
logo
International Rectifier
IR1H40CSP IRF-IR1H40CSP Datasheet
168Kb / 6P
   Flipky - 1 Amp
logo
List of Unclassifed Man...
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
   1 1/2 DIAMETER 1.5 AMPS 28 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com