Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEA-GA1E100 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEA-GA1E100
Description  Aluminum Electrolytic Capacitors/ GA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEA-GA1E100 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEA-GA1E100 Datasheet HTML 1Page - Panasonic Semiconductor EEA-GA1E100 Datasheet HTML 2Page - Panasonic Semiconductor EEA-GA1E100 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ GA
– EEE-108 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
10
22
4
7
30
0.22
1000
0.45
1.5
5.0
2.5
EEAGA1A220( )
200
2000
33
5
7
50
0.22
1000
0.45
2.0
5.0
2.5
EEAGA1A330( )
200
2000
47
6.3
7
65
0.22
1000
0.45
2.5
5.0
2.5
EEAGA1A470( )
200
2000
68
6.3
7
75
0.22
1000
0.45
2.5
5.0
2.5
EEAGA1A680( )
200
2000
100
6.3
7
110
0.22
1000
0.45
2.5
5.0
2.5
EEAGA1A101( )
200
2000
220
8
7
160
0.22
1000
0.45
2.5
5.0
2.5
EEAGA1A221( )
200
1000
16
10
4
7
30
0.18
1000
0.45
1.5
5.0
2.5
EEAGA1C100( )
200
2000
15
4
7
33
0.18
1000
0.45
1.5
5.0
2.5
EEAGA1C150( )
200
2000
22
5
7
50
0.18
1000
0.45
2.0
5.0
2.5
EEAGA1C220( )
200
2000
33
6.3
7
65
0.18
1000
0.45
2.5
5.0
2.5
EEAGA1C330( )
200
2000
47
6.3
7
77
0.18
1000
0.45
2.5
5.0
2.5
EEAGA1C470( )
200
2000
100
8
7
120
0.18
1000
0.45
2.5
5.0
2.5
EEAGA1C101( )
200
1000
25
10
4
7
33
0.16
1000
0.45
1.5
5.0
2.5
EEAGA1E100( )
200
2000
15
5
7
45
0.16
1000
0.45
2.0
5.0
2.5
EEAGA1E150( )
200
2000
22
5
7
50
0.16
1000
0.45
2.0
5.0
2.5
EEAGA1E220( )
200
2000
33
6.3
7
75
0.16
1000
0.45
2.5
5.0
2.5
EEAGA1E330( )
200
2000
68
8
7
100
0.16
1000
0.45
2.5
5.0
2.5
EEAGA1E680( )
200
1000
35
6.8
4
7
33
0.13
1000
0.45
1.5
5.0
2.5
EEAGA1V6R8( )
200
2000
10
5
7
35
0.13
1000
0.45
2.0
5.0
2.5
EEAGA1V100( )
200
2000
15
6.3
7
50
0.13
1000
0.45
2.5
5.0
2.5
EEAGA1V150( )
200
2000
22
6.3
7
70
0.13
1000
0.45
2.5
5.0
2.5
EEAGA1V220( )
200
2000
47
8
7
96
0.13
1000
0.45
2.5
5.0
2.5
EEAGA1V470( )
200
1000
50
0.1
4
7
1.1
0.10
1000
0.45
1.5
5.0
2.5
EEAGA1HR10( )
✽✽✽
200
2000
0.15
4
7
1.7
0.10
1000
0.45
1.5
5.0
2.5
EEAGA1HR15( )
✽✽✽
200
2000
0.22
4
7
2.3
0.10
1000
0.45
1.5
5.0
2.5
EEAGA1HR22( )
✽✽✽
200
2000
0.33
4
7
3.5
0.10
1000
0.45
1.5
5.0
2.5
EEAGA1HR33( )
✽✽✽
200
2000
0.47
4
7
5
0.10
1000
0.45
1.5
5.0
2.5
EEAGA1HR47( )
✽✽✽
200
2000
0.68
4
7
7
0.10
1000
0.45
1.5
5.0
2.5
EEAGA1HR68( )
✽✽✽
200
2000
1
4
7
10
0.10
1000
0.45
1.5
5.0
2.5
EEAGA1H1R0( )
✽✽✽
200
2000
1.5
4
7
16
0.10
1000
0.45
1.5
5.0
2.5
EEAGA1H1R5( )
200
2000
2.2
4
7
18
0.10
1000
0.45
1.5
5.0
2.5
EEAGA1H2R2( )
200
2000
3.3
4
7
22
0.10
1000
0.45
1.5
5.0
2.5
EEAGA1H3R3( )
200
2000
4.7
4
7
26
0.10
1000
0.45
1.5
5.0
2.5
EEAGA1H4R7( )
200
2000
6.8
5
7
35
0.10
1000
0.45
2.0
5.0
2.5
EEAGA1H6R8( )
200
2000
10
6.3
7
39
0.10
1000
0.45
2.5
5.0
2.5
EEAGA1H100( )
200
2000
15
6.3
7
55
0.10
1000
0.45
2.5
5.0
2.5
EEAGA1H150( )
200
2000
22
8
7
70
0.10
1000
0.45
2.5
5.0
2.5
EEAGA1H220( )
200
1000
33
8
7
91
0.10
1000
0.45
2.5
5.0
2.5
EEAGA1H330( )
200
1000
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch
✽B=5 mm, H=2.5 mm.
Suffix "BQ" for 08×7, 5mm pitch products
· Please refer to the page of “Taping Dimensions”.
✽✽✽ Please kindly accept last shipment : 31/Mar/2015
Endurance : 105 °C 1000 h
02 Oct. 2013


Similar Part No. - EEA-GA1E100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEA-GA1V100H PANASONIC-EEA-GA1V100H Datasheet
58Kb / 2P
   Aluminum Electrolytic Capacitors/ GA
More results

Similar Description - EEA-GA1E100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEA-GA1V100H PANASONIC-EEA-GA1V100H Datasheet
58Kb / 2P
   Aluminum Electrolytic Capacitors/ GA
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com