Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39-138RED Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 39-138RED
Description  SPST?밡ormally Open, without Nut
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

39-138RED Datasheet(HTML) 1 Page - Grayhill, Inc

  39-138RED Datasheet HTML 1Page - Grayhill, Inc 39-138RED Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Butt Contact Pushbutton Switches
SERIES 39
SPST, 150 mA
FEATURES
•1/4"Diameter
•Upto1,000,000
CyclesofOperation
•PCMount
Rating at
28 Vdc
Resistive
Operations
at Rated
Load
Button
Color
39-424RED
Red
39-424BLK
Black
150mA
100,000
Total
Travel
Action
SPST–Normally Open, with Overtravel
39-424*
*Complete
Part
Number
Actuating
Force (oz.)
Over
Travel
SPST–Normally Open, with Nut
39-401*
SPST–Normally Open, without Nut
39-405*
Rating at
28 Vdc
Resistive
Operations
at Rated
Load
Button
Color
39-401RED
Red
39-401BLK
Black
150mA
1,000,000
*Complete
Part
Number
Action
Actuating
Force (oz.)
Total
Travel
.035±.015
(0,89±0,38)
Action
Rating at
28 Vdc
Resistive
Operations
at Rated
Load
Button
Color
Actuating
Force (oz.)
Total
Travel
39-405RED
Red
39-405BLK
Black
150mA
1,000,000
*Complete
Part
Number
.035±.015
(0,89±0,38)
Momentary
4
+4
–2
Momentary
4
+4
–2
DIMENSIONS inInches(andmillimeters)
.130±.025.015(0,38)
(3,30±0,64)
Min.
Momentary
5±3
.250 +.010/ –.005
(6,35 + 0,25/ – 0,13)
DIAMETER
A = .175 + .025/ –.020 (4,45 + 0,64/ – 0,51)
B = .125 ± .010 (3,18 ± 0,25)
C = .215 ± .015 (5,46 ± 0,38)
D = .125 ± .010 (3,18 ± 0,25)
.100 ± .010 (2,54 ± 0,25)
.110 ± .005
(2,79 ± 0,13) DIA.
.640 (16,26)
REF.
A
B
C
D
8-40 UNS-2A
THREAD
TERMINALS ARE
.020 (0,50) SQUARE
E.I.A. DATE
CODE LABEL*
*Label increases
nominal diameter
to .255 (6,48)
.250 +.010/ –.005
(6,35 +0,25/ – 0,13)
DIAMETER
A = .175 + .025/ –.020 (4,45 + 0,64/ – 0,51)
B = .125 ± .010 (3,18 ± 0,25)
C = .215 ± .015 (5,46 ± 0,38)
D = .125 ± .010 (3,18 ± 0,25)
.100 ± .010 (2,54 ± 0,25)
.110 ± .005
(2,79 ± 0,13) DIA.
.640 (16,26)
REF.
A
B
C
D
8-40 UNS-2A
THREAD
TERMINALS ARE
.020 (0,50) SQUARE
H = HEX MTG NUT
.219 ± .010 (5,56 ± 0,25)
ACROSS FLATS
.063 ± .010 (1,59 ± 0,25)
THICK
H
E.I.A.
DATE
CODE
LABEL*
*Label increases
nominal diameter
to .255 (6,48)
.110 ± .005
(2,79 ± 0,13) DIA.
.780 (19,81)
REF.
A
B
C
D
.250 +.010/ –.005
(6,35 +0,25/ – 0,13)
DIAMETER
TERMINALS ARE
.020 (0,50) SQUARE
A = .175 + .025/ –.020 (4,45 + 0,64/ – 0,51)
B = .125 ± .010 (3,18 ± 0,25)
C = .355 ± .015 (9,02 ± 0,38)
D = .125 ± .010 (3,18 ± 0,25)
.100 ± .010 (2,54 ± 0,25)
H = HEX MTG NUT
.219 ± .010 (5,56 ± 0,25)
ACROSS FLATS
.063 ± .010 (1,60 ± 0,25)
THICK
8-40 UNS-2A
THREAD
H
E.I.A.
DATE
CODE
LABEL*
*Label increases
nominal diameter
to .255 (6,48)


Similar Part No. - 39-138RED

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
39-1 GRAYHILL-39-1 Datasheet
314Kb / 2P
   SPST, 150 mA to 1/2 Amp
39-101 GRAYHILL-39-101 Datasheet
78Kb / 1P
   Butt Contact Pushbutton Switches
39-102 GRAYHILL-39-102 Datasheet
78Kb / 1P
   Butt Contact Pushbutton Switches
39-12 GRAYHILL-39-12 Datasheet
314Kb / 2P
   SPST, 150 mA to 1/2 Amp
More results

Similar Description - 39-138RED

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
logo
Molex Electronics Ltd.
0731000301 MOLEX11-0731000301 Datasheet
70Kb / 1P
   50 Ohms, BNC Bulkhead Jack Receptacle, without Nut
0731000301 MOLEX-0731000301_V01 Datasheet
61Kb / 1P
   50 Ohms, BNC Bulkhead Jack Receptacle, without Nut
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66_10 Datasheet
568Kb / 9P
   Low Voltage Single SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ66 ONSEMI-NC7SZ66 Datasheet
630Kb / 11P
   Low Voltage Single SPST Normally Open Bus Switch
September 2013 Rev. 1.0.5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com