Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38GWSP9M6GT Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 38GWSP9M6GT
Description  Sealed Subminiature Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

38GWSP9M6GT Datasheet(HTML) 4 Page - Grayhill, Inc

  38GWSP9M6GT Datasheet HTML 1Page - Grayhill, Inc 38GWSP9M6GT Datasheet HTML 2Page - Grayhill, Inc 38GWSP9M6GT Datasheet HTML 3Page - Grayhill, Inc 38GWSP9M6GT Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Sealed Subminiature Pushbutton Switches
SPECIFICATIONS
Rating Criteria
Operating Life: 30,000 make-and-break cycles
at full load
Contact Rating (resistive load):
R Option: 0.4 VA maximum at 20 Vac or Vdc
maximum
G Option: 1A max at 125 Vac or 28 Vdc
Contact Resistance: 20 milliohms max initial at
2-4 Vdc, 100 mA
Insulation Resistance: 1000 megaohms
minimum
Voltage Breakdown: 1500 Vrms minimum at
sea level
Operating Temperature: -30°C. to +85°C.
Materials and Finishes
Case: Glass filled Nylon 6/6 (UL 94V-0)
Plunger: Thermoplastic Polyester(UL 94V-0)
(with internal o-ring seal)
Terminals: Copper alloy
Spring: Plated Music Wire
Contact System: Copper alloy
Switch Support: Brass, tin-plated
SERIES 38G
ORDERING INFORMATION
R = Copper
alloy, gold
plate over
nickel plate.
G=Gold
plate over
silver plate
Options:
WSP8,
WSP9,
WDP9
(see models
for
switching
positions)
Options:
M6, M7, S2,
S6, S7, V2
(see
termination
options)
T = Lead
Free and
RoHS
Compliant
38G
M7
R
T
WSP8
Subminiature
Sealed
Pushbutton
Switches
Pushbutton
30


Similar Part No. - 38GWSP9M6GT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
38G2C000 VISHAY-38G2C000 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
38G4B000 VISHAY-38G4B000 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
38G4C000 VISHAY-38G4C000 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
38G7B000 VISHAY-38G7B000 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
38GD1000 VISHAY-38GD1000 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
More results

Similar Description - 38GWSP9M6GT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
38HWSP8M7RT GRAYHILL-38HWSP8M7RT Datasheet
343Kb / 4P
   Sealed Surface Mount Subminiature Pushbutton Switches
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
   Subminiature Pushbutton Switches
8 Aug 22
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
   Subminiature Pushbutton Switches
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
   Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
   Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com