Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51SPT30-01-1-12S-F Datasheet(PDF) 6 Page - Grayhill, Inc

Part # 51SPT30-01-1-12S-F
Description  Optional Complete Seal for PC Board Assembly and Cleaning
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

51SPT30-01-1-12S-F Datasheet(HTML) 6 Page - Grayhill, Inc

  51SPT30-01-1-12S-F Datasheet HTML 1Page - Grayhill, Inc 51SPT30-01-1-12S-F Datasheet HTML 2Page - Grayhill, Inc 51SPT30-01-1-12S-F Datasheet HTML 3Page - Grayhill, Inc 51SPT30-01-1-12S-F Datasheet HTML 4Page - Grayhill, Inc 51SPT30-01-1-12S-F Datasheet HTML 5Page - Grayhill, Inc 51SPT30-01-1-12S-F Datasheet HTML 6Page - Grayhill, Inc 51SPT30-01-1-12S-F Datasheet HTML 7Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Single Deck Rotary Switches
CHOICES AND LIMITATIONS: Series 51
A = Standard, 1/8" Shaft
B = Screwdriver Slot Shaft
C = Military, Without Panel Seal
D = Adjustable Stop (Adj. Stop)
E = Metric, 4mm Shaft
K = 1/4" Shaft
M = Military
P = PC Mount Terminals
S = Shaft/Panel Seal (S/P Seal)
T = Process Sealed
Angle
Number
Number of
Shorting or
Style Choices
of
of
Positions
Non-Shorting
Series
Std., 1/8" Shaft
1/4" Shaft
Metric, 4mm Shaft
Terminals
Throw
Poles
Per Pole
Contacts
Solder
Lug
51
PC Mount
C
CB
CBT
CD
CT
M
MB
MBT
MT
EM
EMB
EMBT
EMT
Military Style
CBP
CBPT
CDP
CP
CPT
MBP
MBPT
MP
MPT
EMBP
EMBPT
EMP
EMPT
30°
1
02 thru 12
N or S
2
02 thru 06
N or S
3
02 thru 04
N or S
4
02 or 03
N or S
30°
1
02 thru 12
N or S
2
02 thru 06
N or S
3
02 thru 04
N or S
4
02 or 03
N or S
1 Contact Grayhill if 1/4" or metric shaft required with a 22.5° angle of throw.
KM
KMB
KMBT
KMT
KMBP
KMBPT
KMP
KMPT
Angle
Number
Number of
Shorting or
Style Choices1
of
of
Positions
Non-Shorting
Series
Std., 1/8" Shaft
1/4" Shaft
Metric, 4mm Shaft1
Terminals
Throw
Poles
Per Pole
Contacts
22.5°
30°
Solder
Lug
51
PC Mount
1
02 thru 16
N or S
2
02 thru 08
N or S
1
02 thru 12
N or S
2
02 thru 06
N or S
3
02 thru 04
N or S
4
02 or 03
N or S
A
AT
B
BT
S
ST
BS
BST
A
AT
B
BS
BST
BT
D
S
ST
E
ES
EST
ET
K
KS
KST
KT
Standard Style
PPT
BP
BPT
SP
SPT
BSP
BSPT
BP
BPT
BSP
BSPT
DP
P
PT
SP
SPT
KP
KPT
KSP
KSPT
EP
EPT
ESP
ESPT
22.5°
30°
1
02 thru 16
N or S
2
02 thru 08
N or S
1
02 thru 12
N or S
2
02 thru 06
N or S
3
02 thru 04
N or S
4
02 or 03
N or S
Solder
Lug
PC Mount
SEE BELOW
SEE BELOW
SEE BELOW
SEE BELOW
Rotary
9


Similar Part No. - 51SPT30-01-1-12S-F

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
51SPT30-01-1-12S-F GRAYHILL-51SPT30-01-1-12S-F Datasheet
614Kb / 7P
   0.5" Diameter, 200mA, .698" Behind Panel
More results

Similar Description - 51SPT30-01-1-12S-F

ManufacturerPart #DatasheetDescription
logo
C&K Components
KT11P2SM CK-COMPONENTS-KT11P2SM Datasheet
430Kb / 3P
   Internal actuator seal and insert molded terminals??permit soldering and cleaning
logo
Lightel Technologies IN...
VC-6200-PL LIGHTEL-VC-6200-PL Datasheet
785Kb / 2P
   Connector Inspection and Cleaning
logo
Fujitsu Component Limit...
FCN-260H FUJITSU-FCN-260H Datasheet
344Kb / 7P
   FOR CONNECTING PC BOARD TO PC BOARD
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
   Cleaning pen - CLEANING STICK
09/12/2020
logo
Maxim Integrated Produc...
MAX17050EVKIT MAXIM-MAX17050EVKIT Datasheet
4Mb / 13P
   Optional On-Board PC Trace Sense Resistor
Rev 0; 4/14
logo
Bourns Electronic Solut...
ECW1J-R19-AC0024L BOURNS-ECW1J-R19-AC0024L Datasheet
304Kb / 3P
   Available with PC board mounting bracket (optional)
logo
JDS Uniphase Corporatio...
FBE-SM1-C JDSU-FBE-SM1-C Datasheet
1Mb / 4P
   Fiber Inspection and Cleaning Kits
logo
Cirrus Logic
CDBCAPTURE CIRRUS-CDBCAPTURE Datasheet
236Kb / 10P
   Data Capture and Interface Board for a PC
logo
TE Connectivity Ltd
408-8895 TEC-408-8895 Datasheet
256Kb / 2P
   Installation and Cleaning Procedures for Fiber Optic Buildout Attenuators
logo
Bourns Electronic Solut...
H385 BOURNS-H385 Datasheet
90Kb / 1P
   Panel Seal Assembly
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com