Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFM1C331 Datasheet(PDF) 5 Page - Pacific Silicon Sensor,Inc.

Part # EEUFM1C331
Description  Aluminum Electrolytic Capacitors/ FM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

EEUFM1C331 Datasheet(HTML) 5 Page - Pacific Silicon Sensor,Inc.

  EEUFM1C331 Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. EEUFM1C331 Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. EEUFM1C331 Datasheet HTML 3Page - Pacific Silicon Sensor,Inc. EEUFM1C331 Datasheet HTML 4Page - Pacific Silicon Sensor,Inc. EEUFM1C331 Datasheet HTML 5Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 EE83 
Aluminum Electrolytic Capacitors/ FM
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
Standard Products
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5mm, 7.5mm.
The taping dimensions are explained on p.196 of our Catalog. Please use it as a reference guide.
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mA)
(
Ω)
(V)
(hours)
(mm)
150
10
12.5
1170
0.042
4000
0.6
5.0
5.0
EEUFM1H151 ( )
200
500
220
10
16
1650
0.030
4000
0.6
5.0
5.0
EEUFM1H221 ( )
200
500
270
10
20
1890
0.023
5000
0.6
5.0
5.0
EEUFM1H271 ( )
200
500
330
10
25
2150
0.022
5000
0.6
5.0
5.0
EEUFM1H331L( )
200
500
470
12.5
20
2260
0.022
5000
0.6
5.0
5.0
EEUFM1H471 ( )
200
500
560
12.5
25
2660
0.018
7000
0.6
5.0
5.0
EEUFM1H561 ( )
200
500
680
12.5
30
3160
0.016
7000
0.8
5.0
EEUFM1H681L
100
820
12.5
35
3270
0.014
7000
0.8
5.0
EEUFM1H821L
100
16
20
2870
0.019
5000
0.8
7.5
7.5
EEUFM1H821S( )
100
250
1000
16
25
3320
0.016
7000
0.8
7.5
7.5
EEUFM1H102 ( )
100
250
W.V.
Cap
(±20%)
Case size
Dia. Length
Ripple
current
(100kHz)
(+105
°C)
Imped-
ance
(100kHz)
(+20
°C)
Endur-
ance
Specification
Lead size
Lead
Dia.
Lead space
Straight
Taping
i
B
i
H
Part No
Min.Packaging Qíty
Long
Lead
Taping
50


Similar Part No. - EEUFM1C331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM1C331 PANASONIC-EEUFM1C331 Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
EEUFM1C331 PANASONIC-EEUFM1C331 Datasheet
79Kb / 4P
   Aluminum Electrolytic Capacitors
EEUFM1C331 PANASONIC-EEUFM1C331 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
logo
Silicon Laboratories
EEUFM1C331 SILABS-EEUFM1C331 Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Panasonic Semiconductor
EEUFM1C331 PANASONIC-EEUFM1C331 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
More results

Similar Description - EEUFM1C331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FM1A102L PANASONIC-EEU-FM1A102L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E331 PANASONIC-EEU-FM1E331 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1A471 PANASONIC-EEU-FM1A471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E101 PANASONIC-EEU-FM1E101 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1C152 PANASONIC-EEU-FM1C152 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1V151B PANASONIC-EEU-FM1V151B Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1E471 PANASONIC-EEU-FM1E471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E221BJ PANASONIC-EEU-FM1E221BJ Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V471 PANASONIC-EEU-FM1V471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V331L PANASONIC-EEU-FM1V331L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com