Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFM1E470 Datasheet(PDF) 4 Page - Pacific Silicon Sensor,Inc.

Part # EEUFM1E470
Description  Aluminum Electrolytic Capacitors/ FM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

EEUFM1E470 Datasheet(HTML) 4 Page - Pacific Silicon Sensor,Inc.

  EEUFM1E470 Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. EEUFM1E470 Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. EEUFM1E470 Datasheet HTML 3Page - Pacific Silicon Sensor,Inc. EEUFM1E470 Datasheet HTML 4Page - Pacific Silicon Sensor,Inc. EEUFM1E470 Datasheet HTML 5Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Aluminum Electrolytic Capacitors/ FM
 EE82 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
Standard Products
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5mm, 7.5mm.
The taping dimensions are explained on p.196 of our Catalog. Please use it as a reference guide.
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mA)
(
Ω)
(V)
(hours)
(mm)
2200
12.5
25
3190
0.015
7000
0.6
5.0
5.0
EEUFM1C222 ( )
200
500
2700
12.5
30
3630
0.013
7000
0.8
5.0
EEUFM1C272L
100
3300
12.5
35
3750
0.012
7000
0.8
5.0
EEUFM1C332L
100
2700
16
20
3300
0.017
5000
0.8
7.5
7.5
EEUFM1C272S( )
100
250
3900
16
25
3820
0.014
7000
0.8
7.5
7.5
EEUFM1C392 ( )
100
250
47
5
11
280
0.300
2000
0.5
2.0
5.0 2.5
EEUFM1E470 ( )
200
2000
100
6
11.2
455
0.130
2000
0.5
2.5
5.0 2.5
EEUFM1E101 ( )
200
2000
220
8
11.5
950
0.056
3000
0.6
3.5
5.0
EEUFM1E221 ( )
200
1000
330
8
15
1240
0.041
3000
0.6
3.5
5.0
EEUFM1E331L( )
200
1000
470
8
20
1560
0.030
4000
0.6
3.5
5.0
EEUFM1E471L( )
200
1000
330
10
12.5
1290
0.038
4000
0.6
5.0
5.0
EEUFM1E331 ( )
200
500
470
10
16
1790
0.026
4000
0.6
5.0
5.0
EEUFM1E471 ( )
200
500
680
10
20
2180
0.019
5000
0.6
5.0
5.0
EEUFM1E681 ( )
200
500
820
10
25
2470
0.018
5000
0.6
5.0
5.0
EEUFM1E821L( )
200
500
1000
12.5
20
2600
0.018
5000
0.6
5.0
5.0
EEUFM1E102 ( )
200
500
1500
12.5
25
3190
0.015
7000
0.6
5.0
5.0
EEUFM1E152 ( )
200
500
1800
12.5
30
3630
0.013
7000
0.8
5.0
EEUFM1E182L
100
2200
12.5
35
3750
0.012
7000
0.8
5.0
EEUFM1E222L
100
1800
16
20
3300
0.017
5000
0.8
7.5
7.5
EEUFM1E182S( )
100
250
2700
16
25
3820
0.014
7000
0.8
7.5
7.5
EEUFM1E272 ( )
100
250
33
5
11
280
0.300
2000
0.5
2.0
5.0 2.5
EEUFM1V330 ( )
200
2000
68
6
11.2
455
0.130
2000
0.5
2.5
5.0 2.5
EEUFM1V680 ( )
200
2000
150
8
11.5
950
0.056
3000
0.6
3.5
5.0
EEUFM1V151 ( )
200
1000
220
8
15
1240
0.041
3000
0.6
3.5
5.0
EEUFM1V221L( )
200
1000
330
8
20
1560
0.030
4000
0.6
3.5
5.0
EEUFM1V331L( )
200
1000
220
10
12.5
1290
0.038
4000
0.6
5.0
5.0
EEUFM1V221 ( )
200
500
330
10
16
1790
0.026
4000
0.6
5.0
5.0
EEUFM1V331 ( )
200
500
470
10
20
2180
0.019
5000
0.6
5.0
5.0
EEUFM1V471 ( )
200
500
560
10
25
2470
0.018
5000
0.6
5.0
5.0
EEUFM1V561L( )
200
500
680
12.5
20
2600
0.018
5000
0.6
5.0
5.0
EEUFM1V681 ( )
200
500
1000
12.5
25
3190
0.015
7000
0.6
5.0
5.0
EEUFM1V102 ( )
200
500
1200
12.5
30
3630
0.013
7000
0.8
5.0
EEUFM1V122L
100
1500
12.5
35
3750
0.012
7000
0.8
5.0
EEUFM1V152L
100
1200
16
20
3300
0.017
5000
0.8
7.5
7.5
EEUFM1V122S( )
100
250
1800
16
25
3820
0.014
7000
0.8
7.5
7.5
EEUFM1V182 ( )
100
250
22
5
11
250
0.340
2000
0.5
2.0
5.0 2.5
EEUFM1H220 ( )
200
2000
56
6
11.2
405
0.140
2000
0.5
2.5
5.0 2.5
EEUFM1H560 ( )
200
2000
100
8
11.5
870
0.061
3000
0.6
3.5
5.0
EEUFM1H101 ( )
200
1000
120
8
15
1140
0.045
3000
0.6
3.5
5.0
EEUFM1H121L( )
200
1000
180
8
20
1430
0.033
4000
0.6
3.5
5.0
EEUFM1H181L( )
200
1000
W.V.
Cap
(±20%)
Case size
Dia. Length
Ripple
current
(100kHz)
(+105
°C)
Impedance
(100kHz)
(+20
°C)
Endur-
ance
Specification
Lead size
Lead
Dia.
Lead space
Straight
Taping
i
B
i
H
Part No
Min.Packaging Qíty
Long
Lead
Taping
16
35
50
25


Similar Part No. - EEUFM1E470

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM1E470 PANASONIC-EEUFM1E470 Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
EEUFM1E470 PANASONIC-EEUFM1E470 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1E470 PANASONIC-EEUFM1E470 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1E470 PANASONIC-EEUFM1E470 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1E470 PANASONIC-EEUFM1E470 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors FM
More results

Similar Description - EEUFM1E470

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FM1A102L PANASONIC-EEU-FM1A102L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E331 PANASONIC-EEU-FM1E331 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1A471 PANASONIC-EEU-FM1A471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E101 PANASONIC-EEU-FM1E101 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1C152 PANASONIC-EEU-FM1C152 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1V151B PANASONIC-EEU-FM1V151B Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1E471 PANASONIC-EEU-FM1E471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E221BJ PANASONIC-EEU-FM1E221BJ Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V471 PANASONIC-EEU-FM1V471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V331L PANASONIC-EEU-FM1V331L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com