Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFM1E331 Datasheet(PDF) 1 Page - Pacific Silicon Sensor,Inc.

Part # EEUFM1E331
Description  Aluminum Electrolytic Capacitors/ FM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

EEUFM1E331 Datasheet(HTML) 1 Page - Pacific Silicon Sensor,Inc.

  EEUFM1E331 Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. EEUFM1E331 Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. EEUFM1E331 Datasheet HTML 3Page - Pacific Silicon Sensor,Inc. EEUFM1E331 Datasheet HTML 4Page - Pacific Silicon Sensor,Inc. EEUFM1E331 Datasheet HTML 5Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 EE79 
Aluminum Electrolytic Capacitors/ FM
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
-40 to + 105
°C
6.3 to 50 V .DC
22 to 6800 µ F
±20 % (120Hz/+20
°C)
Japan
Malaysia
China
Low impedance (40 to 70% less than FC Series)
Endurance : 2000 to 7000 hours at +105
°C
RoHS directive compliant
Radial Lead Type
n
Features
Category temp. range
Rated W.V. Range
Nominal Cap. Range
n
Specifications
DC Leakage Current
Capacitance Tolerance
I < 0.01 CV (µA)
after 2 minutes application of rated working voltage at +20
°C
After following life test with DC voltage and +105±2
°C ripple current value applied (The sum of
DC and ripple peak voltage shall not exceed the rated working voltage), the capacitors shall
meet the limits specified below.
Add 0.02 per 1000µF for products of 1000µF or more.
FM
Series:
Type :
A
W.V.
6.3
10
16
25
35
50
tan
δ 0.22 0.19 0.16 0.14 0.12 0.10
(max.) (120Hz/+20C
°)
tan
δ
Country of Origin
L
L <16:L+1.5max
φd±0.05
14 min
3min
φD+0.5 max
φ10<
φD+0.5 max
φ8>
L >20:L+2.0 max
Sleeve
Vent
n
Dimensions in mm (not to scale)
Body Dia.
φD
Body LengthL
Lead Dia.
φd
Lead space P
0.5
0.5
0.6
0.6
0.6
0.8
0.8
2
2.5
3.5
5.0
5.0
5.0
7.5
5
6.3
8
10
12.5
16
12.5 to 25 30 to 35
(mm)
60
120
1k
10k
100k
6.3 to 50
22 to
33
47 to 330
390 to 1000
1200 to 6800
n
Frequency correction factor for ripple current
W.V.(V.DC)
Capacitance
(µF)
Frequency(Hz)
0.45
0.60
0.65
0.75
0.55
0.70
0.75
0.80
0.75
0.85
0.90
0.95
0.90
0.95
0.98
1.00
1.00
1.00
1.00
1.00
Endurance
Shelf Life
Duration
φ5 to φ6.3: 2000 hours, φ8×11.5 to φ8×15: 3000 hours
φ8×20 to φ10×16: 4000 hours, φ10×20 to φ12.5×20/ φ16×20: 5000 hours
φ12.5×25 to φ12.5×35/ φ16×25: 7000 hours
Capacitance change
tan
δ
DC leakage current
±25% of initial measured value (6.3V to10V:±30%)
<
200 % of initial specified value
<
initial specified value
After storage for 1000 hours at +105±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitor shall meet the limits specified in Endurance.(With voltage treatment)


Similar Part No. - EEUFM1E331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM1E331 PANASONIC-EEUFM1E331 Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
EEUFM1E331 PANASONIC-EEUFM1E331 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1E331 PANASONIC-EEUFM1E331 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1E331 PANASONIC-EEUFM1E331 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1E331 PANASONIC-EEUFM1E331 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors FM
More results

Similar Description - EEUFM1E331

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FM1A102L PANASONIC-EEU-FM1A102L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E331 PANASONIC-EEU-FM1E331 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1A471 PANASONIC-EEU-FM1A471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E101 PANASONIC-EEU-FM1E101 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1C152 PANASONIC-EEU-FM1C152 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1V151B PANASONIC-EEU-FM1V151B Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1E471 PANASONIC-EEU-FM1E471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E221BJ PANASONIC-EEU-FM1E221BJ Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V471 PANASONIC-EEU-FM1V471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V331L PANASONIC-EEU-FM1V331L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com