Electronic Components Datasheet Search |
|
EEUFC1A821 Datasheet(PDF) 1 Page - Pacific Silicon Sensor,Inc. |
|
EEUFC1A821 Datasheet(HTML) 1 Page - Pacific Silicon Sensor,Inc. |
1 / 10 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ FC – EEE-63 – φ10< φd±0.05 Sleeve 14 min. 3 min. L✽ ( ✽φ8 15, φ16 15, φ18 15:L±1.5) Pressure relief φ6.3< But exclude 7 mm height ✽L<16:L±1.0 L >20:L ±2.0 + – φ4to φ8 φD±0.5 φD±0.5 ■ Features ● Endurance : 105 °C 1000 h to 5000 h ● Low impedance ● RoHS directive compliant Radial Lead Type Series: FC Type: A ■ Specifications Category Temp. Range –55 °C to +105 °C Rated W.V. Range 6.3 V.DC to 100 V.DC Nominal Cap. Range 1.0 µF to 15000 µF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current I < 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater) tan δ W.V. (V) 6.3 10 16 25 35 50 63 100 (120 Hz/+20 °C) tan δ 0.22 0.19 0.16 0.14 0.12 0.10 0.08 0.07 For capacitance value > 1000 µF, add 0.02 per every 1000 µF. Endurance After following life test with DC voltage and +105 °C±2 °C ripple current value applied (The sum of DC and ripple peak voltage shall not exceed the rated working voltage) when the capacitors are restored to 20 °C, the capacitors shall meet the limits specified bellow. Duration : φ4 to φ6.3: 1000 hours, φ8: 2000 hours , φ10: 3000 hours , φ12.5 to φ18: 5000 hours Capacitance change ±20 % of initial measured value tan δ < 200 % of initial specified value DC leakage current < initial specified value Shelf Life After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) W.V.(V.DC) Cap (µF) Frequency (Hz) 60 120 1 k 10 k 100 k 6.3 to 100 1.0 to 330 0.55 0.65 0.85 0.90 1.00 390 to 1000 0.70 0.75 0.90 0.95 1.00 1200 to 2200 0.75 0.80 0.90 0.95 1.00 2700 to 15000 0.80 0.85 0.95 1.00 1.00 ■ Frequency correction factor for ripple current L >11 L=7 Body Dia. φD4 5 6.3 8 10 12.516 18 4 5 6.3 Body Length L 15 to 25 30 to 40 Lead Dia. φd0.45 0.5 0.5 0.6 0.6 0.6 0.8 0.8 0.8 0.45 0.45 0.45 Lead space F 1.5 2.0 2.5 3.5 5.0 5.0 5.0 7.5 7.5 1.5 2.0 2.5 ■ Dimensions in mm (not to scale) (Unit : mm) 00 Nov. 2012 |
Similar Part No. - EEUFC1A821 |
|
Similar Description - EEUFC1A821 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |