Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38DDP11B20M2QT Datasheet(PDF) 5 Page - Grayhill, Inc

Part # 38DDP11B20M2QT
Description  SPDT, DPDT, 3PDT, 4PDT Circuitry UL Recognized
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

38DDP11B20M2QT Datasheet(HTML) 5 Page - Grayhill, Inc

  38DDP11B20M2QT Datasheet HTML 1Page - Grayhill, Inc 38DDP11B20M2QT Datasheet HTML 2Page - Grayhill, Inc 38DDP11B20M2QT Datasheet HTML 3Page - Grayhill, Inc 38DDP11B20M2QT Datasheet HTML 4Page - Grayhill, Inc 38DDP11B20M2QT Datasheet HTML 5Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Alternate Action Pushbutton Switches
SPECIFICATIONS
RATINGS
Contact Rating: Q & G option - 6A @ 125
VAC or 28 VDC or 28 VDC; 3A @ 250 VAC.
R option - 0.4 VA max @ 20 Vmax (AC or
DC)
Electrical Life: 50,000 make-and-break
cycles at full load
Contact Resistance: 10 milliohms max.
initial @ 2-4 VDC, 100 mA
Insulation Resistance: 1,000 megaohms
minimum
Dielectic Strength: 1,500 V RMS @ sea
level
Operating Temperature: -30°C to 85°C
MATERIALS
Case: Diallyl phthalate (DAP) (UL94V-0)
Plunger: Glass filled nylon or glass filled
polyester
Bushing: Zinc, nickel plated
Housing: Stainless steel
Terminal Seal: Epoxy
ORDERING INFORMATION
38D =
Alternate
Action
Pushbutton
Switches
Options:
SP1, DP1,
3P1, 4P1
(see models
for
switching
positions)
Options:
1, 2, 3, 4
(see
plunger
options)
Options: M1,
M2, M6, M7,
S2, S6 V2,
V3, V4, V5,
W1, W2, W3,
W4 (see
termination
options)
R = Copper
alloy, gold
plate over
nickel plate.
Q = Copper
alloy, silver
plated
G=Gold
plate over
silver plate
T = Lead
Free and
RoHS
Compliant
SERIES
MODEL NO.
PLUNGER
BUSHING
TERMINATION
CONTACT
SEAL
38D
SP1
B10
M1
Q
T
Options:
B10, B11,
B20, B21,
BD (see
bushing
options)
1
V4-V5
Vertical Bracket, P. C. Mount
SPDT
DPDT
Pushbutton
17


Similar Part No. - 38DDP11B20M2QT

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
38D-2-110-PL OENINDIA-38D-2-110-PL Datasheet
91Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
38D-2-110-SL OENINDIA-38D-2-110-SL Datasheet
91Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
38D-2-12-PL OENINDIA-38D-2-12-PL Datasheet
91Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
38D-2-12-SL OENINDIA-38D-2-12-SL Datasheet
91Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
38D-2-230-PL OENINDIA-38D-2-230-PL Datasheet
91Kb / 1P
   ICE CUBE STYLE INDUSTRIAL RELAY
More results

Similar Description - 38DDP11B20M2QT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
HDW3 GRAYHILL-HDW3 Datasheet
871Kb / 6P
   SPDT, DPDT, 3PDT, and 4DPT Circuitry
logo
American Zettler, Inc.
AZ1641 AZETTLER-AZ1641 Datasheet
425Kb / 3P
   SPDT through 4PDT arrangement
AZ1651 AZETTLER-AZ1651 Datasheet
375Kb / 3P
   SPDT through 4PDT arrangement
AZ1661 AZETTLER-AZ1661 Datasheet
226Kb / 3P
   SPDT through 4PDT arrangement
logo
Surge Components
2W005M SURGE-2W005M Datasheet
129Kb / 2P
   ul recognized
logo
Dow-Key Microwave Corpo...
33D00100 DOW-KEY-33D00100 Datasheet
729Kb / 2P
   SPDT/DPDT Waveguide
logo
Japan Aviation Electron...
DW1 JAE-DW1 Datasheet
1Mb / 13P
   UL Recognized Product
logo
C&K Components
KLS CK-COMPONENTS-KLS Datasheet
499Kb / 4P
   Illuminated SPDT/DPDT Pushbutton
8 Jul 20
logo
Microsemi Corporation
GG72130 MICROSEMI-GG72130 Datasheet
91Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES w/ Bias Circuitry
logo
ORION FANS
OA300 ORIONFANS-OA300 Datasheet
4Mb / 2P
   UL and cUL Recognized
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com