Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62F08-01-040S-L Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 62F08-01-040S-L
Description  Integrated Self-Lighting System for Knob Illumination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62F08-01-040S-L Datasheet(HTML) 2 Page - Grayhill, Inc

  62F08-01-040S-L Datasheet HTML 1Page - Grayhill, Inc 62F08-01-040S-L Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Pushbutton Switch Ratings
Rating: 5 Vdc, 10 mA, resistive
Contact Resistance: less than 10 ohms
(TTL or CMOS compatible)
Pushbutton Life: 3 million actuations
minimum
Contact Bounce: less than 4 mS at make
and less than 10 mS at break
Actuation Force: 1000 ± 300 grams
Pushbutton Travel: .010/.025 inch
Switch Ratings
Coding: 2-bit quadrature coded output
Operating Voltage: 5.0 ±.25 Vdc
Voltage Breakdown: 250 Vac between
mutually insulated parts
Supply Current: 30 mA maximum
Logic Output Characterisitics:
Logic High: 3.8 Vdc minimum
Logic Low: 0.8 Vdc maximum
Rotational Life: 1,000,000 cycles minimum
(One cycle is a rotation through all positions
and a full return)
Minimum Sink Current: 2.0 mA
Power Consumption: 150mW maximum
Optical Rise and Fall Times: less than 30
mS maximum
Operating Torque:
Detent: 2.0 ±1.4 in-oz initially
Non-detent: less than 1.5 in-oz initially
Shaft Push Out Force: 45 lbs minimum
Mounting Torque: 15 in-lbs maximum
Terminal Strength: 15 lbs cable pull-out force
minimum
Operating Speed: 100 RPM maximum
Axial Shaft Play: .010 maximum
Environmental Ratings
OperatingTemperatureRange: -40°C to 85°C
StorageTemperatureRange:-55°Cto100°C
Relative Humidity: 90–95% at 40°C for 96
hours
Vibration Resistance: Harmonic motion with
amplitude of 15G's, within a varied 10 to 2000
Hz frequency for 12 hours per MIL-STD-202,
Method 204
Mechanical Shock: Test 1: 100G for 6 mS,
half sine, 12.3 ft/s; Test 2: 100G for 6 mS,
sawtooth, 9.7 ft/s
Materials and Finishes
Code Housing: Reinforced thermoplastic
Series
Angle of Throw: Detent
Non-detent
11 = 11.25° or 32 pos.
01 = 11.25° or 32 positions
15 = 15° or 24 positions
05 = 15° or 24 positions
18 = 18° or 20 pos.
08 = 18° or 20 positions
22 = 22.5° or 16 positions
02 = 22.5° or 16 positions
Pushbutton Option: 01 = w/o pushbutton, 02 = with pushbutton
62F22-01-040S-L
LED: blank = no LED, L = supplied with LED
Termination: S = Stripped cable; S-L = Stripped cable, LED;
C = Connector; C-L = Connector, LED; P = Pin; P-L = Pin, LED
Cable Termination: 040 = 4.0in. Cable is terminated with Amp P/N 215083-6.
See Amp Mateability guide for mating connector details.
*Eliminate cable length if ordering pins. (Ex: 62A22-02-P)
ORDERING INFORMATION
Available from your local Grayhill Component Distributor. For prices and discounts, contact a local Sales Office, an authorized local
Distributor, or Grayhill.
Custom materials, styles, colors, and markings are available. Control knobs available.
Shaft: Aluminum
Bushing: Zinc casting
Shaft Retaining Ring: Stainless steel
Detent Spring: Stainless steel
Printed Circuit Boards: NEMA grade FR-4
gold over nickel or palladium
Terminals: Brass, tin-plated
MountingHardware:Onebrass,nickel-plated
nut and zinc-plated spring steel with clear
trivalent chromate finish lockwasher supplied
with each switch. (Nut is 0.094 inches thick by
0.433 inches across flats)
Rotor: Thermoplastic
Code Housing: Thermoplastic
Pushbutton Dome: Stainless steel
Dome Retaining Disk: Thermoplastic
Pushbutton Housing: Thermoplastic
Phototransistor: Planar Silicon NPN
Pushbutton Contact: Brass, nickel-plated
Flex Cable: 28 AWG, stranded/top coated
wire, PVC coated on .050 or .100" centers
(cabled version)
Header Pins: Phospher bronze, tin-plated
Spacer: ABS
Backplate/Strain Relief: Stainless steel
Light Pipe: Thermoplastic
LED Housing: Thermoplastic
Indicates logic high; blank indicates
logic low. Code repeats every 4 positions.
Clockwise Rotation
Position
Output A
Output B
1
2
3
4
OUTPUT
A
OUTPUT
B
HIGH
LOW
HIGH
LOW
POSITION NUMBER
1
2
3
4
5
6
CIRCUITRY, TRUTH TABLE, AND WAVEFORM Standard Quadrature 2-Bit Code
* EXTERNAL PULL-UP RESISTORS REQUIRED FOR OPERATION (2.2k).
** Circuit shown with on-board lighting system. Versions without on-board lighting ** sys-
tem do not have LED power connections. Refer to standard 62A series for circuitry.
5%
150
R*
R*
SWITCH
PUSHBUTTON
NORMALLY OPEN
2
3
1
4
5
6
7
8
GROUND
GROUND
(LED)
POWER +5 V
OUTPUT B
OUTPUT A
POWER +5 V
PIN #s
.244 (6,20)
C
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders


Similar Part No. - 62F08-01-040S-L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62F08-01-040S-L GRAYHILL-62F08-01-040S-L Datasheet
5Mb / 33P
   Custom, Absolute
62F08-01-040S-L-L GRAYHILL-62F08-01-040S-L-L Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 62F08-01-040S-L

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62F11-02-050S GRAYHILL-62F11-02-050S Datasheet
446Kb / 2P
   Integrated Self-Lighting System for Knob Illumination
logo
Ledil, Inc.
CA11890 LEDIL-CA11890 Datasheet
1Mb / 5P
   Beam for area lighting with shorter illumination distances
C11889 LEDIL-C11889 Datasheet
1Mb / 7P
   Beam for area lighting with shorter illumination distances
CA11817 LEDIL-CA11817 Datasheet
1Mb / 5P
   Beam for area lighting with shorter illumination distances.
CA12311 LEDIL-CA12311 Datasheet
1Mb / 4P
   Beam for area lighting with shorter illumination distances
logo
BetLux Electronics
BL-HP15E-10W BETLUX-BL-HP15E-10W Datasheet
228Kb / 4P
   10W LEDs suitable for illumination lamps and decorative lighting
logo
Sanken electric
SEL2013 SANKEN-SEL2013_08 Datasheet
439Kb / 2P
   3phi Inverted-Cone LEDs (for lighting-panels and illumination)
logo
BetLux Electronics
BL-HP7E-1W BETLUX-BL-HP7E-1W Datasheet
236Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP9E-1W BETLUX-BL-HP9E-1W Datasheet
218Kb / 4P
   1W LEDs , suitable for illumination lamps and decorative lighting
BL-HP39E-100W BETLUX-BL-HP39E-100W Datasheet
128Kb / 3P
   30W LEDs suitable for illumination lamps and decorative lighting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com